Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMP8-3L0-2E2-1Q1-4LL044-A Datasheet(PDF) 5 Page - Emerson Network Power

Part # IMP8-3L0-2E2-1Q1-4LL044-A
Description  Up to 1500 Watts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IMP8-3L0-2E2-1Q1-4LL044-A Datasheet(HTML) 5 Page - Emerson Network Power

  IMP8-3L0-2E2-1Q1-4LL044-A Datasheet HTML 1Page - Emerson Network Power IMP8-3L0-2E2-1Q1-4LL044-A Datasheet HTML 2Page - Emerson Network Power IMP8-3L0-2E2-1Q1-4LL044-A Datasheet HTML 3Page - Emerson Network Power IMP8-3L0-2E2-1Q1-4LL044-A Datasheet HTML 4Page - Emerson Network Power IMP8-3L0-2E2-1Q1-4LL044-A Datasheet HTML 5Page - Emerson Network Power IMP8-3L0-2E2-1Q1-4LL044-A Datasheet HTML 6Page - Emerson Network Power IMP8-3L0-2E2-1Q1-4LL044-A Datasheet HTML 7Page - Emerson Network Power IMP8-3L0-2E2-1Q1-4LL044-A Datasheet HTML 8Page - Emerson Network Power IMP8-3L0-2E2-1Q1-4LL044-A Datasheet HTML 9Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Rev. 7.9.09_77
iMP Series
 of 9
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
DC-DC Converter Output Modules
Control Signal Information, J1 Control Connector
Pin No.
Function
1
+ Remote Sense
single or dual o/p main
2
Remote Margin / V. Program
single o/p
3
Margin High
single o/p
4
- Remote Sense / Margin Low single or dual o/p main
5
Spare
6
Module, Isolated Inhibit
single or dual o/p
7
Module Inhibit return
single or dual o/p
8
Current Share (SWP)
single or dual o/p main
9
+ Remote Sense V2
dual o/p, single is spare
10
- Remote Sense V2
dual o/p, single is spare
*Note: All iMP modules have a green DCOK LED.
(except for 36 W module)
.63”
(16.0)
.32”
(8.1)
.33”
(8.5)
V ADJ
V-
V+
M 4 X 8 SCREWS WITH
CONICAL WASHER
DC OUTPUT CONNECTOR
PIN 1
.32"
(8.1)
.44” (11.2)
2X
V+
M4X8 SCREWS WITH CONICAL WASHER
DC OUTPUT CONNECTOR
PIN 1
V-
V ADJ
PIN 1
V2 ADJ
.32
(8.1)
.42 (10.7)
V1 +
V1 -
V2 +
M3X8 SCREWS WITH SPRING WASHER
(4X)
.46 (11.7)
(4X)
.30 (7.5)(3X)
V1 ADJ
1.17 (29.7)
V2 -
Single 210 Watt
Dual 144 Watt
Single 360 Watt
Single 750 Watt
i
MP Modules
Mechanical Drawings
Triple 36 Watt
V1 ADJ
V2 ADJ
V3 ADJ
V1+
V3+
V1-
V2+
V2-
V3-
.32"
(8.1)
.59"
(15.0)
.63"
(16.0)
V+
V-
M4X8
SC
REWS
(4X)
V ADJ
PIN
1
DC
OUTP
UT
CONNE
CTOR
V1 +
V1 -
V2 -
V3 -
V3 +
V2 +
Mates with
Molex 09-91-0600 Housing
26-60-5060 Pin
Figure 1. AC Input
1
2
3
~
N
6
1
10
5
Figure 2. Connector J1
Mates with
Molex 90142-0010 Housing
90119-2110 Pin
Figure 4. Connector J


Similar Part No. - IMP8-3L0-2E2-1Q1-4LL044-A

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
IMP8-3A0-00-A-XXX ASTEC-IMP8-3A0-00-A-XXX Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
IMP8-3A0-02-A-XXX ASTEC-IMP8-3A0-02-A-XXX Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
IMP8-3A1-00-A-XXX ASTEC-IMP8-3A1-00-A-XXX Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
IMP8-3A1-02-A-XXX ASTEC-IMP8-3A1-02-A-XXX Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
IMP8-3B0-00-A-XXX ASTEC-IMP8-3B0-00-A-XXX Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
More results

Similar Description - IMP8-3L0-2E2-1Q1-4LL044-A

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Astec America, Inc
IMP ASTEC-IMP Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
logo
Vicor Corporation
VI-ARMX1XX VICOR-VI-ARMX1XX Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
VI-ARM VICOR-VI-ARM_17 Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
VI-ARM VICOR-VI-ARM Datasheet
302Kb / 12P
   Autoranging Rectifier Modules Up to 1500 Watts
logo
XP Power Limited
HDS1500PS12 XPPOWER-HDS1500PS12 Datasheet
1Mb / 6P
   1500 Watts
logo
Wall Industries,Inc.
LANK WALL-LANK Datasheet
95Kb / 2P
   UP TO 4 WATTS
logo
XP Power Limited
HPU1K5PS12 XPPOWER-HPU1K5PS12 Datasheet
2Mb / 8P
   Output Power up to 1500 W
logo
Artesyn Technologies
IMP1-3L0-2E2-1Q1-4LL0 ARTESYN-IMP1-3L0-2E2-1Q1-4LL0 Datasheet
3Mb / 9P
   Total Power: Up to 1500 W
logo
XP Power Limited
HPU1K5 XPPOWER-HPU1K5_16 Datasheet
784Kb / 4P
   1500 Watts HPU1K5 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com