Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMP1-3L0-2E2-1Q1-4LL044-A Datasheet(PDF) 2 Page - Emerson Network Power

Part # IMP1-3L0-2E2-1Q1-4LL044-A
Description  Up to 1500 Watts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IMP1-3L0-2E2-1Q1-4LL044-A Datasheet(HTML) 2 Page - Emerson Network Power

  IMP1-3L0-2E2-1Q1-4LL044-A Datasheet HTML 1Page - Emerson Network Power IMP1-3L0-2E2-1Q1-4LL044-A Datasheet HTML 2Page - Emerson Network Power IMP1-3L0-2E2-1Q1-4LL044-A Datasheet HTML 3Page - Emerson Network Power IMP1-3L0-2E2-1Q1-4LL044-A Datasheet HTML 4Page - Emerson Network Power IMP1-3L0-2E2-1Q1-4LL044-A Datasheet HTML 5Page - Emerson Network Power IMP1-3L0-2E2-1Q1-4LL044-A Datasheet HTML 6Page - Emerson Network Power IMP1-3L0-2E2-1Q1-4LL044-A Datasheet HTML 7Page - Emerson Network Power IMP1-3L0-2E2-1Q1-4LL044-A Datasheet HTML 8Page - Emerson Network Power IMP1-3L0-2E2-1Q1-4LL044-A Datasheet HTML 9Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev. 7.9.09_77
iMP Series
 of 9
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Output Module Line-up
Operating temperature:
-40 ° to 70 °C ambient. Derate each output 2.5% per degree from 50 °C to 70 °C. ( -20 °C start up)
Storage temperature:
-40 °C to 85 °C
Electromagnetic susceptibility:
Designed to meet EN61000-4; -2, -3, -4, -5, -6, -8, -11 Level 3
Humidity:
Operating; non-condensing 10% to 95% RH
Vibration:
IEC68-2-6 to the levels of IEC721-3-2
MTBF demonstrated
> 550,000 hours at full load, 220 Vac and 25 °C ambient conditions
Environmental Specifications
Output
Adjustment range:*
± 10% minimum all outputs (manual)
(full module adjustment range using I2C)
Factory set point accuracy:
± 1%
I2C output program
accuracy:
± 5%
Margining:
± 4 - 6% nominal analog
(single output module only)
Overall regulation:
0.4% or 20 mV max.
(36 W modules 4% maximum)
Ripple:
RMS: 0.1% or 10mV, whichever is greater
Pk-Pk: 1.0% or 50mV, whichever is greater
Bandwidth limited to 20 MHz
Dynamic response:
< 2% or 100 mV, with 25% load step
Recovery time:
To within 1% in < 300 µsec
Overcurrent
protection:**
Configurable through I2C (calibration required).
Single output module and main output of the
dual output module 105 - 120% of rated output
current. Aux output of dual output module 105
- 140% of rated output current
Short-circuit protection:
Protected for continuous short-circuit
Recovery is automatic upon removal of short
Overvoltage protection:*
Configurable through I2C
Single output module:
2 - 5.5 V 122 - 134% ; 6 - 60 V 110 - 120%
Dual output module:
2 - 6 V 122 - 134% ; 8 - 28 V 110 - 120%
Triple output module:
110 - 120% of highest voltage rating
Output Continued
Reverse voltage protection: 100% of rated output current
Thermal protection:*
(OTP and OTW)
Configurable through I2C
All outputs disabled when internal temp
exceeds safe operating range. > 5 ms warning
(AC OK signal) before shutdown
Remote sense:
Up to 0.5 V total drop (not available on triple
output module)
Single wire parallel:
Current share to within 2% of total rated
current
DC OK:*
± 5% of nominal. Configurable through I2C
Minimum load:
Not required
Housekeeping standby:
5 Vdc @ 1.0 A max. present whenever AC input
is applied (Optional 2.0 A available)
Module inhibit:*
Configured and controlled through I2C
Switching frequency:
250k Hz accepts external sync signal
Output/Output isolation:
>1 Megohm, 500 V
External sync:
TTL clock input signal used to adjust switching
frequency. Frequency 500 kHz ± 20%; Duty
cycle 40 - 55%
* Can be controlled via I2C
** Controlled via I2C but requires load calibration
Module Code
1
2
3
4
Module Type
Single
Single
Single
Dual
Triple
Max output power
210 W
360 W
750 W
144 W
36 W
Max output current
35 A
60 A
150 A
10 A
2 A
Output voltages available*
2-60 V
2-60 V
2-60 V
8 - 15*, 24 - 28; 8 - 15*, 8 - 15*; 8 - 15*,
2 - 6; 2 - 6, 2 - 6; 24 - 28, 24 - 28;
24 - 28, 2 - 6
8-15, 8-15, 2-6; 8-15, 8-15, 8-15; 8-15,
8-15, 18-28; 8-15, 18-28, 2-6
Standard voltage increments
25
25
25
16
18
Remote sense
Yes
Yes
Yes
Yes
Yes
No
Remote margin
Yes
Yes
Yes
No
No
No
V-Program - I2C Control
Yes
Yes
Yes
Yes
Yes
No
Active Current Share
Yes
Yes
Yes
Yes
No
No
Module Inhibit - I2C Control
Yes
Yes
Yes
Yes
Yes
Yes
Module Inhibit - Analog
Yes
Yes
Yes
Yes
No
No
Overvoltage/Overcurrent
protection
Yes
Yes
Yes
Yes
Yes
Yes
Minimum load required
No
No
No
No
No
No
Slots occupied in any iVS case
1
2
3
1
1
* Note: Contact Factory for extended range down to 6 V


Similar Part No. - IMP1-3L0-2E2-1Q1-4LL044-A

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
IMP1-3L0-2E2-1Q1-4LL0 ARTESYN-IMP1-3L0-2E2-1Q1-4LL0 Datasheet
3Mb / 9P
   Total Power: Up to 1500 W
More results

Similar Description - IMP1-3L0-2E2-1Q1-4LL044-A

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Astec America, Inc
IMP ASTEC-IMP Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
logo
Vicor Corporation
VI-ARMX1XX VICOR-VI-ARMX1XX Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
VI-ARM VICOR-VI-ARM_17 Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
VI-ARM VICOR-VI-ARM Datasheet
302Kb / 12P
   Autoranging Rectifier Modules Up to 1500 Watts
logo
XP Power Limited
HDS1500PS12 XPPOWER-HDS1500PS12 Datasheet
1Mb / 6P
   1500 Watts
logo
Wall Industries,Inc.
LANK WALL-LANK Datasheet
95Kb / 2P
   UP TO 4 WATTS
logo
XP Power Limited
HPU1K5PS12 XPPOWER-HPU1K5PS12 Datasheet
2Mb / 8P
   Output Power up to 1500 W
logo
Artesyn Technologies
IMP1-3L0-2E2-1Q1-4LL0 ARTESYN-IMP1-3L0-2E2-1Q1-4LL0 Datasheet
3Mb / 9P
   Total Power: Up to 1500 W
logo
XP Power Limited
HPU1K5 XPPOWER-HPU1K5_16 Datasheet
784Kb / 4P
   1500 Watts HPU1K5 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com