Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC2246AKEC1 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # TMC2246AKEC1
Description  Image Filter 11 x 10 bit, 60 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2246AKEC1 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  TMC2246AKEC1 Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC2246AKEC1 Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC2246AKEC1 Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC2246AKEC1 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2246AKEC1 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2246AKEC1 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2246AKEC1 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2246AKEC1 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2246AKEC1 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TMC2246A
PRODUCT SPECIFICATION
REV. 1.0.3 9/11/00
5
Pin Descriptions
Pin Name
Pin Number
Pin Function Description
CPGA/PPGA/
MPGA
MQFP
Power
VDD
F3, H3, L7, C8
12, 20, 46, 102
Supply Voltage. The TMC2246A operates from a single +5V
supply. All power and ground pins must be connected.
GND
E3, G3, J3, L6,
H11, C7
8, 16, 24, 42,
72, 106
Ground. The TMC2246A operates from a single +5V supply. All
power and ground pins must be connected.
Clock
CLK
C3
1
System Clock. The TMC2246A operates from a single master
clock input. The rising edge of clock strobes all enabled registers.
All timing specifications are referenced to the rising edge of CLK.
Inputs
D19-0
M1, K3, L2, N1,
L3, M2, N2, L4,
M3, N3
27, 28, 29, 30,
31, 32, 33, 34,
35, 36
Data Input Ports. D1 through D4 are the 10-bit data input ports.
The LSB is Dx0.
D29-0
J12, K13, J11,
K12, L13, L12,
K11, M13, M12,
L11
70, 69, 68, 67,
66, 65, 64, 63,
62, 61
D39-0
J13, H12, H13,
G12, G11, G13,
F13, F12, F11,
E13
71, 73, 74, 75,
76, 77, 78, 79,
80, 81
D49-0
B4, C5, A4, B5,
A5, C6, B6, A6,
A7, B7
115, 114, 113,
112, 111, 110,
109, 108, 107,
105
C110-0
M4, L5, N4, M5,
N5, M6, N6, M7,
N7, N8, M8
37, 38, 39, 40,
41, 43, 44, 45,
47, 48, 49
Coefficient Input Ports. C1 through C4 are the 11-bit coefficient
input ports. The LSB is Cx0.
C210-0
N13, M11, L10,
N12, N11, M10,
L9, N10, M9,
N9, L8
60, 59, 58, 57,
56, 55, 54, 53,
52, 51, 50
C310-0
E12, D13, E11,
D12, C13, B13,
D11, C12, A13,
C11, B12
82, 83, 84, 85,
86, 87, 88, 89,
90, 91, 92
C410-0
A8, B8, A9, B9,
A10, C9, B10,
A11, B11, C10,
A12
104, 103, 101,
100, 99, 98, 97,
96, 95, 94, 93
Outputs
S15-0
C1, D2, D1, E2,
E1, F2, F1, G2,
G1, H1, H2, J1,
J2, K1, K2, L1
6, 7, 9, 10, 11,
13, 14, 15, 17,
18, 19, 21, 22,
23, 25, 26
Sum Output. The current 16-bit result is available at the Sum
output. The LSB is S0. See the Functional Block Diagram.


Similar Part No. - TMC2246AKEC1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2246AKEC1 FAIRCHILD-TMC2246AKEC1 Datasheet
266Kb / 18P
   Image Filter 11 x 10 bit, 60 MHz
More results

Similar Description - TMC2246AKEC1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2246A FAIRCHILD-TMC2246A Datasheet
266Kb / 18P
   Image Filter 11 x 10 bit, 60 MHz
logo
LOGIC Devices Incorpora...
LF2246 LODEV-LF2246 Datasheet
248Kb / 7P
   11 x 10-bit Image Filter
logo
KR Electronics, Inc.
2884-SMA KR-2884-SMA Datasheet
98Kb / 3P
   11 MHz Lowpass Filter
logo
Intersil Corporation
HSP48901 INTERSIL-HSP48901_04 Datasheet
146Kb / 8P
   3 x 3 Image Filter
HSP48901 INTERSIL-HSP48901 Datasheet
62Kb / 9P
   3 x 3 Image Filter
logo
Renesas Technology Corp
HSP48901 RENESAS-HSP48901 Datasheet
305Kb / 8P
   3 x 3 Image Filter
July 2004
logo
Fairchild Semiconductor
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
   Digital Mixer 12 x 12 Bit, 60 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA2634A TAI-SAW-TA2634A Datasheet
464Kb / 8P
   SAW Filter 2140 MHz BW 60 MHz SMD 1.4 x 1.1mm
logo
API Technologies Corp
SF0434BA02507S APITECH-SF0434BA02507S Datasheet
138Kb / 3P
   434 MHz SAW Filter 11 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0434BA02507S SPECTRUM-SF0434BA02507S Datasheet
138Kb / 3P
   434 MHz SAW Filter 11 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com