Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC22091R0C Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # TMC22091R0C
Description  Digital Video Encoders/Layering Engine
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22091R0C Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  TMC22091R0C Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC22091R0C Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC22091R0C Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC22091R0C Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC22091R0C Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC22091R0C Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC22091R0C Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC22091R0C Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC22091R0C Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
Features
• All-digital video encoding
• Internal digital oscillators, no crystals required
• Multiple input formats supported
– 24-bit and 15-bit GBR/RGB
–YCBCR422 or 444
– Color indexed
• 30 overlay colors (TMC22191)
• Fully programmable timing
• Supports input pixel rates of 10 to 15 Mpps
• 256 x 8 x 3 color look-up tables (bypassable on
TMC22191)
• 8-bit mask register
• 8-bit composite digital video input
• Hardware and 24-bit data keying
• Synchronizes with TMC22071 Genlocking Video
Digitizer
• 8:8:8 video reconstruction
• SMPTE 170M NTSC or CCIR Report 624 PAL
compatible
• Supports PAL-M and NTSC without pedestal
• Simultaneous S-VIDEO (Y/C) NTSC/PAL output
• 10-bit D/A conversion (three channels)
• Controlled edge rates
• 3 power-down modes
• Built-in color bars and modulated ramp test signals
• JTAG (IEEE Std 1149.1-1990) test interface
• Single +5V power supply
• 84 lead PLCC package
• 100 lead MQFP package
Description
The TMC22x91 digital video encoders convert digital com-
puter image or graphics data (in RGB, YCBCR, or color
indexed format) or a CCIR-601 signal into a standard analog
baseband television (NTSC or PAL) signal with a modulated
color subcarrier.
Both composite (single lead) and S-VIDEO (separate
chroma and luma) formats are active simultaneously at the
three analog output pins, each of which generates a standard
video-level signal into doubly-terminated 75
Ω load.
The TMC22x91 accepts digitized video from the companion
TMC22071 Genlocking Video Digitizer. Soft switching
between video sources is done under either hardware or
programmable data control.
The TMC22191 offers 4-layer keying capability, bypassable
CLUT, and 30 Overlay colors.
The TMC22x91 is fabricated in a submicron CMOS process
and packaged in an 84 Lead Plastic Leadless Chip Carrier, or
in a 100 Lead Metric Quad Flat Pack. Performance is guar-
anteed from 0
°C to 70°C.
Logic Symbol
PD23-0
24
PDC
CHROMA
LUNA
COMPOSITE
VHSYNC
VVSYNC
GHSYNC
GVSYNC
CS
R/W
KEY
TDI
TMS
TCK
LDV
PXCK
TDO
VREF
COMP
RREF
BYPASS
RESET
27008A
TMC22x91
DIGITAL
VIDEO
ENCODER
CVBS7-0
8
D7-0
8
A1-0
2
OL4-0
6
BYPASS and OL4:0 on TMC22191 only.
TMC22091/TMC22191
Digital Video Encoders/Layering Engine
Rev. 1.1.0
www.cadeka.com


Similar Part No. - TMC22091R0C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC22091R0C FAIRCHILD-TMC22091R0C Datasheet
293Kb / 60P
   Digital Video Encoders/Layering Engine
More results

Similar Description - TMC22091R0C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC22091 FAIRCHILD-TMC22091 Datasheet
293Kb / 60P
   Digital Video Encoders/Layering Engine
logo
NXP Semiconductors
SAA7184 PHILIPS-SAA7184 Datasheet
170Kb / 36P
   Digital Video Encoders DENC2-M6
1996 Jul 03
logo
Future Technology Devic...
FT810Q-X FTDI-FT810Q-X Datasheet
2Mb / 60P
   Embedded Video Engine
logo
Bridgetek Pte Ltd.
BT815Q BRIDGETEK-BT815Q Datasheet
2Mb / 64P
   Embedded Video Engine
Version 1.0
FT801 BRIDGETEK-FT801 Datasheet
1Mb / 44P
   Embedded Video Engine
Version 1.3
FT800Q BRIDGETEK-FT800Q Datasheet
1Mb / 46P
   Embedded Video Engine
Version 1.4
logo
Future Technology Devic...
FT800 FTDI-FT800 Datasheet
1Mb / 55P
   Embedded Video Engine
logo
Synaptics Incorporated.
BT864A CONEXANT-BT864A Datasheet
363Kb / 4P
   High Performance YCrCb to NTSC/PAL Digital Video Encoders
logo
Bridgetek Pte Ltd.
BT817A BRIDGETEK-BT817A Datasheet
1Mb / 58P
   Automotive Advanced Video Engine
Version 1.0
FT810Q BRIDGETEK-FT810Q Datasheet
1Mb / 63P
   Advanced Embedded Video Engine
Version 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com