Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC22071AKHC Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # TMC22071AKHC
Description  Genlocking Video Digitizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22071AKHC Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button TMC22071AKHC Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC22071AKHC Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC22071AKHC Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC22071AKHC Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC22071AKHC Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC22071AKHC Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC22071AKHC Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC22071AKHC Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC22071AKHC Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
PRODUCT SPECIFICATION
TMC22071A
6
Analog Interface
VREF
38
70
+1.23 V
VREF input/output. +1.23 Volt reference. When the internal voltage
reference is used, this pin should be decoupled to AGND with a 0.1
mF capacitor. An external +1.2 Volt reference may be connected
here, overriding the internal reference source.
COMP
48
88
0.1
mF
Compensation capacitor. Compensation for DDS D/A converter
circuitry. This pin should be decoupled to VDDA with a 0.1
mF
capacitor.
RT,RB
36, 28
68
0.1
mF
A/D VREF decoupling. Decoupling points for A/D converter voltage
references. These pins should be decoupled to AGND with a 0.1
mF
capacitor.
PLL Filter
DDS OUT
45
82
Internal DDS output. Analog output from the internal Direct Digital
Synthesizer D/A converter, at 1/9 the PXCK frequency.
PFD IN
43
77
Horizontal PLL input. Analog input to the Phase/Frequency
Detector of the horizontal phase-locked loop.
CBYP
42
75
1
mF
Comparator bypass. Decoupling point for the internal comparator
reference of the Phase/Frequency Detector. This pin should be
decoupled to AGND with a 0.1
mF capacitor.
Power Supply
VDDA
23, 25,
26, 30,
33, 40,
47
49, 51,
52, 60,
64, 73,
87
+5 V
Analog power supply. Positive power supply to analog section.
VDD
1, 7,18,
22, 52,
58,59,63
6, 18,
26, 42,
44, 48,
92, 98,
100
+5 V
Digital power supply. Positive power supply to digital section.
Ground
AGND
24, 27,
32, 35,
37, 39,
41, 44,
49,
50, 55,
63, 67,
69, 72,
74, 81,
89
0.0 V
Analog ground. Ground for analog section.
DGND
8, 15,
16, 20,
21, 50,
55-57,
65, 68
8, 16,
27, 38,
39, 41,
46, 47,
90, 95-
97
0.0 V
Digital ground. Ground for digital section.
Pin Definitions (continued)
Pin Name
Pin Number
Pin Type
Function
68 pin
PLCC
100 pin
MQFP


Similar Part No. - TMC22071AKHC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC22071AKHC1 FAIRCHILD-TMC22071AKHC1 Datasheet
125Kb / 24P
   Genlocking Video Digitizer
More results

Similar Description - TMC22071AKHC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2072 FAIRCHILD-TMC2072 Datasheet
160Kb / 21P
   Genlocking Video Digitizer
TMC22071A FAIRCHILD-TMC22071A Datasheet
125Kb / 24P
   Genlocking Video Digitizer
logo
Analog Devices
AD9502 AD-AD9502 Datasheet
2Mb / 8P
   Hybrid RS-170 Video Digitizer
AD9502 AD-AD9502_15 Datasheet
2Mb / 8P
   HYBRID PS 179 VIDEO DIGITIZER
logo
Intersil Corporation
ISL98001 INTERSIL-ISL98001_07 Datasheet
370Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98001 INTERSIL-ISL98001 Datasheet
474Kb / 31P
   Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
ISL98001 RENESAS-ISL98001 Datasheet
1Mb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 RENESAS-ISL98002 Datasheet
1Mb / 28P
   Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
470Kb / 31P
   Triple Video Digitizer with Digital PLL
September 21, 2010
ISL98002 INTERSIL-ISL98002 Datasheet
510Kb / 28P
   Triple Video Digitizer with Digital PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com