Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC3033R2C80 Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # TMC3033R2C80
Description  Triple Video D/A Converter 10 bit, 80 Msps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC3033R2C80 Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

Back Button TMC3033R2C80 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC3033R2C80 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC3033R2C80 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC3033R2C80 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC3033R2C80 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC3033R2C80 Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC3033R2C80 Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC3033R2C80 Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC3033R2C80 Datasheet HTML 12Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TMC3033
PRODUCT SPECIFICATION
8
Switching Characteristics
Notes:
1. Values shown in Typ column are typical for VDD = +3.3V and TA = 25
°C.
2. VREF = 1.235V, RLOAD = 37.5
Ω, RREF = 572Ω.
System Performance Characteristics
Notes:
1. Values shown in Typ column are typical for VDD = +3.3V and TA = 25
°C.
2. VREF = 1.235V, RLOAD = 37.5
Ω, RREF = 572Ω.
Timing Diagram
Parameter
Conditions2
Min
Typ1
Max
Units
tD
Clock to Output Delay
VDD = Min
10
15
ns
tSKEW
Output Skew
1
2
ns
tR
Output Risetime
10% to 90% of Full Scale
3
4
ns
tF
Output Falltime
90% to 10% of Full Scale
3
4
ns
tSET
Output Settling Time
to 3%/FS
15
ns
Parameter
Conditions
2
Min
Typ
1
Max
Units
ELI
Integral Linearity Error
VDD, VREF = Nom
±0.1
±0.25
%/FS
ELD
Differential Linearity Error
VDD, VREF = Nom
±0.1
±0.25
%/FS
EDM
DAC to DAC Matching
VDD, VREF = Nom
7
10
%
VOF
Output Offset Current
VDD = Max, R, G, B = 000h
20
mA
PSR
Power Supply Rejection
0.05
%/%
CLK
PIXEL DATA
& CONTROLS
OUTPUT
65-3003-03
DataN
DataN+1
DataN+2
tPWL
tS
tH
50%
3%/FS
90%
10%
tD
tSET
tF
tR
tPWH
1/fS


Similar Part No. - TMC3033R2C80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC3033R2C80 FAIRCHILD-TMC3033R2C80 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
More results

Similar Description - TMC3033R2C80

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Fairchild Semiconductor
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
   Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Cadeka Microcircuits LL...
TMC3503 CADEKA-TMC3503 Datasheet
171Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Texas Instruments
THS8133 TI-THS8133 Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
logo
List of Unclassifed Man...
SPT7868 ETC1-SPT7868 Datasheet
47Kb / 5P
   10-BIT,80 MSPS A/D CONVERTER
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
M65533FP MITSUBISHI-M65533FP Datasheet
119Kb / 16P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com