Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC2242AKTC Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # TMC2242AKTC
Description  Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2242AKTC Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button TMC2242AKTC Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC2242AKTC Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC2242AKTC Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2242AKTC Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2242AKTC Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2242AKTC Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2242AKTC Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2242AKTC Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC2242AKTC Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
PRODUCT SPECIFICATION
TMC2242A/TMC2242B
6
Table 2. Impulse Response
Input = 0, 0, 0, …, 0, 400h, 0, …, 0, 0, 0
INT = DEC = TCO = 1
Hex
Decimal Equivalent
FFF2
-0.000875473
start & end
0000
0.0
0017
0.001390457
0000
0.0
FFDB
-0.002265930
0000
0.0
0039
0.003501892
0000
0.0
FFA8
-0.006366836
0000
0.0
007D
0.007621765
0000
0.0
FF51
-0.01071167
0000
0.0
00F3
0.01483154
0000
0.0
FEB5
-0.02018738
0000
0.0
01CA
0.02796364
0000
0.0
FD79
-0.03949928
0000
0.0
03CD
0.05937767
0000
0.0
F95E
-0.1036148
0000
0.0
145B
0.3180542
2010
0.5009766
center
Table 3. Step Response
Table 4a. Input Data Format
Input
INT=1
DEC=1
TCO=0
INT=1
DEC=1
TCO=1
INT=0
DEC=1
TCO=1
INT=1
DEC=0
TCO=1
400
xx
xx
xx
xx
400
...
400
xx
...
3FE7
xx
...
4018
xx
...
2008
xx
...
4018
DC Gain
400
000
...
000
3FE7
3FE7
...
3B90
4018
4018
...
446F
2010
2008
...
245F
4018
4018
...
446F
Max Ringing
000
3B90
446F
2010
446F
000
4FEB
3014
1004
1004
000
6FFB
1004
0000
1004
000
...
000
8456
...
7FFF
FBA9
...
0000
FBA9
...
0000
FBA9
...
0000
Min Ringing
Steady State
-20
2-1
2-2
…2-10
2-11


Similar Part No. - TMC2242AKTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2242AKTC FAIRCHILD-TMC2242AKTC Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
TMC2242AKTC1 FAIRCHILD-TMC2242AKTC1 Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
TMC2242AKTC2 FAIRCHILD-TMC2242AKTC2 Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
More results

Similar Description - TMC2242AKTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2242C FAIRCHILD-TMC2242C Datasheet
236Kb / 13P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
TMC2242A FAIRCHILD-TMC2242A Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
LOGIC Devices Incorpora...
LF2242 LODEV-LF2242 Datasheet
136Kb / 8P
   12/16-bit Half-Band Interpolating/ Decimating Digital Filter
logo
List of Unclassifed Man...
GF9102ACPM ETC-GF9102ACPM Datasheet
300Kb / 11P
   Decimating/Interpolating Digital Filter
logo
Fairchild Semiconductor
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
   Digital Mixer 12 x 12 Bit, 60 MHz
logo
Fujitsu Component Limit...
MB86060 FUJITSU-MB86060 Datasheet
105Kb / 6P
   16-Bit Interpolating Digital to Analog Converter
logo
Intersil Corporation
HSP43220 INTERSIL-HSP43220_04 Datasheet
800Kb / 18P
   Decimating Digital Filter
logo
Analog Devices
AD8385 AD-AD8385_15 Datasheet
768Kb / 24P
   10-Bit, 12-Channel Decimating
REV. 0
logo
Intersil Corporation
HSP43220883 INTERSIL-HSP43220883 Datasheet
204Kb / 7P
   Decimating Digital Filter
HSP43220 INTERSIL-HSP43220 Datasheet
634Kb / 21P
   Decimating Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com