Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC22071A Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # TMC22071A
Description  Genlocking Video Digitizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22071A Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  TMC22071A Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC22071A Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC22071A Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC22071A Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC22071A Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC22071A Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC22071A Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC22071A Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC22071A Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TMC22071A
PRODUCT SPECIFICATION
2
Functional Description
The TMC22071A is a fully-integrated genlocking video A/D
converter which digitizes NTSC or PAL baseband composite
video under program control. It accepts video on three
selectable input channels, adjusts gain, clamps to the back
porch, and digitizes the video at a multiple of the horizontal
line frequency. It extracts horizontal and vertical sync, mea-
sures the subcarrier frequency and phase (relative to the sam-
pling clock), and provides the data along with digital
composite video data over an 8-bit digital video port. Two
sync outputs (GHSYNC and GVSYNC) are also provided. It
generates 1x (LDV) and 2x (PXCK) pixel clocks for data
transfer. PXCK also serves as a master clock for the compan-
ion TMC22x9x Encoders and TMC22x5y decoders.
Operating parameters are set up via a serial microprocessor
port. Internal or external voltage reference operation is avail-
able
Timing
The TMC22071A operates from an internally-synthesized
clock, PXCK, which runs at twice the pixel data rate. The
nominal pixel rates may be set to 12.27 Mpps for NTSC and
13.5 Mpps for NTSC and PAL. Customers requiring 14.75 or
15 Mpps PAL operation should consult factory.
Video Input
Three high-impedance video inputs are selected by an inter-
nal multiplexer under host processor control. The device
accepts industry-standard video levels of 1.23 Volts (sync tip
to peak color = 1 volt sync tip to reference white). Good
channel-to-channel isolation allows active video on all three
inputs simultaneously. Antialiasing filtering (if used) and
line termination resistors must be provided externally. The
input selection is controlled by two bits in the Control Regis-
ter.
Analog Clamp
The front-end analog clamp ensures that the input video falls
within the active range of the A/D converter. The digitized
composite video output can be clamped to the back porch by
a secondary digital clamp.
Automatic Gain Adjustment
Since video signals may vary substantially from nominal lev-
els, the TMC22071A performs an automatic level setting
routine to establish correct signal amplitudes for digitizing.
The TMC22071A relies upon the presence of the sync
tip-to-back porch voltage to determine the gain required for
the input video signal.
Sync tip compression or clipping is often affected by APL
(Average Picture Level) variation. Rather than tracking
minor variations in sync tip amplitude and constantly adjust-
ing video gain, the TMC22071A establishes proper signal
amplitudes during initial genlock acquisition, and then
(optionally) holds the gain constant. This results in a stable
picture under variable signal conditions.
Improperly terminated or weak video signals are handled in
the TMC22071A by a selectable gain of +1.0 or +1.5. The
higher gain can amplify a doubly-terminated signal which is
reduced in amplitude by 2/3.
If the input signal levels are well controlled, the automatic
gain adjustment can be disabled and the gain held at its nom-
inal value (unity or 1.5X).
Analog-to-Digital Converter
The TMC22071A contains a high-performance 8-bit A/D
converter. Its gain and offset are automatically set as a part of
the automatic gain adjustment process during initial signal
acquisition, and require no user attention.
The reference voltages to the A/D converter are set up by
internal D/A converters under automatic control during gen-
lock acquisition. These voltages determine the gain and off-
set of the A/D converter with respect to the video level
presented at its input.
Low-Pass Filter
The digitized composite video stream is digitally low-pass
filtered to remove chrominance components from the sync
separator. Filtering provides robust operation by optimizing
the signal-to-noise ratio of the synchronizing/blanking por-
tion of the video, improving the accuracy of the back porch
blanking level detector.
A digital sync separator provides the output sync signals,
GHSYNC and GVSYNC, and times internal operations.
Horizontal Phase-Locked Loop
A phase-locked loop generates PXCK, at twice the pixel
rate. The reference signal for the horizontal phase-locked
loop is generated by the Direct Digital Synthesizer (DDS).
The DDS output is constructed with an internal D/A con-
verter and is output from the TMC22071A via the DDS OUT
pin. This signal is passed through an external LC filter and
input to the horizontal phase-comparator.
The frequency of the DDS output is one ninth of that of
PXCK.
A 20 MHz clock is required to drive the DDS. Preferably,
this may be input to the TMC22071A via CMOS levels on
the CLK IN pin. Alternately, a 20 MHz crystal may be
directly connected between CLK IN and CLK OUT with
tuning capacitors to activate the internal crystal oscillator cir-
cuitry.
If incoming video is lost or disconnected after the
TMC22071A has acquired and locked, PXCK, GHSYNC,


Similar Part No. - TMC22071A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC22071A FAIRCHILD-TMC22071A Datasheet
125Kb / 24P
   Genlocking Video Digitizer
TMC22071AKHC1 FAIRCHILD-TMC22071AKHC1 Datasheet
125Kb / 24P
   Genlocking Video Digitizer
TMC22071AR1C FAIRCHILD-TMC22071AR1C Datasheet
125Kb / 24P
   Genlocking Video Digitizer
More results

Similar Description - TMC22071A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2072 FAIRCHILD-TMC2072 Datasheet
160Kb / 21P
   Genlocking Video Digitizer
TMC22071A FAIRCHILD-TMC22071A Datasheet
125Kb / 24P
   Genlocking Video Digitizer
logo
Analog Devices
AD9502 AD-AD9502 Datasheet
2Mb / 8P
   Hybrid RS-170 Video Digitizer
AD9502 AD-AD9502_15 Datasheet
2Mb / 8P
   HYBRID PS 179 VIDEO DIGITIZER
logo
Intersil Corporation
ISL98001 INTERSIL-ISL98001_07 Datasheet
370Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98001 INTERSIL-ISL98001 Datasheet
474Kb / 31P
   Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
ISL98001 RENESAS-ISL98001 Datasheet
1Mb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 RENESAS-ISL98002 Datasheet
1Mb / 28P
   Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
470Kb / 31P
   Triple Video Digitizer with Digital PLL
September 21, 2010
ISL98002 INTERSIL-ISL98002 Datasheet
510Kb / 28P
   Triple Video Digitizer with Digital PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com