Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC3033 Datasheet(PDF) 11 Page - Cadeka Microcircuits LLC.

Part # TMC3033
Description  Triple Video D/A Converter 10 bit, 80 Msps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC3033 Datasheet(HTML) 11 Page - Cadeka Microcircuits LLC.

Back Button TMC3033 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 12Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PRODUCT SPECIFICATION
TMC3033
11
Mechanical Dimensions – 48-Lead LQFP Package
D
E1
E
e
PIN 1
IDENTIFIER
B
Base Plane
Seating Plane
See Lead Detail
C
0.063" Ref (1.60mm)
L
-C-
ccc
C
LEAD COPLANARITY
A2
A
A1
α
A
.055
.063
1.40
1.60
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
A1
.001
.005
.05
.15
.057
1.45
A2
.053
1.35
B
.006
.010
.17
.27
D/E
D1/E1
.019 BSC
.346
.362
8.8
9.2
.268
.284
6.8
7.2
.50 BSC
e
L
.017
.029
.45
.75
6
4
5
2
7
8
α
0
°
7
°
0
°
7
°
N
48
48
12
12
ND
ccc
.004
0.08
Notes:
1.
2.
3.
4.
5.
6.
7.
8.
D1
All dimensions and tolerances conform to ANSI Y14.5M-1982.
Dimensions "D1" and "E1" do not include mold protrusion.
Allowable protrusion is 0.25mm per side. D1 and E1 are maximum
plastic body size dimensions including mold mismatch.
Pin 1 identifier is optional.
Dimension ND: Number of terminals.
Dimension ND: Number of terminals per package edge.
"L" is the length of terminal for soldering to a substrate.
Dimension "B" does not include dambar protrusion. Allowable
dambar protrusion shall not cause the lead width to exceed the
maximum B dimension by more than 0.08mm. Dambar can not be
located on the lower radius or the foot. Minimum space between
protrusion and an adjacent lead is 0.07mm for 0.4mm and 0.5mm
pitch packages.
To be determined at seating place —C—


Similar Part No. - TMC3033

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033KRC30 FAIRCHILD-TMC3033KRC30 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033KRC50 FAIRCHILD-TMC3033KRC50 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033KRC80 FAIRCHILD-TMC3033KRC80 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033R2C30 FAIRCHILD-TMC3033R2C30 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
More results

Similar Description - TMC3033

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Fairchild Semiconductor
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
   Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Cadeka Microcircuits LL...
TMC3503 CADEKA-TMC3503 Datasheet
171Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Texas Instruments
THS8133 TI-THS8133 Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
logo
List of Unclassifed Man...
SPT7868 ETC1-SPT7868 Datasheet
47Kb / 5P
   10-BIT,80 MSPS A/D CONVERTER
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
M65533FP MITSUBISHI-M65533FP Datasheet
119Kb / 16P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com