Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC2330AG1C Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # TMC2330AG1C
Description  Coordinate Transformer 16 x 16 Bit, 40 MOPS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2330AG1C Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button TMC2330AG1C Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2330AG1C Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2330AG1C Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2330AG1C Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2330AG1C Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC2330AG1C Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC2330AG1C Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC2330AG1C Datasheet HTML 12Page - Cadeka Microcircuits LLC. TMC2330AG1C Datasheet HTML 13Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TMC2330A
PRODUCT SPECIFICATION
REV. 1.1.8 10/31/00
9
Electrical Characteristics
Switching Characteristics
Note:
1. All transitions are measured at a 1.5V level except for tENA and tDIS.
Parameter
Conditions
Min
Nom
Max
Units
IDD
Power Supply Current
VDD = Max, CLOAD = 25pF, fCLK = Max
TMC2330A
140
mA
TMC2330A-1
240
mA
IDDU
Power Supply Current,
Unloaded
VDD = Max, OERX, OEPY = HIGH,
fCLK = Max
TMC2330A
95
mA
TMC2330A-1
175
mA
IDDQ
Power Supply Current,
Quiescent
VDD = Max, CLK = LOW
5mA
CPIN
I/O Pin Capacitance
5
pF
IIH
Input Current, HIGH
VDD = Max,VIN = VDD
±10
µA
IIL
Input Current, LOW
VDD = Max,VIN = 0 V
±10
µA
IOZH
Hi-Z Output Leakage
Current, Output HIGH
VDD = Max,VIN = VDD
±10
µA
IOZL
Hi-Z Output Leakage
Current, Output LOW
VDD = Max,VIN = 0 V
±10
µA
IOS
Short-Circuit Current
-20
-80
mA
VOH
Output Voltage, HIGH
S15-0, IOH = Max
2.4
V
VOL
Output Voltage, LOW
S15-0, IOL = Max
0.5
V
Parameter
Conditions1
Min
Nom
Max
Units
tDO
Output Delay Time
CLOAD = 25 pF
16
ns
tHO
Output Hold Time
CLOAD = 25 pF
3
ns
tENA
Three-State Output Enable Delay
CLOAD = 0 pF
13
ns
tDIS
Three-State Output Disable Delay
CLOAD = 0 pF
13
ns


Similar Part No. - TMC2330AG1C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2330AG1C FAIRCHILD-TMC2330AG1C Datasheet
164Kb / 18P
   Coordinate Transformer 16 x 16 Bit, 40 MOPS
TMC2330AG1C1 FAIRCHILD-TMC2330AG1C1 Datasheet
164Kb / 18P
   Coordinate Transformer 16 x 16 Bit, 40 MOPS
More results

Similar Description - TMC2330AG1C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2330A FAIRCHILD-TMC2330A Datasheet
164Kb / 18P
   Coordinate Transformer 16 x 16 Bit, 40 MOPS
logo
LOGIC Devices Incorpora...
L2330 LODEV-L2330 Datasheet
295Kb / 14P
   Coordinate Transformer
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
   16 X 16 Bit Complex Multiplier
logo
LOGIC Devices Incorpora...
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
logo
List of Unclassifed Man...
AM29517 ETC-AM29517 Datasheet
497Kb / 16P
   16 X 16 BIT PARALLEL MULTIPLIERS
logo
Intersil Corporation
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com