Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STE180N05 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STE180N05
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE180N05 Datasheet(HTML) 6 Page - STMicroelectronics

  STE180N05 Datasheet HTML 1Page - STMicroelectronics STE180N05 Datasheet HTML 2Page - STMicroelectronics STE180N05 Datasheet HTML 3Page - STMicroelectronics STE180N05 Datasheet HTML 4Page - STMicroelectronics STE180N05 Datasheet HTML 5Page - STMicroelectronics STE180N05 Datasheet HTML 6Page - STMicroelectronics STE180N05 Datasheet HTML 7Page - STMicroelectronics STE180N05 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Cross-over Time
Source-drain Diode Forward Characteristics
Fig. 1: Switching Times Test Circuits For
Resistive Load
Fig. 2: Gate Charge Test Circuit
Fig. 3: Test Circuit For Inductive Load Switching
And Diode Recovery Times
STE180N05
6/8


Similar Part No. - STE180N05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE180N10 STMICROELECTRONICS-STE180N10 Datasheet
85Kb / 8P
   N - CHANNEL 100V - 5.5 mohm - 180A - ISOTOP POWER MOSFET
STE180NE10 STMICROELECTRONICS-STE180NE10 Datasheet
89Kb / 8P
   N-CHANNEL 100V - 4.5 mohm - 180A ISOTOP STripFET] POWER MOSFET
STE180NE10 STMICROELECTRONICS-STE180NE10 Datasheet
247Kb / 12P
   N-channel 100V - 4.5m廓 - 180A - ISOTOP STripFET??Power MOSFET
logo
Inchange Semiconductor ...
STE180NE10 ISC-STE180NE10 Datasheet
562Kb / 3P
   N-Channel MOSFET
logo
STMicroelectronics
STE180NE10 STMICROELECTRONICS-STE180NE10_07 Datasheet
247Kb / 12P
   N-channel 100V - 4.5m廓 - 180A - ISOTOP STripFET??Power MOSFET
More results

Similar Description - STE180N05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE100N20 STMICROELECTRONICS-STE100N20 Datasheet
156Kb / 8P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
STE150N10 STMICROELECTRONICS-STE150N10 Datasheet
157Kb / 8P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
STE38N60 STMICROELECTRONICS-STE38N60 Datasheet
263Kb / 8P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
July 1993
STE36N50 STMICROELECTRONICS-STE36N50 Datasheet
250Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
STE36N50A STMICROELECTRONICS-STE36N50A Datasheet
160Kb / 8P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
STE26N50 STMICROELECTRONICS-STE26N50 Datasheet
154Kb / 8P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
STE250N06 STMICROELECTRONICS-STE250N06 Datasheet
330Kb / 8P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
STH60N10 STMICROELECTRONICS-STH60N10 Datasheet
246Kb / 11P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP15N05L STMICROELECTRONICS-STP15N05L Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
November 1996
IRF630FI STMICROELECTRONICS-IRF630FI Datasheet
190Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com