Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK10417 Datasheet(PDF) 5 Page - TOKO, Inc

Part # TK10417
Description  POWER AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK10417 Datasheet(HTML) 5 Page - TOKO, Inc

  TK10417 Datasheet HTML 1Page - TOKO, Inc TK10417 Datasheet HTML 2Page - TOKO, Inc TK10417 Datasheet HTML 3Page - TOKO, Inc TK10417 Datasheet HTML 4Page - TOKO, Inc TK10417 Datasheet HTML 5Page - TOKO, Inc TK10417 Datasheet HTML 6Page - TOKO, Inc TK10417 Datasheet HTML 7Page - TOKO, Inc TK10417 Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
January 2000 TOKO, Inc.
Page 5
TK10417
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
2
3
SUPPLY CURRENT vs.
SUPPLY VOLTAGE
VCC (V)
0
1
2
3
4
5
6
1
2
3
DC VOLTAGE AT OUTPUT TERMINAL
vs. SUPPLY VOLTAGE
VCC (V)
0
1
2
3
4
5
6
1
50
70
CONTROL TERMINAL CURRENT
vs. STANDBY VOLTAGE
VSTBY (V)
0
0
1
2
3
4
5
20
10
30
40
60
VCC = 5.0 V
3
SUPPLY CURRENT vs.
STANDBY VOLTAGE
VSTBY (V)
0
0
1
2
3
1
2
VCC = 5.0 V
-5
5
OUTPUT VOLTAGE vs.
FREQUENCY
f (kHz)
-30
0.01
0.1
1
10
-20
-25
-10
0
RL = 8 Ω
CIN = 1.0 µF
CS = 2.2 µF
COUT = 1000 µF
-15
COUT = 470 µF
COUT = 220 µF
COUT = 100 µF
-5
5
OUTPUT VOLTAGE vs.
FREQUENCY
f (kHz)
-20
0.01
0.1
1
10
-15
0
RL = 32 Ω
CIN = 1.0 µF
CS = 2.2 µF
COUT = 470 µF
-10
COUT = 220 µF
COUT = 100 µF
COUT = 47 µF


Similar Part No. - TK10417

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK10415 TOKO-TK10415 Datasheet
53Kb / 8P
   CERAMIC SPEAKER DRIVE AMPLIFIER
TK10415M TOKO-TK10415M Datasheet
53Kb / 8P
   CERAMIC SPEAKER DRIVE AMPLIFIER
TK10415MTL TOKO-TK10415MTL Datasheet
53Kb / 8P
   CERAMIC SPEAKER DRIVE AMPLIFIER
TK10415MTL/415 TOKO-TK10415MTL/415 Datasheet
53Kb / 8P
   CERAMIC SPEAKER DRIVE AMPLIFIER
TK10415TL TOKO-TK10415TL Datasheet
53Kb / 8P
   CERAMIC SPEAKER DRIVE AMPLIFIER
More results

Similar Description - TK10417

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
   Power Amplifier
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
   Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
   Power Amplifier
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
   Power Amplifier
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
   Power Amplifier
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
   POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
   Amplifier, Power
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
   Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
   Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
   Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com