Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STE36N50-DA Datasheet(PDF) 2 Page - STMicroelectronics

Part # STE36N50-DA
Description  N-CHANNEL ENHANCEMENT MODE POWERMOS TRANSISTORANDULTRA-FAST DIODEINISOTOPPACKAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE36N50-DA Datasheet(HTML) 2 Page - STMicroelectronics

  STE36N50-DA Datasheet HTML 1Page - STMicroelectronics STE36N50-DA Datasheet HTML 2Page - STMicroelectronics STE36N50-DA Datasheet HTML 3Page - STMicroelectronics STE36N50-DA Datasheet HTML 4Page - STMicroelectronics STE36N50-DA Datasheet HTML 5Page - STMicroelectronics STE36N50-DA Datasheet HTML 6Page - STMicroelectronics STE36N50-DA Datasheet HTML 7Page - STMicroelectronics STE36N50-DA Datasheet HTML 8Page - STMicroelectronics STE36N50-DA Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DIODE ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Valu e
Unit
VRRM
Repetitive Peak Reverse Voltage
600
V
VRS M
Non Repetitive Peak Reverse Voltage
600
V
IF(RMS)
RMS Forward Current
50
A
IFRM
Repet. Peak Forward Current (tp =5
µs,f= 5KHz)
300
A
Ptot
Total Dissipation at Tc =25
oC70
W
Derating Factor
0.56
W/
oC
THERMAL DATA
Rthj-case
Rthj-case
Rthc-h
Thermal Resist ance Junct ion-case (MOSFET)
Max
Thermal Resist ance Junct ion-case (DIO DE)
Max
Thermal Resist ance Case-heatsink With Conduct ive
Grease Applied
Max
0.3
1.78
0.05
oC/W
oC/W
oC/W
AVALANCHE CHARACTERISTICS
Symbol
Parameter
Max Value
Uni t
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max,
δ <1%)
14
A
EAS
Single Pulse Avalanche Energy
(st arting Tj =25
oC, I
D =IAR,VDD =50 V)
100
mJ
EAR
Repet itive Avalanche Energy
(pulse width limited by Tj max,
δ <1%)
40
mJ
IAR
Avalanche Current, Repetitive or Not-Repetitive
(T c = 100
oC, pulse width limited by Tj max, δ <1%)
9A
MOSFET ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID =1 mA
VGS = 0
500
V
IDSS
Zero Gate Volt age
Drain Current (VGS =0)
VDS =Max Rating
VDS = Max Rating x 0.8
Tc =125
oC
300
1500
µA
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS =
± 20 V
± 300
nA
ON (
∗)
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage VDS =VGS
ID =1 mA
2
3
4
V
RDS(on)
St atic Drain-source On
Resist ance
VGS =10V
ID =18 A
VGS =10V
ID =18 A
Tc = 100
oC
0.12
0. 14
0. 28
ID(on)
On St ate Drain Current
VDS >ID(on) xRDS(on)max
VGS =10 V
36
A
STE36N50-DA
2/9


Similar Part No. - STE36N50-DA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE36N50-DK STMICROELECTRONICS-STE36N50-DK Datasheet
169Kb / 9P
   N-CHANNEL ENHANCEMENT MODE POWERMOS TRANSISTORANDULTRA-FAST DIODEINISOTOPPACKAGE
More results

Similar Description - STE36N50-DA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE36N50-DK STMICROELECTRONICS-STE36N50-DK Datasheet
169Kb / 9P
   N-CHANNEL ENHANCEMENT MODE POWERMOS TRANSISTORANDULTRA-FAST DIODEINISOTOPPACKAGE
logo
IXYS Corporation
IXFB40N110Q3 IXYS-IXFB40N110Q3 Datasheet
143Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Rectifier
IXFN32N100Q3 IXYS-IXFN32N100Q3 Datasheet
130Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Rectifier
IXFN40N110Q3 IXYS-IXFN40N110Q3 Datasheet
125Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Rectifier
IXTH2N150 IXYS-IXTH2N150 Datasheet
146Kb / 4P
   N-Channel Enhancement Mode Fast Intrinsic Diode
IXTT12N150HV IXYS-IXTT12N150HV Datasheet
148Kb / 4P
   N-Channel Enhancement Mode Fast Intrinsic Diode
IXFR32N100Q3 IXYS-IXFR32N100Q3 Datasheet
147Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Rectifier
IXFR24N100Q3 IXYS-IXFR24N100Q3 Datasheet
148Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Rectifier
IXTA4N150HV IXYS-IXTA4N150HV Datasheet
204Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Diode
IXTH1N250 IXYS-IXTH1N250 Datasheet
118Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com