Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC2111AN2C1 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # TMC2111AN2C1
Description  Variable-Length Shift Register
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2111AN2C1 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  TMC2111AN2C1 Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC2111AN2C1 Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC2111AN2C1 Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC2111AN2C1 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2111AN2C1 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2111AN2C1 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2111AN2C1 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2111AN2C1 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2111AN2C1 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PRODUCT SPECIFICATION
TMC2011A/2111A
3
Pin Descriptions – TMC2011A
Pin Name
Pin Number
Pin Function Description
DIP
PLCC
Power
VDD
78
Supply Voltage. The TMC2011A and operates from a single +5V supply.
All power and ground lines must be connected.
GND
18
21,22
Ground. The TMC2011A operates from a single +5V supply. All power
and ground lines must be connected.
Data Inputs
DI7-0
12,11,10,
9,4,3,2,1
14,13,12,
10,5,4,3,2
Data Input. Eight inputs are provided for the data, which pass through the
shift register unchanged. The eight inputs on the TMC2011A are divided
into two groups of four bits to allow mixed delay operation. The lengths of
these two groups are different when the Mode Control (MC) is HIGH (see
Table 1). When MC is LOW both groups have equal delays.
Data Outputs
DO7-0
13,14,15,
16,21,22,
23,24
15,16,17,
18,26,27,
28,1
Data Output. The outputs of the shift register are delayed relative to the
input signals. The amount of the delay is programmable (see Table 1).
The outputs remain valid for a minimum of tHO nanoseconds after the
leading edge of CLK. This allow the data to be latched into circuits with
non-zero hold time requirements.
Controls
CLK
8
9
Master Clock. All inputs and outputs are synchronous and operate from a
single master clock. All operations occur on the rising edge of the master
clock.
L3-0
19,20,6,5
23,24,7,6
Length Select. The length select input is used to determine the register
delay of the TMC2011A. This input is registered and affects the output tDO
after the clock edge after it is input to the device (see Timing Diagram).
Delay lengths are specified in Table 1.
MC
17
20
Mode Control. The Mode Control is used to select the special 4-bit wide
split mode. When HIGH, the delay on DO7-4 is fixed at 18 stages, while
DO3-0 have the delay specified by the length select. When MC is LOW, all
eight bits have equal delays as specified by the length select.


Similar Part No. - TMC2111AN2C1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2111AN2C1 FAIRCHILD-TMC2111AN2C1 Datasheet
69Kb / 12P
   Variable-Length Shift Register
More results

Similar Description - TMC2111AN2C1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2011A FAIRCHILD-TMC2011A Datasheet
69Kb / 12P
   Variable-Length Shift Register
logo
Nippon Precision Circui...
SM5824N NPC-SM5824N Datasheet
143Kb / 6P
   Variable Length Static Shift Register
SM5839A NPC-SM5839A Datasheet
83Kb / 8P
   High-Speed Variable-Length Shift Register
logo
LOGIC Devices Incorpora...
L10C11 LODEV-L10C11 Datasheet
66Kb / 6P
   4/8-bit Variable Length Shift Register
logo
ON Semiconductor
MC14557 ONSEMI-MC14557_04 Datasheet
90Kb / 8P
   1-to-64 Bit Variable Length Shift Register
June, 2004 ??Rev. 5
logo
Nexperia B.V. All right...
HEF4557B NEXPERIA-HEF4557B Datasheet
755Kb / 16P
   1-to-64 bit variable length shift register
Rev. 7 - 1 April 2016
logo
Nippon Precision Circui...
SM5829P NPC-SM5829P Datasheet
231Kb / 8P
   High-speed, 8-bit Variable-length Shift Register
logo
NXP Semiconductors
HEF4557B PHILIPS-HEF4557B Datasheet
78Kb / 7P
   1-to-64 bit variable length shift register
January 1995
logo
Motorola, Inc
MC14557B MOTOROLA-MC14557B Datasheet
206Kb / 6P
   1-TO-64 BIT VARIABLE LENGTH SHIFT REGISTER
logo
Hitachi Semiconductor
HD14557B HITACHI-HD14557B Datasheet
75Kb / 5P
   1-to-64-bit Variable Length Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com