Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMP8-3L0-2E2-1Q1-4LL051-A Datasheet(PDF) 4 Page - Emerson Network Power

Part # IMP8-3L0-2E2-1Q1-4LL051-A
Description  Up to 1500 Watts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IMP8-3L0-2E2-1Q1-4LL051-A Datasheet(HTML) 4 Page - Emerson Network Power

  IMP8-3L0-2E2-1Q1-4LL051-A Datasheet HTML 1Page - Emerson Network Power IMP8-3L0-2E2-1Q1-4LL051-A Datasheet HTML 2Page - Emerson Network Power IMP8-3L0-2E2-1Q1-4LL051-A Datasheet HTML 3Page - Emerson Network Power IMP8-3L0-2E2-1Q1-4LL051-A Datasheet HTML 4Page - Emerson Network Power IMP8-3L0-2E2-1Q1-4LL051-A Datasheet HTML 5Page - Emerson Network Power IMP8-3L0-2E2-1Q1-4LL051-A Datasheet HTML 6Page - Emerson Network Power IMP8-3L0-2E2-1Q1-4LL051-A Datasheet HTML 7Page - Emerson Network Power IMP8-3L0-2E2-1Q1-4LL051-A Datasheet HTML 8Page - Emerson Network Power IMP8-3L0-2E2-1Q1-4LL051-A Datasheet HTML 9Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Rev. 7.9.09_77
iMP Series
 of 9
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Input
85-264 Vac
180-264 Vac
i
MP8 =2.5” x 7” x 10” 6 available slots
1000 W max.
1200 W max.
(63.5 x 177.8 x 254mm)
i
MP1 =2.5” x 8” x 11” 7 available slots
1200 W max.
1500 W max.
(63.5 x 203.2 x 279.4mm)
S
L
O
T
7
S
L
O
T
5
S
L
O
T
6
S
L
O
T
4
S
L
O
T
3
S
L
O
T
2
S
L
O
T
1
-A-
S
L
O
T
S
L
O
T
S
L
O
T
S
L
O
T
S
L
O
T
5
4
3
2
1
i
MP4 (AC input on opposite side)
i
MP8 and iMP1
i
MP1 only
Single
AC input
Figure 1. AC Input
1
2
3
~
N
6
1
10
5
Figure 2. Connector J1
AC Input
Pin No. Function
1
AC neutral
2
AC line (hot)
3
Chassis (earth) ground
PFC Input Connector (control and signals)
Pin No. Function
1
Input AC OK - “emitter”
2
Input AC OK - “collector”
3
Global DC OK - “emitter”
4
Global DC OK - “collector”
5
External Sync
6
Global inhibit/optional enable logic “0”
7
Global inhibit/optional enable logic “1”
8
Global inhibit/optional enable return
9
+5 VSB housekeeping
10
+5 VSB housekeeping return
I2C Bus Output Connector
Pin No. Function
1
No connection
2
No connection
3
No connection
4
Serial clock signal (SCL)
5
Serial data signal (SDA)
6
Address bit 0 (A0)
7
Address bit 1 (A1)
8
Address bit 2 (A2)
9
Secondary return (GND)
10
5 Vcc external bus (5 VCC. Bus)
Mates with
Molex
90142-0010 Housing
90119-2110 Pin
Connector Kit Part No.:
70-841-004
Mates with
Landwin 2050S1000 Housing
2053T011P Pin
Connector Kit Part No.:
70-841-023
Figure 1. AC Input
Figure 2. Connector J
Figure 3. Connector J
Figure 1. AC Input
1
2
3
~
N
6
1
10
5
Figure 2. Connector J1
Input
90-264 Vac
180-264 Vac
i
MP4 =2.5” x 5” x 10” 5 available slots
750 W max.
1100 W max.
(63.5 x 127 x 254)
210 W
360 W
750 W
144 W
Pin Connectors
Triple
Dual
6
1
10
5
Figure 3. Connector J2
1
2
7
3
Figure 4. Connector CN50x
36 W


Similar Part No. - IMP8-3L0-2E2-1Q1-4LL051-A

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
IMP8-3A0-00-A-XXX ASTEC-IMP8-3A0-00-A-XXX Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
IMP8-3A0-02-A-XXX ASTEC-IMP8-3A0-02-A-XXX Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
IMP8-3A1-00-A-XXX ASTEC-IMP8-3A1-00-A-XXX Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
IMP8-3A1-02-A-XXX ASTEC-IMP8-3A1-02-A-XXX Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
IMP8-3B0-00-A-XXX ASTEC-IMP8-3B0-00-A-XXX Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
More results

Similar Description - IMP8-3L0-2E2-1Q1-4LL051-A

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Astec America, Inc
IMP ASTEC-IMP Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
logo
Vicor Corporation
VI-ARMX1XX VICOR-VI-ARMX1XX Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
VI-ARM VICOR-VI-ARM_17 Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
VI-ARM VICOR-VI-ARM Datasheet
302Kb / 12P
   Autoranging Rectifier Modules Up to 1500 Watts
logo
XP Power Limited
HDS1500PS12 XPPOWER-HDS1500PS12 Datasheet
1Mb / 6P
   1500 Watts
logo
Wall Industries,Inc.
LANK WALL-LANK Datasheet
95Kb / 2P
   UP TO 4 WATTS
logo
XP Power Limited
HPU1K5PS12 XPPOWER-HPU1K5PS12 Datasheet
2Mb / 8P
   Output Power up to 1500 W
logo
Artesyn Technologies
IMP1-3L0-2E2-1Q1-4LL0 ARTESYN-IMP1-3L0-2E2-1Q1-4LL0 Datasheet
3Mb / 9P
   Total Power: Up to 1500 W
logo
XP Power Limited
HPU1K5 XPPOWER-HPU1K5_16 Datasheet
784Kb / 4P
   1500 Watts HPU1K5 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com