Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIL10E-05S0V8-VJ Datasheet(PDF) 1 Page - Emerson Network Power

Part # SIL10E-05S0V8-VJ
Description  3.0 Vin - 5.5 Vin
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL10E-05S0V8-VJ Datasheet(HTML) 1 Page - Emerson Network Power

  SIL10E-05S0V8-VJ Datasheet HTML 1Page - Emerson Network Power SIL10E-05S0V8-VJ Datasheet HTML 2Page - Emerson Network Power SIL10E-05S0V8-VJ Datasheet HTML 3Page - Emerson Network Power SIL10E-05S0V8-VJ Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Embedded Power for
Business-Critical Continuity
SIL10E Series
3.0 Vin - 5.5 Vin
Special Features
• 10ACurrentrating
• Inputvoltagerange:
3 Vdc to 5.5 Vdc
• Outputvoltagerange:
0.8 Vdc to 3.63 Vdc
• Ultrahighefficiency:
96% @ 5 Vin and 3.3 Vout
• Extremelylowinternal
power dissipation
• Minimalthermal
designconcerns
• Designedinreliability:
MTBFof7,000,000hoursper
TelcordiaSR-332
• Idealsolutionwhereboard
space is at a premium or
tightercardpitchisrequired
• Industrystandard
footprint and pin out
• AvailableRoHScompliant
• 2yearwarranty
Total Power:
49.9 Watts
Input Voltage: 3.0-5.5 Vdc
# of Outputs:
Single
Safety
UL/cULCAN/CSA22.2
No.60950-1-03/UL60950-1,
FileNo.E186249
TÜVProductService
(EN60950)CertificateNo.
B080551485378
CBreportandcertificateto
IEC60950,CertificateNo.
DE3-51686M1
Rev.3.4.09_96
SIL10E_05 Series
1 of 4
Input
Inputvoltagerange:
3.0-5.5 Vdc
Inputcurrent:
Noload
70mA
Inputcurrent(max.):
8Amax.@lomax.
and Vout = 3.3 V
Inputreflectedripple:
65mArms
RemoteON/OFF:
(SeeNote2)
Start-uptime:
20ms
Output
Voltageadjustability:
(SeeNote1)
Fixedoutputversions
5Vinwithwidetrim
3.3Vinwithwidetrim
±10%
0.8 - 3.63 Vdc
0.8-2.75Vdc
Setpointaccuracy:
±0.4% typ.
Lineregulation:
±0.2%typ.
Loadregulation:
±1.0%typ.
Minimumload:
0A
Overshoot/Undershoot:
None
Rippleandnoise:
50 mV pk-pk
25mVrmsmax.
Temperatureco-efficient:
±0.01%/˚C
Transientresponse:
50mVmax.deviation
50µsrecoverytowithin±1.0%
Remotesense:
10%Vocompensation
ElectricalSpecifications
Allspecificationsaretypicalatnominalinput,fullloadat25
°Cunlessotherwisestated.
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240


Similar Part No. - SIL10E-05S0V8-VJ

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL10E-05S0V8-VJ EMERSON-NETWORKPOWER-SIL10E-05S0V8-VJ Datasheet
189Kb / 3P
   DC-DC CONVERTERS E Class Non-isolated
More results

Similar Description - SIL10E-05S0V8-VJ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT10E ARTESYN-SMT10E Datasheet
658Kb / 32P
   3.0 Vin to 5.5 Vin Single output
SIL15E ARTESYN-SIL15E Datasheet
564Kb / 23P
   3.0 Vin to 5.5 Vin Single output
SMT05E-12V ARTESYN-SMT05E-12V Datasheet
230Kb / 12P
   0.8 Vin - 3.63 Vin Single output
SMT12F-03W2V6J ARTESYN-SMT12F-03W2V6J Datasheet
443Kb / 5P
   3.3 Vin and 5 Vin single output
SIL05E ARTESYN-SIL05E Datasheet
432Kb / 11P
   0.75 Vin to 3.63 Vin Single output
SMT15E-12V ARTESYN-SMT15E-12V Datasheet
290Kb / 12P
   0.8 Vin to 3.63 Vin Single output
logo
Emerson Network Power
PTH12050WAST EMERSON-NETWORKPOWER-PTH12050WAST Datasheet
855Kb / 5P
   12 Vin
logo
Artesyn Technologies
SMT05E ARTESYN-SMT05E Datasheet
580Kb / 15P
   0.75 Vin to 3.63 Vin Single output
logo
Emerson Network Power
SMT06C EMERSON-NETWORKPOWER-SMT06C Datasheet
297Kb / 4P
   5 Vin and 12 Vin single output
logo
Micrel Semiconductor
MIC69301 MICREL-MIC69301_11 Datasheet
438Kb / 13P
   Single Supply VIN, Low VIN, Low VOUT, 3ALDO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com