Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT9101 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # SPT9101
Description  125 MSPS SAMPLE-AND-HOLD AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9101 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  SPT9101 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
12/30/99
SPT9101
Figure 2 - Typical Interface Circuit
CLK IN
Vt
2.2 µF
2.2 µF
SPT, HCMP96850
VEE
VCC
GND
LE
IN-
VOUT
VIN
SPT9101
6,7,16
1,2
15
18
45
89
12
13
17
18
GND
RTN
NCLK
CLK
10
11
+A5
-A5.2
IN+
1,16
12
11
-A5.2
220
330
220
330
-A5.2
8
2
3
4
VIN
VOUT
6
X
1) Vt = Threshold voltage:
-A5.2
Vt
1k
3k
+A5
Vt
1k
3k
NOTES:
a) For TTL or CMOS Clock input
b) For ECL Clock input
2) Unless otherwise specified, all capacitors
are 0.01 or 0.1 µF, surface mount.
3) X = Termination (if required).
4) CLKIN
a) TTL/CMOS
b) ECL: Direct Input
96850
R
CLKIN
R
THEORY OF OPERATION
The SPT9101 is a monolithic 125 MSPS track and hold
amplifier built on a very high-speed complementary bipolar
process. It is pin and functionally compatible with the AD9101.
It is a two stage design with a sampler driving a hold capacitor
followed by a noninverting output buffer amplifier with gain of
4. The first stage sampler is based on a current amplifier in
noninverting gain of one configuration with inverting input
connected to the output. The hold switch is integrated into this
closed-loop first stage amplifier.
The output buffer amplifier is in a noninverting gain of 4
configuration with inverting input connected to a resistor
divider driven from the output. The noninverting input from the
hold capacitor employs input bias current cancellation which
results in excellent droop rate performance. The sampler and
amplifier stages both employ complementary current ampli-
fiers for high-speed, low-distortion performance.
TYPICAL INTERFACE CIRCUIT
BOOTSTRAP CAPACITOR
The SPT9101 does not require the bootstrap capacitor that is
required on the AD9101 between pins 3 and 19. Because
pins 3 and 19 are No Connects on the SPT9101, it will work
well in existing AD9101 sockets.
CLOCK DRIVER CIRCUIT (CLK, NCLK PINS)
used to drive the SPT9101. Both the 10KH and 100KH family
of ECL logic can be used. The typical interface diagram,
figure 2, shows the use of a SPT HCMP96850 high-speed
comparator. The comparator has a typical propagation delay
of 2.4 ns, very low offset of 3 mV, and a minimum tracking
bandwidth of 300 MHz. The comparator shown has been set
up in a feedthrough operation mode with latch enable con-
nected to a logic high.
The threshold voltage (Vt) can be set using a resistor divider
as shown in note 1 of figure 2. The configuration shown in
note 1a is for a TTL/CMOS clock input and the configuration
shown in note 1b is for an ECL clock input. The differential
output of the comparator is directly fed to the SPT9101 clock
input. The comparator can also be driven with a sinewave
input, with the threshold voltage (Vt) adjusted to produce the
desired track/hold duty cycle ratio.
Note 4a shows the resistor divider configuration for a TTL/
CMOS clock input. If an ECL clock is used it can be directly
fed into the comparator.
OUTPUT LEVEL SHIFTING (RTN PIN)
The RTN pin is tied to the output buffer amplifier internal
feedback resistor network as shown in the block diagram.
Normally this pin is tied to ground for a 4x gain output amplifier
configuration. However, this pin may be configured in other
ways as long as certain guidelines are met.
CADEKA highly recommends that a differential ECL clock be


Similar Part No. - SPT9101

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT9101 FAIRCHILD-SPT9101 Datasheet
58Kb / 8P
   125 MSPS SAMPLE-AND-HOLD AMPLIFIER
SPT9101SCU FAIRCHILD-SPT9101SCU Datasheet
58Kb / 8P
   125 MSPS SAMPLE-AND-HOLD AMPLIFIER
SPT9101SIC FAIRCHILD-SPT9101SIC Datasheet
58Kb / 8P
   125 MSPS SAMPLE-AND-HOLD AMPLIFIER
SPT9101SIS FAIRCHILD-SPT9101SIS Datasheet
58Kb / 8P
   125 MSPS SAMPLE-AND-HOLD AMPLIFIER
More results

Similar Description - SPT9101

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT9101 FAIRCHILD-SPT9101 Datasheet
58Kb / 8P
   125 MSPS SAMPLE-AND-HOLD AMPLIFIER
logo
NXP Semiconductors
NE5537 PHILIPS-NE5537 Datasheet
103Kb / 8P
   Sample-and-hold amplifier
August 31, 1994
logo
Linear Technology
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
   Precision Sample and Hold Amplifier?
logo
Intersil Corporation
HA5351 INTERSIL-HA5351_07 Datasheet
176Kb / 7P
   64ns Sample and Hold Amplifier
HA5351IBZ INTERSIL-HA5351IBZ Datasheet
206Kb / 7P
   64ns Sample and Hold Amplifier
April 25, 2013
logo
Linear Technology
LF198A LINER-LF198A Datasheet
1Mb / 16P
   Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
   Precision Sample and Hold Amplifier
logo
Renesas Technology Corp
HA5351 RENESAS-HA5351 Datasheet
421Kb / 7P
   64ns Sample and Hold Amplifier
logo
Intersil Corporation
HA5351 INTERSIL-HA5351 Datasheet
95Kb / 8P
   64ns Sample and Hold Amplifier
May 1999
logo
Analog Devices
SMP04 AD-SMP04 Datasheet
277Kb / 15P
   CMOS Quad Sample-and-Hold Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com