Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT7852 Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # SPT7852
Description  DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7852 Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button SPT7852 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
1/12/00
SPT7852
PACKAGE OUTLINE
44-LEAD TQFP
Index
A
B
C
D
Pin 1
E
F
G
H
I
J
K
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.472 Typ
12.00 Typ
B
0.394 Typ
10.00 Typ
C
0.394 Typ
10.00 Typ
D
0.472 Typ
12.00 Typ
E
0.031 Typ
0.80 Typ
F
0.012
0.017
0.300
0.45
G
0.035
0.040
0.85
1.05
H
0.002
0.006
0.05
0.15
I
0.018
0.030
0.450
0.750
J
0.039 Typ
1.00 Typ
K
0-7
°
0-7
°


Similar Part No. - SPT7852

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
SPT7852SCT FAIRCHILD-SPT7852SCT Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
SPT7852SCU FAIRCHILD-SPT7852SCU Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
SPT7852SIT FAIRCHILD-SPT7852SIT Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
More results

Similar Description - SPT7852

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD876JST AD-AD876JST Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876_15 Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876 Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
logo
Fairchild Semiconductor
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
National Semiconductor ...
ADC10D020 NSC-ADC10D020 Datasheet
767Kb / 32P
   Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com