Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT7851SIT Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # SPT7851SIT
Description  10-Bit, 20 MSPS, 79mW Analog-to-DIgital Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7851SIT Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

  SPT7851SIT Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7851SIT Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7851SIT Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7851SIT Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7851SIT Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7851SIT Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7851SIT Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7851SIT Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7851SIT Datasheet HTML 9Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
REV. 1B October 2003
7
SPT7851
DATA SHEET
Clock
The SPT7851 accepts a low voltage CMOS logic level at
the CLK input. The duty cycle of the clock should be kept as
close to 50% as possible. Because consecutive stages in the
ADC are clocked in opposite phase to each other, a non-50%
duty cycle reduces the settling time available for every other
stage and thus could potentially cause a degradation of
dynamic performance.
For optimal performance at high input frequencies, the clock
should have low jitter and fast edges. The rise/fall times
should be kept shorter than 2ns. Overshoot and undershoot
should be avoided. Clock jitter causes the noise floor to rise
proportional to the input frequency. Because jitter can be
caused by crosstalk on the PC board, it is recommended that
the clock trace be kept as short as possible and standard
transmission line practices be followed.
Digital Outputs
The digital output data appears in an offset binary code at
3.3V CMOS logic levels. A negative full scale input results
in an all zeros output code (000…0). A positive full scale
input results in an all 1’s code (111…1). The output data is
available 7.5 clock cycles after the data is sampled. The input
signal is sampled on the high to low transition of the input
clock. Output data should be latched on the low to high clock
transition as shown in figure 1, the Timing Diagram. The
output data is invalid for the first 20 clock cycles after the
device is powered up.
Evaluation Board
The EB7851 Evaluation Board is available to aid designers
in demonstrating the full performance capability of the
SPT7851. The board includes an on-board clock driver,
adjustable voltage references, adjustable bias current
circuits, single-to-differential input buffers with adjustable
levels, a single-to-differential transformer (1:1), digital
output buffers and 3.3/5 V adjustable logic outputs. An
application note (AN7851) is also available which describes
the operation of the evaluation board and provides an
example of the recommended power and ground layout and
signal routing. Contact the factory for price and availability.
Pin Configuration
D8
D9 (MSB)
GND
CLK
N/C
VDD3
VDD2
VDD2
VDD1
VDD1
VDD1
VREF–
VREF+
1
2
3
4
5
6
7
8
9
10
11
GND
GND
GND
GND
GND
GND
GND
GND
GND
33
32
31
30
29
28
27
26
25
24
23
Pin Assignments
Pin Name
Description
VIN+, VIN–
Analog Inputs
VREF+,
VREF–
External Reference Inputs
CLK
Input Clock
VCM
Common Mode Output Voltage (1.65V typ)
Bias1
Bias Current (90µA typ)
Bias2
Bias Current (9.5µA typ)
D0 – D9
Digital Outputs (D0 = LSB)
GND
Analog Ground
VDD1
Analog Power Supply
VDD2
Digital Power Supply
VDD3
Digital Output Power Supply
N/C
No connect
DNC
Do not connect pins; leave floating


Similar Part No. - SPT7851SIT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT7851SIT ETC1-SPT7851SIT Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
More results

Similar Description - SPT7851SIT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC900-Q1 TI-DAC900-Q1_15 Datasheet
720Kb / 29P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS1610 TI1-ADS1610_14 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
logo
Texas Instruments
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com