Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT7820ACN Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT7820ACN
Description  10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7820ACN Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT7820ACN Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7820ACN Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7820ACN Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7820ACN Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7820ACN Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7820ACN Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7820ACN Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7820ACN Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7820ACN Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
3/11/97
SPT7820
ELECTRICAL SPECIFICATIONS
TA=Tmin - Tmax, VCC=+5.0 V, VEE=-5.2 V, DVCC=+5.0 V, VIN=±2.0 V, VSB=-2.0 V, VST=+2.0 V, fCLK=20 MHz, 50% clock duty cycle, unless otherwise
specified.
TEST
TEST
SPT7820A
SPT7820B
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
MIN
TYP
MAX UNITS
Resolution
10
10
Bits
DC Accuracy (+25
°C)
±Full Scale
Integral Nonlinearity
100 kHz Sample Rate
V
±1.0
±1.5
LSB
Differential Nonlinearity
V
±0.5
±0.75
LSB
No Missing Codes
VI
Guaranteed
Guaranteed
Analog Input
fCLK=1 MHz
Input Voltage Range
V
±2.0
±2.0
V
Input Bias Current
VIN=0 V
VI
30
60
30
60
µA
Input Bias Current
TA=-55 to +125 °CIV
75
75
µA
Input Resistance
VI
100
300
100
300
k
Input Resistance
TA=-55 to +125 °C
IV
75
300
75
300
k
Input Capacitance
V
5
5
pF
Input Bandwidth
3 dB Small Signal
V
120
120
MHz
+FS Error
V
±2.0
±2.0
LSB
-FS Error
V
±2.0
±2.0
LSB
Reference Input
fCLK=1 MHz
Reference Ladder Resistance
VI
500
800
500
800
Reference Ladder Tempco
V
0.8
0.8
Ω/°C
Timing Characteristics
Maximum Conversion Rate
VI
20
20
MHz
Overvoltage Recovery Time
V
20
20
ns
Pipeline Delay (Latency)
IV
1
1 Clock Cycle
Output Delay
TA=+25 °C
V
14
18
14
18 ns
Aperture Delay Time
TA=+25 °CV
1
1
ns
Aperture Jitter Time
TA=+25 °C
V
5
5
ps-RMS
Acquisition Time
TA=+25 °C
V
20
20
ns
Dynamic Performance
Effective Number of Bits
fIN=1 MHz
9.2
8.7
Bits
fIN=3.58 MHz
8.8
8.3
Bits
fIN=10.0 MHz
7.5
7.0
Bits
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25
°C
Note:
1.
Operation at any Absolute Maximum Rating is not implied. See Electrical Specifications for proper nominal
applied conditions in typical applications.
Supply Voltages
VCC ...........................................................................+6 V
VEE ........................................................................... -6 V
Input Voltages
Analog Input ............................................... VFB≤VIN≤VFT
VFT, VFB .............................................................. +3.0 V, -3.0 V
Reference Ladder Current ..................................... 12 mA
CLK Input .................................................................. VCC
Output
Digital Outputs ......................................... +30 to -30 mA
Temperature
Operating Temperature ............................ -55 to +125
°C
Junction Temperature1 .............................................. +175
°C
Lead Temperature, (soldering 10 seconds) ........ +300
°C
Storage Temperature ................................ -65 to +150
°C
Typical thermal impedances (unsoldered, in free air): 28L sidebrazed DIP:
θja = 50 °C/W, 28L plastic DIP: θja = 50 °C/W,
28L SOIC:
θja = 100 °C/W.


Similar Part No. - SPT7820ACN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7820 FAIRCHILD-SPT7820 Datasheet
206Kb / 17P
   EVALUATION BOARD
More results

Similar Description - SPT7820ACN

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7824 CADEKA-SPT7824 Datasheet
198Kb / 11P
   10-BIT, 40 MSPS, TTL OUTPUT A/D CONVERTER
SPT7921 CADEKA-SPT7921 Datasheet
187Kb / 11P
   12-BIT, 20 MSPS, TTL, A/D CONVERTER
logo
Fairchild Semiconductor
SPT7871 FAIRCHILD-SPT7871 Datasheet
64Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7871 CADEKA-SPT7871 Datasheet
164Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
SPT7920 CADEKA-SPT7920 Datasheet
187Kb / 11P
   12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
List of Unclassifed Man...
SPT7810 ETC1-SPT7810 Datasheet
81Kb / 10P
   10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
SPT7920 ETC1-SPT7920 Datasheet
104Kb / 11P
   12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7810 CADEKA-SPT7810 Datasheet
437Kb / 9P
   10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
   10-Bit, 20 MSPS A/D Converter
August 1997
HI5710A INTERSIL-HI5710A_00 Datasheet
833Kb / 21P
   10-Bit, 20 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com