Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT7725BCU Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # SPT7725BCU
Description  8-BIT, 300 MSPS, FLASH A/D CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7725BCU Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button SPT7725BCU Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7725BCU Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7725BCU Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7725BCU Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7725BCU Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7725BCU Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7725BCU Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7725BCU Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7725BCU Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
8/17/01
SPT7725
double-sided PC board with a ground plane on the compo-
nent side separated into digital and analog sections will
give the best performance. The converter is bonded-out to
place the digital pins on the left side of the package and
the analog pins on the right side. Additionally, an RF bead
connection through a single point from the analog to digi-
tal ground planes will reduce ground noise pickup.
The circuit in figure 2 (PGA and cerquad packages only) is
intended to show the most elaborate method of achieving
the least error by correcting for integral nonlinearity, input
induced distortion, and power supply/ground noise. This is
achieved by the use of external reference ladder tap con-
nections, an input buffer, and supply decoupling. The func-
tion of each pin and external connections to other compo-
nents is as follows:
Figure 2 – Typical Interface Circuit 2 (PGA and Cerquad packages only)
VEE
VCC
10-25 W
VR1
+
–
.01 µF
256 to
8-Bit
Encoder
ECL
Latches
And
Buffers
VR2
VRTF
LINV
MINV
VRBF
Analog
Input
Force
–2 V
2.2 µF
–5.2 V
Clock
Buffer
Preamp
Comparator
VEE
AGND
DGND
VRTS
VRBS
50 W
DREAD
DRINV
Overrange
D8
MSB
D7
D6
D5
D4
D3
D2
D1
LSB
D0
AGND
VEE
AGND
–5.2 V
.01 µF
.01 µF
2
Analog Input
(Sense)
.01 µF
CLK
CLK
100116
Convert
–2 V (Digital)
L
10-25 W VR3
+
–
.01 µF
10-25 W
+
–
.01 µF
VIN
VIN
50 W
2
128
64
191
256
127
192
151
63
1
.01 µF
–2 V
(Analog)
VEE
U2
U2
U2
U1 and U2=
Rail-to-Rail Op Amp
D1=HP, 1N5712
Q1=1N2222A
Q2=1N2907A
R = 1 kW, .1%
R
R
R
R
+
–
U1
Voltage
Limiter
*See below
RT
–5.2
D1
D2
RS
49.9
Typical Voltage Limiter
.01 µF
+
–
U1
22
10 W
VCC
Q1
D1
VEE
–2 V
VREF
VEE
+
–
22 W
U2
.01 µF
VEE, AGND, DGND
VEE is the supply pin with AGND as ground for the device.
The power supply pins should be bypassed as close to the
device as possible with at least a .01 µF ceramic capaci-
tor. A 1 µF tantalum should also be used for low frequency
suppression. DGND is the ground for the ECL outputs and
is to be referenced to the output pulldown voltage and
appropriately bypassed as shown in figure 1.
VIN (ANALOG INPUT)
There are two analog input pins that are tied to the same
point internally. Either one may be used as an analog input
sense and the other for input force. This is convenient for
testing the source signal to see if there is sufficient drive
capability. The pins can also be tied together and driven by


Similar Part No. - SPT7725BCU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7725BCU FAIRCHILD-SPT7725BCU Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
More results

Similar Description - SPT7725BCU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
   8-Bit, 20 MSPS Flash A/D Converter
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
logo
Sony Corporation
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1166Y INTERSIL-HI1166Y Datasheet
585Kb / 8P
   8-Bit 250 MSPS Flash A/D Converter
April 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com