Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT50GT120B2RG Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APT50GT120B2RG
Description  Thunderbolt IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT50GT120B2RG Datasheet(HTML) 5 Page - Microsemi Corporation

  APT50GT120B2RG Datasheet HTML 1Page - Microsemi Corporation APT50GT120B2RG Datasheet HTML 2Page - Microsemi Corporation APT50GT120B2RG Datasheet HTML 3Page - Microsemi Corporation APT50GT120B2RG Datasheet HTML 4Page - Microsemi Corporation APT50GT120B2RG Datasheet HTML 5Page - Microsemi Corporation APT50GT120B2RG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Typical Performance Curves
APT50GT120B2R_LR(G)
0
20
40
60
80
100
120
10 20 30 40
50 60 70 80 90 100
0
0.05
0. 1
0.15
0. 2
0.25
10-5
10-4
10-3
10-2
10-1
1.0
10
100
1000
5000
0
100
200
300
400
500
600
0.3
D = 0.9
0.7
SINGLE PULSE
RECTANGULAR PULSE DURATION (SECONDS)
Figure 19a, Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration
FIGURE 19b, TRANSIENT THERMAL IMPEDANCE MODEL
I
C, COLLECTOR CURRENT (A)
Figure 20, Operating Frequency vs Collector Current
T
J = 125°C
T
C = 75°C
D = 50 %
V
CE = 800V
R
G = 1.0Ω
0.5
0.1
0.05
F
max
= min (f
max, f max2)
0.05
f
max1 = t
d(on) + tr + td(off) + tf
P
diss - P cond
E
on2 + E off
f
max2 =
P
diss =
T
J - T C
R θJC
C
oes
C
res
C
ies
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:
75°C
100°C
0.0487
0.151
0.00909
0.389
Dissipated Power
(Watts)
T
J (°C)
T
C (°C)
Z
EXT are the external thermal
impedances: Case to sink,
sink to ambient, etc. Set to
zero when modeling only
the case to junction.
V
CE, COLLECTOR-TO-EMITTER VOLTAGE (VOLTS)
FIGURE 17, Capacitance vs Collector-To-Emitter Voltage
0
20
40
60
80
100
120
140
0
200 400
600 800 1000 1200 1400
160
V
CE, COLLECTOR-TO-EMITTER VOLTAGE
FIGURE 18, Minimum Switching Safe Operating Area


Similar Part No. - APT50GT120B2RG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT50GT120B2RG MICROSEMI-APT50GT120B2RG Datasheet
2Mb / 44P
   Power Semiconductors Power Modules
More results

Similar Description - APT50GT120B2RG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT50GT60BRDQ2 ADPOW-APT50GT60BRDQ2 Datasheet
431Kb / 9P
   Thunderbolt IGBT
APT15GT120BR ADPOW-APT15GT120BR Datasheet
397Kb / 6P
   Thunderbolt IGBT
APT20GT60BRDQ1 ADPOW-APT20GT60BRDQ1 Datasheet
428Kb / 9P
   Thunderbolt IGBT
APT25GT120BR ADPOW-APT25GT120BR Datasheet
394Kb / 6P
   Thunderbolt IGBT
logo
Microsemi Corporation
APT100GT60JRDQ4 MICROSEMI-APT100GT60JRDQ4 Datasheet
215Kb / 9P
   Thunderbolt IGBT
APT100GT120JRDQ4 MICROSEMI-APT100GT120JRDQ4 Datasheet
993Kb / 9P
   Thunderbolt IGBT
logo
Advanced Power Technolo...
APT50GT120LRDQ2 ADPOW-APT50GT120LRDQ2 Datasheet
440Kb / 9P
   Thunderbolt IGBT
APT50GT60BR ADPOW-APT50GT60BR Datasheet
409Kb / 6P
   Thunderbolt IGBT
APT15GT60BRDQ1 ADPOW-APT15GT60BRDQ1 Datasheet
427Kb / 9P
   Thunderbolt IGBT
APT15GT120BRDQ1 ADPOW-APT15GT120BRDQ1 Datasheet
430Kb / 9P
   Thunderbolt IGBT
APT30GT60BRDQ2 ADPOW-APT30GT60BRDQ2 Datasheet
435Kb / 9P
   Thunderbolt IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com