Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GUS-TS8ALF-02-1002-B Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # GUS-TS8ALF-02-1002-B
Description  Surface Mount TSSOP Resistor Networks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

GUS-TS8ALF-02-1002-B Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  GUS-TS8ALF-02-1002-B Datasheet HTML 1Page - IRC - a TT electronics Company. GUS-TS8ALF-02-1002-B Datasheet HTML 2Page - IRC - a TT electronics Company. GUS-TS8ALF-02-1002-B Datasheet HTML 3Page - IRC - a TT electronics Company. GUS-TS8ALF-02-1002-B Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Surface Mount TSSOP
Resistor Networks
Power Derating Curve
25°
70°
125°
100
50
10
Temperature in °C
Physical Data
N
N
Schematic A
Isolated
Schematic B
Bussed
Note: N = number of pins (16, 20, 24)
R1
1
2
3
R1
1
2
3
Note: All dimesions exclude mold flash and
end flash which shall not exceed 0.006" per side.
Drawing proportions not to scale.
SEATING PLANE
4.4mm ±0.1
6.4 BSC
0.90mm±0.05
0.65mm BSC
1.10 max
0.10mm±0.05
0.1mm
0° - 8°
R=0.09mm min
0.60mm±0.15
1.0mm REF
# OF PINS
DIMENSION "D"
16
5.0mm±0.1
20
6.5mm±0.1
24
7.8mm±0.1
Note: N = number of pins (16, 20, 24)
Note: Lead Coplanarity 0.004" max.
Schematic Data
TSSOP Series Issue January 2009 Sheet 3 of 4


Similar Part No. - GUS-TS8ALF-02-1002-B

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
GUS-TS005-4462 IRCTT-GUS-TS005-4462 Datasheet
354Kb / 1P
   TS005 Series
GUS-TS20P-330-K-470-K IRCTT-GUS-TS20P-330-K-470-K Datasheet
175Kb / 2P
   TaNCap짰 AC Line Termination Network
GUS-TS20P-330-K-470-M IRCTT-GUS-TS20P-330-K-470-M Datasheet
175Kb / 2P
   TaNCap짰 AC Line Termination Network
GUS-TS20P-330-M-470-K IRCTT-GUS-TS20P-330-M-470-K Datasheet
175Kb / 2P
   TaNCap짰 AC Line Termination Network
GUS-TS20P-330-M-470-M IRCTT-GUS-TS20P-330-M-470-M Datasheet
175Kb / 2P
   TaNCap짰 AC Line Termination Network
More results

Similar Description - GUS-TS8ALF-02-1002-B

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
GUS-SS4A-00-1002-J IRCTT-GUS-SS4A-00-1002-J Datasheet
300Kb / 4P
   Surface Mount SOIC Resistor Networks
logo
TT Electronics.
GUS-QS8BLF012001-G TTELEC-GUS-QS8BLF012001-G Datasheet
336Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
Welwyn Components Limit...
SOIC WELWYN-SOIC Datasheet
429Kb / 3P
   Surface Mount SOIC Resistor Networks
logo
IRC - a TT electronics ...
SOT-SOT143-00-A002-G IRCTT-SOT-SOT143-00-A002-G Datasheet
344Kb / 3P
   SOT143 Surface Mount Resistor Networks
GUS-QS8A-00-1002-J IRCTT-GUS-QS8A-00-1002-J Datasheet
387Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
Bi technologies
627T BITECH-627T Datasheet
153Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
627T BITECH-627T Datasheet
61Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
logo
Welwyn Components Limit...
627T WELWYN-627T Datasheet
182Kb / 4P
   CITT V.35 Termination Surface Mount Resistor Networks
logo
IRC - a TT electronics ...
8900SPACE IRCTT-8900SPACE Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
logo
Bi technologies
627V100 BITECH-627V100 Datasheet
53Kb / 4P
   Designed For Pentium Power Supply Surface Mount Resistor Networks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com