Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT50GN60SDQ2G Datasheet(PDF) 9 Page - Microsemi Corporation

Part # APT50GN60SDQ2G
Description  Resonant Mode Combi IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT50GN60SDQ2G Datasheet(HTML) 9 Page - Microsemi Corporation

  APT50GN60SDQ2G Datasheet HTML 1Page - Microsemi Corporation APT50GN60SDQ2G Datasheet HTML 2Page - Microsemi Corporation APT50GN60SDQ2G Datasheet HTML 3Page - Microsemi Corporation APT50GN60SDQ2G Datasheet HTML 4Page - Microsemi Corporation APT50GN60SDQ2G Datasheet HTML 5Page - Microsemi Corporation APT50GN60SDQ2G Datasheet HTML 6Page - Microsemi Corporation APT50GN60SDQ2G Datasheet HTML 7Page - Microsemi Corporation APT50GN60SDQ2G Datasheet HTML 8Page - Microsemi Corporation APT50GN60SDQ2G Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
APT50GN60BD_SDQ2(G)
TYPICAL PERFORMANCE CURVES
4
3
1
2
5
5
Zero
1
2
3
4
di
F/dt - Rate of Diode Current Change Through Zero Crossing.
I
F - Forward Conduction Current
I
RRM - Maximum Reverse Recovery Current.
trr - Reverse Recovery Time, measured from zero crossing where diode
Qrr - Area Under the Curve Defined by IRRM and trr.
current goes from positive to negative, to the point at which the straight
line through IRRM and 0.25 IRRM passes through zero.
Figure 32. Diode Test Circuit
Figure 33, Diode Reverse Recovery Waveform and Definitions
0.25 IRRM
PEARSON 2878
CURRENT
TRANSFORMER
di
F/dt Adjust
30
μH
D.U.T.
+18V
0V
trr/Qrr
Waveform
Vr
APT40GT60BR
TO-247 Package Outline
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
6.15 (.242) BSC
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
3.50 (.138)
3.81 (.150)
2.87 (.113)
3.12 (.123)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
Collector
Emitter
Gate
5.45 (.215) BSC
Dimensions in Millimeters and (Inches)
2-Plcs.
15.95 (.628)
16.05(.632)
1.22 (.048)
1.32 (.052)
5.45 (.215) BSC
{2 Plcs.}
4.98 (.196)
5.08 (.200)
1.47 (.058)
1.57 (.062)
2.67 (.105)
2.84 (.112)
0.46 (.018)
{3 Plcs}
0.56 (.022)
Dimensions in Millimeters (Inches)
Heat Sink (Collector)
and Leads are Plated
3.81 (.150)
4.06 (.160)
(Base of Lead)
1.98 (.078)
2.08 (.082)
Gate
Collector
Emitter
0.020 (.001)
0.178 (.007)
1.27 (.050)
1.40 (.055)
11.51 (.453)
11.61 (.457)
13.41 (.528)
13.51(.532)
Revised
8/29/97
1.04 (.041)
1.15(.045)
13.79 (.543)
13.99(.551)
Revised
4/18/95
D
3PAK Package Outline
e1 SAC: Tin, Silver, Copper
e3 SAC: Tin, Silver, Copper
(Cathode)
(Anode)
Microsemi’s products are covered by one or more of U.S. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583
4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743, 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. US and Foreign patents pending. All Rights Reserved.
(Cathode)
(Anode)


Similar Part No. - APT50GN60SDQ2G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT50GN60S MICROSEMI-APT50GN60S Datasheet
137Kb / 6P
   Resonant Mode Combi IGBT
APT50GN60SG MICROSEMI-APT50GN60SG Datasheet
137Kb / 6P
   Resonant Mode Combi IGBT
More results

Similar Description - APT50GN60SDQ2G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT15GP60BDL MICROSEMI-APT15GP60BDL Datasheet
212Kb / 9P
   Resonant Mode Combi IGBT
APT30GS60BRDL MICROSEMI-APT30GS60BRDL Datasheet
214Kb / 9P
   Resonant Mode Combi IGBT
APT30GT60BRDL MICROSEMI-APT30GT60BRDL Datasheet
202Kb / 9P
   Resonant Mode Combi IGBT
APT100GT60JRDL MICROSEMI-APT100GT60JRDL Datasheet
206Kb / 9P
   Resonant Mode Combi IGBT
APT30GN60B MICROSEMI-APT30GN60B Datasheet
129Kb / 6P
   Resonant Mode Combi IGBT
APT30GN60K MICROSEMI-APT30GN60K Datasheet
150Kb / 6P
   Resonant Mode Combi IGBT
APT50GS60BRDL MICROSEMI-APT50GS60BRDL Datasheet
251Kb / 9P
   Resonant Mode Combi IGBT
APT50GN60B MICROSEMI-APT50GN60B Datasheet
137Kb / 6P
   Resonant Mode Combi IGBT
APT50GP60LDL MICROSEMI-APT50GP60LDL Datasheet
203Kb / 9P
   Resonant Mode Combi IGBT
APT50GT60BRDL MICROSEMI-APT50GT60BRDL Datasheet
200Kb / 9P
   Resonant Mode Combi IGBT
APT30GN60BDQ2 MICROSEMI-APT30GN60BDQ2 Datasheet
159Kb / 9P
   Resonant Mode Combi IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com