Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT47GA60JD40 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APT47GA60JD40
Description  High Speed PT IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT47GA60JD40 Datasheet(HTML) 3 Page - Microsemi Corporation

  APT47GA60JD40 Datasheet HTML 1Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 2Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 3Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 4Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 5Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 6Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 7Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 8Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Typical Performance Curves
APT47GA60JD40
0
20
40
60
80
100
120
25
50
75
100
125
150
0
1
2
3
4
5
0
25
50
75
100
125
150
0
5
10
15
20
0
50
100
150
200
250
0
1
2
3
4
6
8
10
12
14
16
0
20
40
60
80
100
0
2
4
6
8
10
12
14
16
0
50
100
150
200
250
300
350
0
4
8
12
16
20
24
28
32
0
25
50
75
100
125
150
0
1
2
3
4
5
6
250μs PULSE
TEST<0.5 % DUTY
CYCLE
T
J = 25°C.
250μs PULSE TEST
<0.5 % DUTY CYCLE
V
GE = 15V.
250μs PULSE TEST
<0.5 % DUTY CYCLE
I
C = 23.5A
I
C = 47A
I
C = 94A
I
C = 47A
I
C = 94A
13V
5V
15V
I
C = 47A
T
J = 25°C
V
CE = 480V
V
CE = 300V
V
CE = 120V
T
J= 25°C
T
J= -55°C
V
GE = 15V
T
J= 55°C
T
J= 150°C
V
CE, COLLECTOR-TO-EMITTER VOLTAGE (V)
FIGURE 1, Output Characteristics (T
J
= 25°C)
T
J= 25°C
T
J= 125°C
V
CE, COLLECTOR-TO-EMITTER VOLTAGE (V)
FIGURE 2, Output Characteristics (T
J
= 25°C)
T
J= 125°C
V
GE, GATE-TO-EMITTER VOLTAGE (V)
FIGURE 3, Transfer Characteristics
V
GE, GATE-TO-EMITTER VOLTAGE (V)
FIGURE 5, On State Voltage vs Gate-to-Emitter Voltage
GATE CHARGE (nC)
FIGURE 4, Gate charge
T
J, Junction Temperature (°C)
FIGURE 6, On State Voltage vs Junction Temperature
T
C, Case Temperature (°C)
FIGURE 8, DC Collector Current vs Case Temperature
-50 -25
0
25
50 75
100 125 150
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
0.75
0.70
T
J, JUNCTION TEMPERATURE
FIGURE 7, Threshold Voltage vs Junction Temperature
6V
7V
8V
I
C = 23.5A
9V
10V


Similar Part No. - APT47GA60JD40

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT47F60J MICROSEMI-APT47F60J Datasheet
145Kb / 4P
   N-Channel FREDFET
APT47M60J MICROSEMI-APT47M60J Datasheet
274Kb / 4P
   N-Channel MOSFET
logo
Advanced Power Technolo...
APT47N60BC3 ADPOW-APT47N60BC3 Datasheet
173Kb / 5P
   Super Junction MOSFET
logo
Microsemi Corporation
APT47N60BC3 MICROSEMI-APT47N60BC3 Datasheet
218Kb / 5P
   Super Junction MOSFET
logo
Inchange Semiconductor ...
APT47N60BC3 ISC-APT47N60BC3 Datasheet
420Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - APT47GA60JD40

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT28GA60K MICROSEMI-APT28GA60K Datasheet
214Kb / 6P
   High Speed PT IGBT
APT64GA90B MICROSEMI-APT64GA90B Datasheet
205Kb / 6P
   High Speed PT IGBT
APT64GA90LD30 MICROSEMI-APT64GA90LD30 Datasheet
234Kb / 9P
   High Speed PT IGBT
APT102GA60B2 MICROSEMI-APT102GA60B2 Datasheet
232Kb / 6P
   High Speed PT IGBT
APT27GA90K MICROSEMI-APT27GA90K Datasheet
222Kb / 6P
   High Speed PT IGBT
APT35GA90B MICROSEMI-APT35GA90B Datasheet
216Kb / 6P
   High Speed PT IGBT
APT46GA90JD40 MICROSEMI-APT46GA90JD40 Datasheet
244Kb / 9P
   High Speed PT IGBT
APT80GA60LD40 MICROSEMI-APT80GA60LD40 Datasheet
248Kb / 9P
   High Speed PT IGBT
APT80GA90B MICROSEMI-APT80GA90B Datasheet
220Kb / 6P
   High Speed PT IGBT
APT20GN60BDQ1 MICROSEMI-APT20GN60BDQ1 Datasheet
160Kb / 9P
   High Speed PT IGBT
APT20GN60K MICROSEMI-APT20GN60K Datasheet
173Kb / 6P
   High Speed PT IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com