Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN0603-391K Datasheet(PDF) 8 Page - PREMO CORPORATION S.L

Part # PN0603-391K
Description  SMD Power Inductors Unshielded
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PN0603-391K Datasheet(HTML) 8 Page - PREMO CORPORATION S.L

Back Button PN0603-391K Datasheet HTML 4Page - PREMO CORPORATION S.L PN0603-391K Datasheet HTML 5Page - PREMO CORPORATION S.L PN0603-391K Datasheet HTML 6Page - PREMO CORPORATION S.L PN0603-391K Datasheet HTML 7Page - PREMO CORPORATION S.L PN0603-391K Datasheet HTML 8Page - PREMO CORPORATION S.L PN0603-391K Datasheet HTML 9Page - PREMO CORPORATION S.L PN0603-391K Datasheet HTML 10Page - PREMO CORPORATION S.L PN0603-391K Datasheet HTML 11Page - PREMO CORPORATION S.L PN0603-391K Datasheet HTML 12Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
PN0315 , PN0302 , PN0403 , PN0502 ,
PN0602 , PN0603 , PN54 , PN75 ,
PN105 , PN1011 & PN1307
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
8
PN54 (1.2µH – 820µH)
PN54 – 820K
82.0±10%
20
1
2.52
9.0
0.600
0.58
PN54 – 101K
100.0±10%
20
1
0.796
8.5
0.700
0.52
PN54 – 121K
120.0±10%
22
1
0.796
6.6
0.930
0.48
PN54 – 151K
150.0±10%
22
1
0.796
6.2
1.100
0.40
PN54 – 181K
180.0±10%
20
1
0.796
6.0
1.380
0.38
PN54 – 221K
220.0±10%
20
1
0.796
5.6
1.570
0.35
PN54 – 271K
270.0±10%
26
1
0.796
3.9
1.880
0.32
PN54 – 331K
330.0±10%
25
1
0.796
3.3
2.250
0.27
PN54 – 391K
390.0±10%
25
1
0.796
3.1
2.480
0.25
PN54 – 471K
470.0±10%
25
1
0.796
2.9
3.300
0.21
PN54 – 561K
560.0±10%
24
1
0.796
2.5
4.000
0.18
PN54 – 681K
680.0±10%
26
1
0.796
2.3
4.650
0.16
PN54 – 821K
820.0±10%
25
1
0.796
2.0
5.200
0.14
PN75 (1.5µH – 4700µH)
Test Freq.
DWG No.
Inductance
(µH)
Q
ref.
L
(KHz)
Q
(MHz)
SRF
(MHz)
nom.
RDC
(Ω)
max.
IDC
(A)
max.
PN75 – 1R5M
1.5±20%
32
1
7.96
120.0
0.015
6.00
PN75 – 2R5M
2.5±20%
32
1
7.96
70.0
0.020
5.00
PN75 – 3R3M
3.3±20%
32
1
7.96
55.0
0.022
4.60
PN75 – 3R9M
3.9±20%
32
1
7.96
45.0
0.024
4.40
PN75 – 4R7M
4.7±20%
31
1
7.96
38.0
0.033
3.70
PN75 – 5R6M
5.6±20%
31
1
7.96
34.0
0.035
350
PN75 – 6R8M
6.8±20%
30
1
7.96
33.0
0.040
3.20
PN75 – 8R2M
8.2±20%
29
1
7.96
30.0
0.050
2.80
PN75 – 100M
10.0±20%
25
1
2.52
22.0
0.070
2.30
PN75 – 120M
12.0±20%
25
1
2.52
20.0
0.080
2.00
PN75 – 150M
15.0±20%
25
1
2.52
16.0
0.090
1.80
PN75 – 180M
18.0±20%
20
1
2.52
15.0
0.100
1.60
PN75 – 220M
22.0±20%
20
1
2.52
13.0
0.110
1.50
PN75 – 270M
27.0±20%
20
1
2.52
12.0
0.120
1.30
PN75 – 330K
33.0±10%
15
1
2.52
10.0
0.140
1.20
PN75 – 390K
39.0±10%
15
1
2.52
9.5
0.160
1.10
PN75 – 470K
47.0±10%
15
1
2.52
9.0
0.200
1.00
PN75 – 560K
56.0±10%
15
1
2.52
8.5
0.240
0.94
PN75 – 680K
68.0±10%
15
1
2.52
8.0
0.300
0.85


Similar Part No. - PN0603-391K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PN06L05 INFINEON-PN06L05 Datasheet
310Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
logo
VBsemi Electronics Co.,...
PN06L13 VBSEMI-PN06L13 Datasheet
967Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - PN0603-391K

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com