Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN0603-221K Datasheet(PDF) 9 Page - PREMO CORPORATION S.L

Part # PN0603-221K
Description  SMD Power Inductors Unshielded
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PN0603-221K Datasheet(HTML) 9 Page - PREMO CORPORATION S.L

Back Button PN0603-221K Datasheet HTML 5Page - PREMO CORPORATION S.L PN0603-221K Datasheet HTML 6Page - PREMO CORPORATION S.L PN0603-221K Datasheet HTML 7Page - PREMO CORPORATION S.L PN0603-221K Datasheet HTML 8Page - PREMO CORPORATION S.L PN0603-221K Datasheet HTML 9Page - PREMO CORPORATION S.L PN0603-221K Datasheet HTML 10Page - PREMO CORPORATION S.L PN0603-221K Datasheet HTML 11Page - PREMO CORPORATION S.L PN0603-221K Datasheet HTML 12Page - PREMO CORPORATION S.L PN0603-221K Datasheet HTML 13Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PN0315 , PN0302 , PN0403 , PN0502 ,
PN0602 , PN0603 , PN54 , PN75 ,
PN105 , PN1011 & PN1307
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
9
PN75 (1.5µH – 4700µH)
PN75 – 820K
82.0±10%
12
1
2.52
7.0
0.370
0.78
PN75 – 101K
100.0±10%
12
1
0.796
6.5
0.450
0.72
PN75 – 121K
120.0±10%
12
1
0.796
5.6
0.480
0.66
PN75 – 151K
150.0±10%
12
1
0.796
5.5
0.680
0.58
PN75 – 181K
180.0±10%
12
1
0.796
5.0
0.770
0.51
PN75 – 221K
220.0±10%
12
1
0.796
4.8
0.960
0.49
PN75 – 271K
270.0±10%
12
1
0.796
4.5
1.110
0.42
PN75 – 331K
330.0±10%
12
1
0.796
4.3
1.260
0.40
PN75 – 391K
390.0±10%
12
1
0.796
4.0
1.770
0.36
PN75 – 471K
470.0±10%
12
1
0.796
3.8
1.960
0.34
PN75 – 561K
560.0±10%
30
1
0.796
3.7
2.500
0.30
PN75 – 681K
680.0±10%
29
1
0.796
3.5
2.800
0.28
PN75 – 821K
820.0±10%
28
1
0.796
3.2
4.000
0.23
PN75 – 102K
1000.0±10%
27
1
0.252
3.0
4.500
0.21
PN75 – 122K
1200.0±10%
28
1
0.252
2.6
6.800
0.17
PN75 – 152K
1500.0±10%
27
1
0.252
2.4
8.000
0.15
PN75 – 182K
1800.0±10%
30
1
0.252
1.6
9.200
0.14
PN75 – 222K
2200.0±10%
29
1
0.252
1.5
10.000
0.13
PN75 – 272K
2700.0±10%
31
1
0.252
1.4
11.800
0.12
PN75 – 332K
3300.0±10%
28
1
0.252
1.2
16.500
0.10
PN75 – 392K
3900.0±10%
28
1
0.252
1.1
18.000
0.09
PN75 – 472K
4700.0±10%
30
1
0.252
1.0
21.000
0.08
PN105 (1.5µH – 4700µH)
Test Freq.
DWG No.
Inductance
(µH)
Q
ref.
L
(KHz)
Q
(MHz)
SRF
(MHz)
nom.
RDC
(Ω)
max.
IDC
(A)
max.
PN105 – 1R5M
1.5±20%
35
1
7.96
105.0
0.018
6.40
PN105 – 2R2M
2.2±20%
35
1
7.96
68.0
0.021
5.40
PN105 – 3R3M
3.3±20%
34
1
7.96
55.0
0.024
5.00
PN105 – 3R9M
3.9±20%
34
1
7.96
48.0
0.027
4.60
PN105 – 4R7M
4.7±20%
33
1
7.96
40.0
0.036
4.00
PN105 – 5R6M
5.6±20%
33
1
7.96
35.0
0.040
3.80
PN105 – 6R8M
6.8±20%
33
1
7.96
32.0
0.044
3.40
PN105 – 8R2M
8.2±20%
31
1
7.96
24.0
0.048
3.00
PN105 – 100M
10.0±20%
30
1
2.52
21.0
0.060
2.60
PN105 – 120M
12.0±20%
30
1
2.52
20.0
0.070
2.45


Similar Part No. - PN0603-221K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PN06L05 INFINEON-PN06L05 Datasheet
310Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
logo
VBsemi Electronics Co.,...
PN06L13 VBSEMI-PN06L13 Datasheet
967Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - PN0603-221K

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com