Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN0603-181K Datasheet(PDF) 10 Page - PREMO CORPORATION S.L

Part # PN0603-181K
Description  SMD Power Inductors Unshielded
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PN0603-181K Datasheet(HTML) 10 Page - PREMO CORPORATION S.L

Back Button PN0603-181K Datasheet HTML 6Page - PREMO CORPORATION S.L PN0603-181K Datasheet HTML 7Page - PREMO CORPORATION S.L PN0603-181K Datasheet HTML 8Page - PREMO CORPORATION S.L PN0603-181K Datasheet HTML 9Page - PREMO CORPORATION S.L PN0603-181K Datasheet HTML 10Page - PREMO CORPORATION S.L PN0603-181K Datasheet HTML 11Page - PREMO CORPORATION S.L PN0603-181K Datasheet HTML 12Page - PREMO CORPORATION S.L PN0603-181K Datasheet HTML 13Page - PREMO CORPORATION S.L PN0603-181K Datasheet HTML 14Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
PN0315 , PN0302 , PN0403 , PN0502 ,
PN0602 , PN0603 , PN54 , PN75 ,
PN105 , PN1011 & PN1307
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
10
PN105 (1.5µH – 4700µH)
PN105 – 150M
15.0±20%
30
1
2.52
16.0
0.080
2.25
PN105 – 180M
18.0±20%
30
1
2.52
15.0
0.090
2.15
PN105 – 220M
22.0±20%
25
1
2.52
13.0
0.100
1.95
PN105 – 270M
27.0±20%
25
1
2.52
11.0
0.110
1.75
PN105 – 330K
33.0±10%
25
1
2.52
10.0
0.120
1.50
PN105 – 390K
39.0±10%
20
1
2.52
9.0
0.140
1.35
PN105 – 470K
47.0±10%
20
1
2.52
8.0
0.170
1.25
PN105 – 560K
56.0±10%
20
1
2.52
7.5
0.190
1.15
PN105 – 680K
68.0±10%
15
1
2.52
7.0
0.220
1.10
PN105 – 820K
82.0±10%
15
1
2.52
6.0
0.250
1.00
PN105 – 101K
100.0±10%
15
1
0.796
5.2
0.350
0.97
PN105 – 121K
120.0±10%
15
1
0.796
5.0
0.400
0.89
PN105 – 151K
150.0±10%
15
1
0.796
4.5
0.470
0.78
PN105 – 181K
180.0±10%
12
1
0.796
4.0
0.630
0.72
PN105 – 221K
220.0±10%
12
1
0.796
3.8
0.730
0.66
PN105 – 271K
270.0±10%
12
1
0.796
3.5
0.970
0.57
PN105 – 331K
330.0±10%
12
1
0.796
3.2
1.150
0.52
PN105 – 391K
390.0±10%
12
1
0.796
3.0
1.300
0.48
PN105 – 471K
470.0±10%
12
1
0.796
2.5
1.480
0.42
PN105 – 561K
560.0±10%
12
1
0.796
2.3
1.900
0.33
PN105 – 681K
680.0±10%
12
1
0.796
2.1
2.250
0.28
PN105 – 821K
820.0±10%
10
1
0.796
2.0
2.550
0.24
PN105 – 102K
1000.0±10%
29
1
0.252
1.9
3.100
0.23
PN105 – 122K
1200.0±10%
32
1
0.252
1.8
4.200
0.21
PN105 – 152K
1500.0±10%
31
1
0.252
1.7
5.000
0.19
PN105 – 182K
1800.0±10%
31
1
0.252
1.6
6.800
0.17
PN105 – 222K
2200.0±10%
31
1
0.252
1.5
7.600
0.16
PN105 – 272K
2700.0±10%
32
1
0.252
1.4
11.600
0.14
PN105 – 332K
3300.0±10%
32
1
0.252
1.3
13.500
0.12
PN105 – 392K
3900.0±10%
31
1
0.252
1.2
14.800
0.11
PN105 – 472K
4700.0±10%
32
1
0.252
0.8
18.000
0.10


Similar Part No. - PN0603-181K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PN06L05 INFINEON-PN06L05 Datasheet
310Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
logo
VBsemi Electronics Co.,...
PN06L13 VBSEMI-PN06L13 Datasheet
967Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - PN0603-181K

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com