Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT27GA90SD15 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # APT27GA90SD15
Description  High Speed PT IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT27GA90SD15 Datasheet(HTML) 7 Page - Microsemi Corporation

  APT27GA90SD15 Datasheet HTML 1Page - Microsemi Corporation APT27GA90SD15 Datasheet HTML 2Page - Microsemi Corporation APT27GA90SD15 Datasheet HTML 3Page - Microsemi Corporation APT27GA90SD15 Datasheet HTML 4Page - Microsemi Corporation APT27GA90SD15 Datasheet HTML 5Page - Microsemi Corporation APT27GA90SD15 Datasheet HTML 6Page - Microsemi Corporation APT27GA90SD15 Datasheet HTML 7Page - Microsemi Corporation APT27GA90SD15 Datasheet HTML 8Page - Microsemi Corporation APT27GA90SD15 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
STATIC ELECTRICAL CHARACTERISTICS
DYNAMIC CHARACTERISTICS
MAXIMUM RATINGS
All Ratings: T
C
= 25°C unless otherwise specified.
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
Symbol
Characteristic / Test Conditions
APT27GA90BD_SD15
Unit
I
F(AV)
Maximum Average Forward Current (T
C = 126°C, Duty Cycle = 0.5)
15
Amps
I
F(RMS)
RMS Forward Current (Square wave, 50% duty)
29
I
FSM
Non-Repetitive Forward Surge Current (T
J = 45°C, 8.3 ms)
80
Symbol
Characteristic / Test Conditions
Min
Type
Max
Unit
V
F
Forward Voltage
I
F = 15A
2.5
Volts
I
F = 30A
3.06
I
F = 15A, TJ = 125°C
1.92
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
t
rr
Reverse Recovery Time
I
F = 1A,
di
F/dt = -100A/µs,
V
R = 30V, TJ = 25°C
-
20
-
ns
t
rr
Reverse Recovery Time
I
F
= 15A, di
F
/dt = -200A/µs
V
R
= 667V, T
C
= 25°C
-
235
-
Q
rr
Reverse Recovery Charge
-
185
-
nC
I
RRM
Maximum Reverse Recovery Current
-
3
-
Amps
t
rr
Reverse Recovery Time
I
F
= 15A, di
F
/dt = -200A/µs
V
R
= 667V, T
C
= 125°C
-
300
-ns
Q
rr
Reverse Recovery Charge
-
810
-
nC
I
RRM
Maximum Reverse Recovery Current
-
6
-
Amps
t
rr
Reverse Recovery Time
I
F
= 15A, di
F
/dt = -1000A/µs
V
R
= 667V, T
C
= 125°C
-
125
-
ns
Q
rr
Reverse Recovery Charge
-
1150
-nC
I
RRM
Maximum Reverse Recovery Current
-
19
-
Amps
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULAR PULSE DURATION (seconds)
FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
1.20
1.00
0.80
0.60
0.40
0.20
0
0.5
SINGLE PULSE
0.1
0.3
0.7
D = 0.9
0.05
FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:
0.676
0.504
0.00147
0.0440
Dissipated Power
(Watts)
T
J (°C)
T
C (°C)
Z
EXT are the external thermal
impedances: Case to sink,
sink to ambient, etc. Set to
zero when modeling only
the case to junction.


Similar Part No. - APT27GA90SD15

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT27GA90BD15 MICROSEMI-APT27GA90BD15 Datasheet
2Mb / 44P
   Power Semiconductors Power Modules
APT27GA90BD15 MICROSEMI-APT27GA90BD15 Datasheet
2Mb / 44P
   Power Semiconductors Power Modules RF Power MOSFETs
APT27GA90K MICROSEMI-APT27GA90K Datasheet
222Kb / 6P
   High Speed PT IGBT
More results

Similar Description - APT27GA90SD15

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT28GA60K MICROSEMI-APT28GA60K Datasheet
214Kb / 6P
   High Speed PT IGBT
APT64GA90B MICROSEMI-APT64GA90B Datasheet
205Kb / 6P
   High Speed PT IGBT
APT64GA90LD30 MICROSEMI-APT64GA90LD30 Datasheet
234Kb / 9P
   High Speed PT IGBT
APT102GA60B2 MICROSEMI-APT102GA60B2 Datasheet
232Kb / 6P
   High Speed PT IGBT
APT27GA90K MICROSEMI-APT27GA90K Datasheet
222Kb / 6P
   High Speed PT IGBT
APT35GA90B MICROSEMI-APT35GA90B Datasheet
216Kb / 6P
   High Speed PT IGBT
APT46GA90JD40 MICROSEMI-APT46GA90JD40 Datasheet
244Kb / 9P
   High Speed PT IGBT
APT80GA60LD40 MICROSEMI-APT80GA60LD40 Datasheet
248Kb / 9P
   High Speed PT IGBT
APT80GA90B MICROSEMI-APT80GA90B Datasheet
220Kb / 6P
   High Speed PT IGBT
APT20GN60BDQ1 MICROSEMI-APT20GN60BDQ1 Datasheet
160Kb / 9P
   High Speed PT IGBT
APT20GN60K MICROSEMI-APT20GN60K Datasheet
173Kb / 6P
   High Speed PT IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com