Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT20GN60SG Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APT20GN60SG
Description  Thunderbolt High Speed NPT IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT20GN60SG Datasheet(HTML) 5 Page - Microsemi Corporation

  APT20GN60SG Datasheet HTML 1Page - Microsemi Corporation APT20GN60SG Datasheet HTML 2Page - Microsemi Corporation APT20GN60SG Datasheet HTML 3Page - Microsemi Corporation APT20GN60SG Datasheet HTML 4Page - Microsemi Corporation APT20GN60SG Datasheet HTML 5Page - Microsemi Corporation APT20GN60SG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
APT20GN60B_S(G)
TYPICAL PERFORMANCE CURVES
1.20
1.00
0.80
0.60
0.40
0.20
0
0.3
0.7
SINGLE PULSE
RECTANGULAR PULSE DURATION (SECONDS)
Figure 19, Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration
10-5
10-4
10-3
10-2
10-1
1.0
2,000
1,000
500
100
50
10
70
60
50
40
30
20
10
0
V
CE
, COLLECTOR-TO-EMITTER VOLTAGE (VOLTS)
V
CE
, COLLECTOR TO EMITTER VOLTAGE
Figure 17, Capacitance vs Collector-To-Emitter Voltage
Figure 18,Minimim Switching Safe Operating Area
0
10
20
30
40
50
0
100
200
300
400
500
600
700
5
10
15
20
25
30
I
C
, COLLECTOR CURRENT (A)
Figure 20, Operating Frequency vs Collector Current
T
J
= 125
°C
T
C
= 75
°C
D = 50 %
V
CE
= 400V
R
G
= 4.3
Ω
140
100
50
10
7
C
ies
C
oes
C
res
0.5
0.1
0.05
F
max
= min (f
max, f max2)
0.05
f
max1 = t
d(on) + tr + td(off) + tf
P
diss - P cond
E
on2 + E off
f
max2 =
P
diss =
T
J - T C
R θJC
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:
D = 0.9


Similar Part No. - APT20GN60SG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT20GN60SDQ1 MICROSEMI-APT20GN60SDQ1 Datasheet
160Kb / 9P
   High Speed PT IGBT
APT20GN60SDQ1G MICROSEMI-APT20GN60SDQ1G Datasheet
160Kb / 9P
   High Speed PT IGBT
More results

Similar Description - APT20GN60SG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT30GS60KR MICROSEMI-APT30GS60KR Datasheet
590Kb / 7P
   Thunderbolt High Speed NPT IGBT
APT50GS60BR MICROSEMI-APT50GS60BR Datasheet
612Kb / 7P
   Thunderbolt High Speed NPT IGBT
APT20GS60KR MICROSEMI-APT20GS60KR Datasheet
611Kb / 7P
   Thunderbolt High Speed NPT IGBT
APT50GS60BRDQ2 MICROSEMI-APT50GS60BRDQ2 Datasheet
613Kb / 7P
   Thunderbolt High Speed NPT IGBT with Anti-Parallel DQ Diode
APT20GS60BRDQ1 MICROSEMI-APT20GS60BRDQ1 Datasheet
637Kb / 7P
   Thunderbolt High Speed NPT IGBT with Anti-Parallel DQ Diode
APT30GS60BRDQ2 MICROSEMI-APT30GS60BRDQ2 Datasheet
594Kb / 7P
   Thunderbolt High Speed NPT IGBT with Anti-Parallel DQ Diode
logo
Infineon Technologies A...
SGP20N60HS INFINEON-SGP20N60HS Datasheet
426Kb / 11P
   High Speed IGBT in NPT-technology
Rev.2 Aug-02
SGW50N60HS INFINEON-SGW50N60HS Datasheet
331Kb / 11P
   High Speed IGBT in NPT-technology
Rev. 2.1 June 06
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com