Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN0602-121K Datasheet(PDF) 3 Page - PREMO CORPORATION S.L

Part # PN0602-121K
Description  SMD Power Inductors Unshielded
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PN0602-121K Datasheet(HTML) 3 Page - PREMO CORPORATION S.L

  PN0602-121K Datasheet HTML 1Page - PREMO CORPORATION S.L PN0602-121K Datasheet HTML 2Page - PREMO CORPORATION S.L PN0602-121K Datasheet HTML 3Page - PREMO CORPORATION S.L PN0602-121K Datasheet HTML 4Page - PREMO CORPORATION S.L PN0602-121K Datasheet HTML 5Page - PREMO CORPORATION S.L PN0602-121K Datasheet HTML 6Page - PREMO CORPORATION S.L PN0602-121K Datasheet HTML 7Page - PREMO CORPORATION S.L PN0602-121K Datasheet HTML 8Page - PREMO CORPORATION S.L PN0602-121K Datasheet HTML 9Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PN0315 , PN0302 , PN0403 , PN0502 ,
PN0602 , PN0603 , PN54 , PN75 ,
PN105 , PN1011 & PN1307
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
3
PN0302 (1µH – 1200µH)
PN0302 – 330K
33.0±10%
20
100
2.52
18.0
0.85
0.420
0.500
PN0302 – 390K
39.0±10%
24
100
2.52
18.0
1.12
0.380
0.450
PN0302 – 470K
47.0±10%
23
100
2.52
17.0
1.27
0.360
0.400
PN0302 – 560K
56.0±10%
18
100
2.52
16.0
1.45
0.340
0.350
PN0302 – 680K
68.0±10%
24
100
2.52
14.0
1.85
0.300
0.320
PN0302 – 820K
82.0±10%
24
100
2.52
12.0
2.10
0.280
0.300
PN0302 – 101K
100.0±10%
40
100
0.796
10.0
2.85
0.260
0.280
PN0302 – 121K
120.0±10%
40
100
0.796
10.0
3.20
0.220
0.250
PN0302 – 151K
150.0±10%
38
100
0.796
9.0
4.60
0.200
0.230
PN0302 – 181K
180.0±10%
45
100
0.796
8.5
5.00
0.185
0.210
PN0302 – 221K
220.0±10%
40
100
0.796
8.0
5.70
0.170
0.190
PN0302 – 271K
270.0±10%
45
100
0.796
7.0
8.60
0.150
0.170
PN0302 – 331K
330.0±10%
40
100
0.796
6.0
10.00
0.130
0.150
PN0302 – 391K
390.0±10%
40
100
0.796
5.5
10.80
0.120
0.140
PN0302 – 471K
470.0±10%
42
100
0.796
5.0
14.30
0.105
0.130
PN0302 – 561K
560.0±10%
43
100
0.796
4.8
16.00
0.095
0.120
PN0302 – 681K
680.0±10%
43
100
0.796
4.3
18.00
0.085
0.110
PN0302 – 821K
820.0±10%
45
100
0.796
4.0
22.50
0.080
0.100
PN0302 – 102K
1000.0±10%
40
100
0.252
3.2
26.00
0.070
0.090
PN0302 – 122K
1200.0±10%
40
100
0.252
3.0
30.00
0.060
0.080
PN0403 (1µH – 1000µH)
Test Freq.
DWG No.
Inductance
(µH)
Q
ref.
L
(KHz)
Q
(MHz)
RDC
(Ω)
max.
IDC
(A)
max.
PN0403 – 1R0M
1.0±20%
28
1
7.96
0.033
3.800
PN0403 – 1R4M
1.4±20%
28
1
7.96
0.038
3.300
PN0403 – 1R8M
1.8±20%
28
1
7.96
0.042
2.910
PN0403 – 2R2M
2.2±20%
28
1
7.96
0.047
2.600
PN0403 – 2R7M
2.7±20%
28
1
7.96
0.052
2.430
PN0403 – 3R3M
3.3±20%
28
1
7.96
0.058
2.150
PN0403 – 3R9M
3.9±20%
28
1
7.96
0.076
1.980
PN0403 – 4R7M
4.7±20%
28
1
7.96
0.094
1.700
PN0403 – 5R6M
5.6±20%
28
1
7.96
0.101
1.600
PN0403 – 6R8M
6.8±20%
28
1
7.96
0.117
1.410
PN0403 – 8R2M
8.2±20%
28
1
7.96
0.132
1.260
PN0403 – 100M
10.0±20%
28
1
2.52
0.182
1.150


Similar Part No. - PN0602-121K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PN06L05 INFINEON-PN06L05 Datasheet
310Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
logo
VBsemi Electronics Co.,...
PN06L13 VBSEMI-PN06L13 Datasheet
967Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - PN0602-121K

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com