Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHC-391K Datasheet(PDF) 8 Page - PREMO CORPORATION S.L

Part # SHC-391K
Description  SMD Power Inductors Shielded
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

SHC-391K Datasheet(HTML) 8 Page - PREMO CORPORATION S.L

  SHC-391K Datasheet HTML 1Page - PREMO CORPORATION S.L SHC-391K Datasheet HTML 2Page - PREMO CORPORATION S.L SHC-391K Datasheet HTML 3Page - PREMO CORPORATION S.L SHC-391K Datasheet HTML 4Page - PREMO CORPORATION S.L SHC-391K Datasheet HTML 5Page - PREMO CORPORATION S.L SHC-391K Datasheet HTML 6Page - PREMO CORPORATION S.L SHC-391K Datasheet HTML 7Page - PREMO CORPORATION S.L SHC-391K Datasheet HTML 8Page - PREMO CORPORATION S.L SHC-391K Datasheet HTML 9Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SHA , SHB , SHC & PS1260
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
8
(SHA, SHB, PS1260 à P = 16mm) (SHC à P = 20mm)
Dimensions [mm]
Style
A
B
C
D
G
N
T
13 – 24
330
21±0.8
13
24
26+0
50-0
30.4
Inner : Reel
Outer : Carton
Series
Q’TY(pcs)
G.W.(gw)
Style
Q’TY(pcs)
G.W.(Kg)
Size(cm)
SHA
600
1,900
13 – 24
2,400
9.8
40 x 40 x 24
SHB
600
2,200
13 – 24
2,400
11.0
40 x 40 x 24
SHC
400
2,100
13 - 24
1,600
10.6
40 x 40 x 24
PS1260
600
2,200
13 - 24
2,400
11.0
40 x 40 x 24
8. Labelling


Similar Part No. - SHC-391K

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
SHC-50 RICHCO-SHC-50 Datasheet
138Kb / 1P
   SNAP-IT HOSE CLAMPS
SHC-56 RICHCO-SHC-56 Datasheet
61Kb / 1P
   SNAP - IT HOSE CLAMPS
More results

Similar Description - SHC-391K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com