Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT1018BIN Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # SPT1018BIN
Description  18-BIT, HIGH SPEED D/A CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT1018BIN Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  SPT1018BIN Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT1018BIN Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT1018BIN Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT1018BIN Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT1018BIN Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT1018BIN Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT1018BIN Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT1018BIN Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT1018BIN Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SPT1018
Figure 1 - Functional Diagram
APPLICATION INFORMATION
The SPT1018 is a high speed video digital-to-analog con-
verter capable of conversion rates of up to 275 MWPS. This
makes the device suitable for driving 1500 X 1800 pixel
displays at 70 to 90 Hz update rates.
The SPT1018 is separated into different conversion rate
categories as shown in table I.
The SPT1018 has 10 KH and 100K ECL logic level compat-
ible video controls and data inputs. The complementary
analog output currents produced by the devices are propor-
tional to the product of the digital control and data inputs in
conjunction with the analog reference current. The SPT1018
is segmented so that the four MSBs of the input data are
separated into a parallel thermometer code. From here,
fifteen identical current sinks are driven to fabricate sixteen
coarse output levels. The remaining four LSBs drive four
binary weighted current switches.
The MSB currents are then summed with the LSBs, which
provide a one-sixteenth of full scale contribution, to provide
the 256 distinct analog output levels.
The video control inputs drive weighted current sinks that are
added to the output current to produce composite video
output levels. These controls, Sync, Blank, Reference White
(Force High), and Bright are needed in video applications.
Another feature that similar video D/A converters do not have
is the Feedthrough Control. This pin allows registered or
unregistered operation of the video control and data inputs.
In the registered mode, the composite functions are latched
to the pixel data to prevent screen-edge distortions generally
found on unregistered video DACs.
4
Decoding
Logic
Data
Registers
Current
Sources
And
Switches
Current
Source
Biasing
Amp
+-
Out +
Out -
8
Composite
Video Controls
Feedthrough
D0 - D7
2
CONV
CONV
Ref+
VEE
VCC
Ref-
Table I - The SPT1018 Family and Speed Designations
PART NUMBER
UPDATE
COMMENTS
SPT1018A
275 MWPS
Suitable for 1200 X 1500 to 1500 X 1800
displays at 60 to 90 Hz update rate.
SPT1018B
165 MWPS
Suitable for 1024 X 1280 to 1200 X 1500
displays at 60 to 90 Hz update rate.
4
5/14/97


Similar Part No. - SPT1018BIN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT1018BIN ETC1-SPT1018BIN Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
More results

Similar Description - SPT1018BIN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9000 AD-AD9000 Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
   High-speed 8-bit D/A Converter
logo
Maxim Integrated Produc...
MX578 MAXIM-MX578 Datasheet
230Kb / 6P
   High Speed 12 Bit A/D Converter
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
   High-speed 8-bit D/A Converter
logo
Analog Devices
AD9000 AD-AD9000_15 Datasheet
209Kb / 8P
   HIGH SPEED 6 BIT A/D CONVERTER
REV. A
logo
Cadeka Microcircuits LL...
SPT1019 CADEKA-SPT1019 Datasheet
4Mb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com