Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSH5018-820N Datasheet(PDF) 3 Page - PREMO CORPORATION S.L

Part # PSH5018-820N
Description  SMD Power Inductors Shielded
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PSH5018-820N Datasheet(HTML) 3 Page - PREMO CORPORATION S.L

  PSH5018-820N Datasheet HTML 1Page - PREMO CORPORATION S.L PSH5018-820N Datasheet HTML 2Page - PREMO CORPORATION S.L PSH5018-820N Datasheet HTML 3Page - PREMO CORPORATION S.L PSH5018-820N Datasheet HTML 4Page - PREMO CORPORATION S.L PSH5018-820N Datasheet HTML 5Page - PREMO CORPORATION S.L PSH5018-820N Datasheet HTML 6Page - PREMO CORPORATION S.L PSH5018-820N Datasheet HTML 7Page - PREMO CORPORATION S.L PSH5018-820N Datasheet HTML 8Page - PREMO CORPORATION S.L PSH5018-820N Datasheet HTML 9Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PS
PS
PS
PSH3018
H3018
H3018
H3018 , PS
, PS
, PS
, PSH3027
H3027
H3027
H3027 , PS
, PS
, PS
, PSH4028
H4028
H4028
H4028 ,,,,
PS
PS
PS
PSH5018 , PSH5028
H5018 , PSH5028
H5018 , PSH5028
H5018 , PSH5028 & PS
PS
PS
PSH6022
H6022
H6022
H6022
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com
Web http://www.grupopremo.com
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
P
P
P
P
P
P
P
P
P
P
P
PR
R
R
R
R
R
R
R
R
R
R
RE
E
E
E
E
E
E
E
E
E
E
EM
M
M
M
M
M
M
M
M
M
M
MO
O
O
O
O
O
O
O
O
O
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
3
PSH3027
PSH3027
PSH3027
PSH3027 (4.7µH – 220µH)
Test Freq.
RDC
(m )
DWG No.
Inductance
(
µµµµH)
Q
ref.
L
(KHz)
Q
(MHz)
SRF
(MHz)
typ.
typ.
max.
Irms
(mA)
typ.
Isat
(mA)
typ.
PSH3027 – 4R7N
4.7±30%
5
100
7.96
50
30
40
2000
750
PSH3027 – 100N
10.0±30%
8
100
2.52
30
60
78
1600
530
PSH3027 – 150N
15.0±30%
7
100
2.52
25
88
115
1300
400
PSH3027 – 220N
22.0±30%
6
100
2.52
22
120
156
1100
320
PSH3027 – 330N
33.0±30%
7
100
2.52
18
165
215
920
270
PSH3027 – 470N
47.0±30%
7
100
2.52
16
225
280
820
230
PSH3027 – 680N
68.0±30%
6
100
2.52
11
335
420
660
190
PSH3027 – 101N
100.0±30%
8
100
0.796
9
465
580
600
160
PSH3027 – 121N
120.0±30%
8
100
0.796
8
600
750
520
140
PSH3027 – 151N
150.0±30%
10
100
0.796
7
690
860
480
125
PSH3027 – 221N
220.0±30%
8
100
0.796
6
1050
1320
380
100
PSH4028
PSH4028
PSH4028
PSH4028 (1.2µH – 560µH)
DWG No.
Inductance
(
µµµµH)
Test Freq.
L
(KHz)
RDC
(m )
max.
Irms
(mA)
max.
Isat
(mA)
typ.
PSH4028 – 1R2N
1.2±30%
100
20.0
3100
2560
PSH4028 – 1R8N
1.8±30%
100
25.0
2700
2200
PSH4028 – 2R2N
2.2±30%
100
28.0
2500
2050
PSH4028 – 2R7N
2.7±30%
100
30.0
2350
1800
PSH4028 – 3R3N
3.3±30%
100
35.0
2150
1650
PSH4028 – 3R9N
3.9±30%
100
60.0
1720
1500
PSH4028 – 4R7N
4.7±30%
100
70.0
1550
1300
PSH4028 – 5R6N
5.6±30%
100
85.0
1380
1200
PSH4028 – 6R8N
6.8±30%
100
90.0
1300
1150
PSH4028 – 8R2N
8.2±30%
100
100.0
1250
1050
PSH4028 – 100N
10.0±30%
100
110.0
1190
1000
PSH4028 – 120N
12.0±30%
100
125.0
1120
850
PSH4028 – 150N
15.0±30%
100
150.0
1030
780
PSH4028 – 180N
18.0±30%
100
160.0
980
750
PSH4028 – 220N
22.0±30%
100
185.0
925
720
PSH4028 – 270N
27.0±30%
100
200.0
890
600
PSH4028 – 330N
33.0±30%
100
230.0
820
580
PSH4028 – 390N
39.0±30%
100
250.0
795
500
PSH4028 – 470N
47.0±30%
100
280.0
750
480


Similar Part No. - PSH5018-820N

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
PSH DDK-PSH Datasheet
838Kb / 5P
   Compact Coaxial Connector
logo
Wabash Transformer Inc.
PSH-06-10 WABASH-PSH-06-10 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
PSH-06-120 WABASH-PSH-06-120 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
PSH-06-126 WABASH-PSH-06-126 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
PSH-06-16 WABASH-PSH-06-16 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
More results

Similar Description - PSH5018-820N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com