Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WBDDSS8-A-01-1002-DB Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # WBDDSS8-A-01-1002-DB
Description  Wire Bondable Resistor Network Arrays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

WBDDSS8-A-01-1002-DB Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  WBDDSS8-A-01-1002-DB Datasheet HTML 1Page - IRC - a TT electronics Company. WBDDSS8-A-01-1002-DB Datasheet HTML 2Page - IRC - a TT electronics Company. WBDDSS8-A-01-1002-DB Datasheet HTML 3Page - IRC - a TT electronics Company. WBDDSS8-A-01-1002-DB Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire Bondable
Resistor Network Arrays
Absolute tolerances to ±0.1%
Tight TCR tracking to ±5ppm/°C
Ratio match tolerances to ±0.05%
Ultra-stable tantalum nitride resistors
Chip Network Array Series
IRC’s TaNSil® network array resistors are ideally suited for applications
that demand a small footprint. The small wire bondable chip package
provides higher component density, lower resistor cost and high reliability.
The tantalum nitride film system on silicon provides precision tolerance, exceptional TCR tracking and low cost.
Excellent performance in harsh, humid environments is a trademark of IRC’s self-passivating TaNSil® resistor film.
For applications requiring high performance resistor networks in a low cost, wire bondable package, specify IRC
network array die.
WBC Series Issue January 2009 Sheet 1 of 4
Absolute TCR
Commercial
Code
MIL Inspection
Code*
±300ppm/°C
00
04
±100ppm/°C
01
05
±50ppm/°C
02
06
±25ppm/°C
03
07
TCR/Inspection Code Table
*Notes: Product supplied to Class H of MIL-PRF 38534 include 100% visual inspection
Power Derating Data
Electrical Data
Isolated
Bussed
Resistance Range
10Ω to 2.5MΩ
10Ω to 1.25MΩ
Absolute Tolerance
to ±0.1%
Ratio Tolerance to R1
to ±0.05%
to ±0.1%
Absolute TCR
to ±25ppm/°C
Tracking TCR
to ±5ppm/°C
Element Power Rating
100mW @ 70°C
50mW @ 70°C
Package Power Rating
8-Pad 400mW @ 70°C
16-Pad 800mW @ 70°C
24-Pad 1.0W @ 70°C
Rated Operating Voltage
(not to exceed
P x R)
100V
Operating Temperature
-55°C to +150°C
Noise
<-30dB
Substrate Material
Oxidized Silicon (10KÅ SiO
2 minimum)
Substrate Thickness
0.016˝ ±0.001
(0.406mm ±0.01)
Bond Pad
Metallization
Aluminum
10KÅ minimum
Gold
15KÅ minimum
Backside
Silicon
(gold available)
Passivation
Silicon Dioxide or Silicon Nitride


Similar Part No. - WBDDSS8-A-01-1002-DB

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
WBDDSS8-A-01-1002-D-A TTELEC-WBDDSS8-A-01-1002-D-A Datasheet
484Kb / 4P
   Wire Bondable Resistor Network Arrays
WBDDSS8-A-01-1002-D-B TTELEC-WBDDSS8-A-01-1002-D-B Datasheet
484Kb / 4P
   Wire Bondable Resistor Network Arrays
WBDDSS8-A-01-1002-D-C TTELEC-WBDDSS8-A-01-1002-D-C Datasheet
484Kb / 4P
   Wire Bondable Resistor Network Arrays
WBDDSS8-A-01-1002-D-D TTELEC-WBDDSS8-A-01-1002-D-D Datasheet
484Kb / 4P
   Wire Bondable Resistor Network Arrays
WBDDSS8-A-01-1002-D-F TTELEC-WBDDSS8-A-01-1002-D-F Datasheet
484Kb / 4P
   Wire Bondable Resistor Network Arrays
More results

Similar Description - WBDDSS8-A-01-1002-DB

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DSS4X TTELEC-DSS4X Datasheet
484Kb / 4P
   Wire Bondable Resistor Network Arrays
logo
Vishay Siliconix
CLA VISHAY-CLA Datasheet
103Kb / 3P
   Wire Bondable Thin Film Resistor Arrays
01-Jan-2022
MTT VISHAY-MTT Datasheet
101Kb / 3P
   Wire Bondable Thin Film Multi-Tap Resistor Arrays
Revision: 06-Apr-17
MTR VISHAY-MTR Datasheet
92Kb / 3P
   Wire Bondable Thin Film Multi-Tap Resistor Arrays
Revision: 18-Apr-13
logo
TT Electronics.
WBC-RC TTELEC-WBC-RC Datasheet
524Kb / 3P
   Wire Bondable Resistor
logo
Vishay Siliconix
MTLP VISHAY-MTLP Datasheet
74Kb / 3P
   Wire Bondable Thin Film Micro-Strip Transmission Line Resistor Arrays
Revision: 16-Nov-17
logo
TT Electronics.
DSOT TTELEC-DSOT Datasheet
797Kb / 3P
   Wire Bondable Voltage Divider Network
logo
IRC - a TT electronics ...
WBD-DSOT23-00-1002-1002 IRCTT-WBD-DSOT23-00-1002-1002 Datasheet
338Kb / 3P
   Wire Bondable Voltage Divider Network
WBD-DSOT23V-470-M-470-M IRCTT-WBD-DSOT23V-470-M-470-M Datasheet
423Kb / 3P
   Wire Bondable Resistor/Capacitor Circuits
logo
Anaren Microwave
R1K131350R0G5F3 ANAREN-R1K131350R0G5F3 Datasheet
167Kb / 2P
   Wire Bondable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com