Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PNN1305-2R5 Datasheet(PDF) 5 Page - PREMO CORPORATION S.L

Part # PNN1305-2R5
Description  SMD Power Inductors Unshielded
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PNN1305-2R5 Datasheet(HTML) 5 Page - PREMO CORPORATION S.L

  PNN1305-2R5 Datasheet HTML 1Page - PREMO CORPORATION S.L PNN1305-2R5 Datasheet HTML 2Page - PREMO CORPORATION S.L PNN1305-2R5 Datasheet HTML 3Page - PREMO CORPORATION S.L PNN1305-2R5 Datasheet HTML 4Page - PREMO CORPORATION S.L PNN1305-2R5 Datasheet HTML 5Page - PREMO CORPORATION S.L PNN1305-2R5 Datasheet HTML 6Page - PREMO CORPORATION S.L PNN1305-2R5 Datasheet HTML 7Page - PREMO CORPORATION S.L PNN1305-2R5 Datasheet HTML 8Page - PREMO CORPORATION S.L PNN1305-2R5 Datasheet HTML 9Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PNN6028 , PNN7045 , PNN1030 ,
PNN1045 & PNN1305
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
5
PNN1305 (2.5µH – 1000µH)
Test Freq.
DWG No.
Inductance
(
µH)
Q
ref.
L
(KHz)
Q
(MHz)
SRF
(MHz)
typ.
RDC
(m
Ω)
max.
Irms
(A)
max.
Isat
(A)
typ.
PNN1305 – 2R5
2.5±25%
20
100
7.96
61.0
14
7.20
8.00
PNN1305 – 3R5
3.5±25%
18
100
7.96
43.0
16
6.00
7.00
PNN1305 – 4R6
4.6±25%
20
100
7.96
35.0
18
5.20
6.00
PNN1305 – 6R8
6.8±25%
18
100
7.96
32.0
24
4.30
5.20
PNN1305 – 100M
10.0±20%
25
100
2.52
27.0
37
3.60
4.40
PNN1305 – 150M
15.0±20%
25
100
2.52
24.0
46
3.30
3.70
PNN1305 – 220M
22.0±20%
26
100
2.52
20.0
62
2.90
3.00
PNN1305 – 330M
33.0±20%
22
100
2.52
16.0
85
2.50
2.60
PNN1305 – 470M
47.0±20%
20
100
2.52
13.0
130
1.90
2.00
PNN1305 – 680M
68.0±20%
20
100
2.52
11.0
165
1.65
1.80
PNN1305 – 101K
100.0±10%
18
100
0.796
11.0
255
1.40
1.40
PNN1305 – 151K
150.0±10%
15
100
0.796
8.0
380
1.20
1.15
PNN1305 – 221K
220.0±10%
15
100
0.796
7.0
500
1.00
0.95
PNN1305 – 331K
330.0±10%
10
100
0.796
6.0
700
0.85
0.80
PNN1305 – 471K
470.0±10%
10
100
0.796
4.0
1150
0.67
0.70
PNN1305 – 681K
680.0±10%
10
100
0.796
3.5
1400
0.60
0.58
PNN1305 – 102K
1000.0±10%
32
100
0.252
2.7
2350
0.46
0.47
[Inductance tested at : 0.1V(PNN6028…PNN1045), 10mV(PNN1305)]
[Irms base on temp. rise : 30ºC(PNN1030), 40ºC(PNN6028,PNN7045,PNN1045,PNN1305)]
[Isat base on ∆L/L0A = 10%(PNN6028…PNN1045), 25%(PNN1305)]
6. Curve
Inductance VS. DC Current Curve
PNN6028
PNN7045


Similar Part No. - PNN1305-2R5

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PNN5022A PREMO-PNN5022A Datasheet
187Kb / 6P
   SMD Power Inductors Unshielded
PNN5022A-102K PREMO-PNN5022A-102K Datasheet
187Kb / 6P
   SMD Power Inductors Unshielded
PNN5022A-121K PREMO-PNN5022A-121K Datasheet
187Kb / 6P
   SMD Power Inductors Unshielded
PNN5022A-151K PREMO-PNN5022A-151K Datasheet
187Kb / 6P
   SMD Power Inductors Unshielded
PNN5022A-181K PREMO-PNN5022A-181K Datasheet
187Kb / 6P
   SMD Power Inductors Unshielded
More results

Similar Description - PNN1305-2R5

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com