Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHA-561K Datasheet(PDF) 4 Page - PREMO CORPORATION S.L

Part # SHA-561K
Description  SMD Power Inductors Shielded
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

SHA-561K Datasheet(HTML) 4 Page - PREMO CORPORATION S.L

  SHA-561K Datasheet HTML 1Page - PREMO CORPORATION S.L SHA-561K Datasheet HTML 2Page - PREMO CORPORATION S.L SHA-561K Datasheet HTML 3Page - PREMO CORPORATION S.L SHA-561K Datasheet HTML 4Page - PREMO CORPORATION S.L SHA-561K Datasheet HTML 5Page - PREMO CORPORATION S.L SHA-561K Datasheet HTML 6Page - PREMO CORPORATION S.L SHA-561K Datasheet HTML 7Page - PREMO CORPORATION S.L SHA-561K Datasheet HTML 8Page - PREMO CORPORATION S.L SHA-561K Datasheet HTML 9Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SHA , SHB , SHC & PS1260
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
4
SHC (2.5µH – 1500µH)
DWG No.
Inductance
(
µH)
Test Freq.
L
(KHz)
RDC
(mΩ)
max.
IDC
(A)
max.
SHC – 2R5M
2.50±20%
1
11.4
7.80
SHC – 4R5M
4.50±20%
1
14.0
6.80
SHC – 6R5M
6.50±20%
1
18.0
6.50
SHC – 100M
10.0±20%
1
21.0
5.40
SHC – 120M
12.0±20%
1
25.0
4.90
SHC – 150M
15.0±20%
1
36.0
4.50
SHC – 180M
18.0±20%
1
40.0
3.90
SHC – 220M
22.0±20%
1
43.0
3.60
SHC – 270M
27.0±20%
1
48.0
3.40
SHC – 330L
33.0±15%
1
62.0
3.00
SHC – 390L
39.0±15%
1
76.0
2.70
SHC – 470L
47.0±15%
1
85.0
2.50
SHC – 560L
56.0±15%
1
110.0
2.30
SHC – 680L
68.0±15%
1
135.0
2.10
SHC – 820L
82.0±15%
1
150.0
1.90
SHC – 101L
100.0±15%
1
170.0
1.70
SHC – 121L
120.0±15%
1
190.0
1.50
SHC – 151L
150.0±15%
1
240.0
1.40
SHC – 181L
180.0±15%
1
270.0
1.30
SHC – 221K
220.0±10%
1
380.0
1.10
SHC – 271K
270.0±10%
1
400.0
1.00
SHC – 331K
330.0±10%
1
650.0
0.90
SHC – 391K
390.0±10%
1
670.0
0.85
SHC – 471K
470.0±10%
1
850.0
0.80
SHC – 561K
560.0±10%
1
900.0
0.70
SHC – 681K
680.0±10%
1
1000.0
0.65
SHC – 821K
820.0±10%
1
1150.0
0.60
SHC – 102K
1000.0±10%
1
1650.0
0.55
SHC – 122K
1200.0±10%
1
2000.0
0.40
SHC – 152K
1500.0±10%
1
2350.0
0.36


Similar Part No. - SHA-561K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHA000001 ETC2-SHA000001 Datasheet
418Kb / 6P
   3.3V HCSL PCI-Express Gen2 Low Jitter, XO
logo
CIT Relay & Switch
SHA1 CIT-SHA1 Datasheet
269Kb / 3P
   CIT SWITCH
logo
Analog Devices
SHA1114 AD-SHA1114 Datasheet
5Mb / 18P
   HIGH RELIABILIIY CONVERTERS
REV. A
SHA1114 AD-SHA1114_15 Datasheet
5Mb / 18P
   HIGH RELIABILIIY CONVERTERS
REV. A
SHA1134 AD-SHA1134 Datasheet
1Mb / 4P
   GENERAL PURPOSE SAMPLE AND HOLD AMPLIFIER
More results

Similar Description - SHA-561K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com