Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS5014-220M Datasheet(PDF) 8 Page - PREMO CORPORATION S.L

Part # PS5014-220M
Description  SMD Power Inductors Unshielded
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS5014-220M Datasheet(HTML) 8 Page - PREMO CORPORATION S.L

  PS5014-220M Datasheet HTML 1Page - PREMO CORPORATION S.L PS5014-220M Datasheet HTML 2Page - PREMO CORPORATION S.L PS5014-220M Datasheet HTML 3Page - PREMO CORPORATION S.L PS5014-220M Datasheet HTML 4Page - PREMO CORPORATION S.L PS5014-220M Datasheet HTML 5Page - PREMO CORPORATION S.L PS5014-220M Datasheet HTML 6Page - PREMO CORPORATION S.L PS5014-220M Datasheet HTML 7Page - PREMO CORPORATION S.L PS5014-220M Datasheet HTML 8Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PS5009
,
PS5014
,
PS5017
,















PS5023
&
PS6011





































SMD
Power
Inductors
Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD
Power
Inductors


















































P
PP R
R
R E
EE M
M
M O
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
8
9. Reliability Test
Test item
Specification
Test condition
Solderability
More than 90% of the
terminal electrode
shall be covered
with fresh solder
Preheat : 150±25% for 60 seconds
Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent
Solder temp. : 235±5ºC
Flux : Rosin
Dip time : 4±1 seconds
Thermal shock test
(Temp. cycle)
Room temp.
-25±2ºC
15 minutes
30 minutes
Room temp.
85±2ºC
15 minutes
30 minutes
Total : 50 cycles
Humidity
Resistance test
Temperature : 40±2ºC
Humidity : 90 ~ 95%
Applied current : Per specifications
Time : 500 hours
High temp.
Resistance test
Inductance shall
not change more
than ±20%
Temperature : 85±2ºC
Applied current : Per specifications
Time : 500 hours
10. Edition Control
Edition
Date
Change description
Made by
1st
31/08/06
Update Specification
Pablo Pozo


Similar Part No. - PS5014-220M

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PS501 MICROCHIP-PS501 Datasheet
583Kb / 42P
   Single Chip Field Reprogrammable Battery Manager
2004
logo
Axiomtek Co., Ltd.
PS501-HRP AXIOMTEK-PS501-HRP Datasheet
199Kb / 2P
   Power Supplies
logo
Microchip Technology
PS501 MICROCHIP-PS501_04 Datasheet
575Kb / 44P
   Single Chip Field Reprogrammable Battery Manager - Nickel Chemistries
2004
More results

Similar Description - PS5014-220M

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com