Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS1608-680M Datasheet(PDF) 3 Page - PREMO CORPORATION S.L

Part # PS1608-680M
Description  SMD Power Inductors Shielded
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS1608-680M Datasheet(HTML) 3 Page - PREMO CORPORATION S.L

  PS1608-680M Datasheet HTML 1Page - PREMO CORPORATION S.L PS1608-680M Datasheet HTML 2Page - PREMO CORPORATION S.L PS1608-680M Datasheet HTML 3Page - PREMO CORPORATION S.L PS1608-680M Datasheet HTML 4Page - PREMO CORPORATION S.L PS1608-680M Datasheet HTML 5Page - PREMO CORPORATION S.L PS1608-680M Datasheet HTML 6Page - PREMO CORPORATION S.L PS1608-680M Datasheet HTML 7Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PS1608
PS1608
PS1608
PS1608 & PS4530
PS4530
PS4530
PS4530
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com
Web http://www.grupopremo.com
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
P
P
P
P
P
P
P
P
P
P
P
PR
R
R
R
R
R
R
R
R
R
R
RE
E
E
E
E
E
E
E
E
E
E
EM
M
M
M
M
M
M
M
M
M
M
MO
O
O
O
O
O
O
O
O
O
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
3
PS1608
PS1608
PS1608
PS1608 (1µH – 10000µH)
PS1608 – 332M
3300.0±20%
50
100
100
1
11.000
0.080
0.018
PS1608 – 472M
4700.0±20%
50
100
100
1
13.900
0.060
0.014
PS1608 – 682M
6800.0±20%
50
100
100
1
25.000
0.040
0.012
PS1608 – 103M
10000.0±20%
50
100
100
0.8
32.800
0.020
0.010
PS4530
PS4530
PS4530
PS4530 (1000µH – 10000µH)
DWG No.
Inductance
(
µµµµH)
Q
min.
Test Freq.
L
(KHz)
Insulation
(M )
Core - Winding
SRF
(MHz)
typ.
RDC
( )
max.
IDC
(mA)
max.
PS4530 – 102M
1000±20%
50
100
> 10
2.0
9
100
PS4530 – 152M
1500±20%
50
100
> 10
1.0
11
80
PS4530 – 222M
2200±20%
50
100
> 10
1.0
19
50
PS4530 – 332M
3300±20%
50
100
> 10
1.0
24
40
PS4530 – 472M
4700±20%
50
100
> 10
1.0
30
30
PS4530 – 682M
6800±20%
50
100
> 10
0.9
56
20
PS4530 – 103M
10000±20%
50
100
> 10
0.8
74
10
[Inductance tested at 0.1V] [Irms base on temp. rise 30ºC] [Isat base on ∆L/L0A = 10 %] [Electrical Specifications at 25ºC]
6. Curve
Inductance VS. DC Current Curve
PS1608


Similar Part No. - PS1608-680M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS1608 ETC2-PS1608 Datasheet
44Kb / 1P
   High Precision Power Splitter
PS1608G ETC2-PS1608G Datasheet
44Kb / 1P
   High Precision Power Splitter
PS1608GT2-R50-T1 ETC2-PS1608GT2-R50-T1 Datasheet
44Kb / 1P
   High Precision Power Splitter
PS1608GT2-R50-T5 ETC2-PS1608GT2-R50-T5 Datasheet
44Kb / 1P
   High Precision Power Splitter
logo
Stackpole Electronics, ...
PS1608KT101 SEI-PS1608KT101 Datasheet
512Kb / 6P
   SMD Shielded Power Inductor
09/18/2019
More results

Similar Description - PS1608-680M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com