Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN0302-100M Datasheet(PDF) 11 Page - PREMO CORPORATION S.L

Part # PN0302-100M
Description  SMD Power Inductors Unshielded
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PN0302-100M Datasheet(HTML) 11 Page - PREMO CORPORATION S.L

Back Button PN0302-100M Datasheet HTML 7Page - PREMO CORPORATION S.L PN0302-100M Datasheet HTML 8Page - PREMO CORPORATION S.L PN0302-100M Datasheet HTML 9Page - PREMO CORPORATION S.L PN0302-100M Datasheet HTML 10Page - PREMO CORPORATION S.L PN0302-100M Datasheet HTML 11Page - PREMO CORPORATION S.L PN0302-100M Datasheet HTML 12Page - PREMO CORPORATION S.L PN0302-100M Datasheet HTML 13Page - PREMO CORPORATION S.L PN0302-100M Datasheet HTML 14Page - PREMO CORPORATION S.L PN0302-100M Datasheet HTML 15Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
PN0315 , PN0302 , PN0403 , PN0502 ,
PN0602 , PN0603 , PN54 , PN75 ,
PN105 , PN1011 & PN1307
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
11
PN1011 (10µH – 1000µH)
DWG No.
Inductance
(µH)
SRF
(MHz)
typ.
RDC
(Ω)
max.
Irms 1
∆T=20ºC
typ.
Irms 2
∆T=40ºC
max.
Isat
∆L/L0A=10%
max.
PN1011 – 100M
10.0±20%
18.0
0.035
3.50
5.00
8.00
PN1011 – 150M
15.0±20%
13.0
0.045
3.00
4.00
7.00
PN1011 – 220M
22.0±20%
12.0
0.065
2.50
3.20
5.50
PN1011 – 330M
33.0±20%
9.5
0.080
2.00
2.60
4.00
PN1011 – 470M
47.0±20%
7.0
0.110
1.70
2.20
3.80
PN1011 – 680M
68.0±20%
5.8
0.150
1.50
2.00
3.00
PN1011 – 101K
100.0±10%
4.8
0.200
1.30
1.80
2.50
PN1011 – 151K
150.0±10%
3.8
0.320
1.00
1.50
2.00
PN1011 – 221K
220.0±10%
3.1
0.420
0.90
1.20
1.70
PN1011 – 331K
330.0±10%
2.5
0.700
0.70
0.90
1.30
PN1011 – 471K
470.0±10%
2.1
0.900
0.50
0.75
1.10
PN1011 – 681K
680.0±10%
1.7
1.250
0.40
0.60
1.00
PN1011 – 102K
1000.0±10%
1.4
1.900
0.30
0.50
0.80
PN1307 (1.5µH – 1000µH)
Test Freq.
DWG No.
Inductance
(µH)
Q
ref.
L
(KHz)
Q
(MHz)
SRF
(MHz)
nom.
RDC
(mΩ)
max.
Irms
(A)
Isat
(A)
PN1307 – 1R5M
1.5±20%
20
100
7.96
65.0
5.0
9.50
20.00
PN1307 – 2R2M
2.2±20%
22
100
7.96
50.0
6.0
9.00
18.00
PN1307 – 2R7M
2.7±20%
24
100
7.96
40.0
8.0
8.20
16.00
PN1307 – 3R3M
3.3±20%
26
100
7.96
38.0
8.7
7.50
15.00
PN1307 – 4R7M
4.7±20%
25
100
7.96
36.0
10.0
7.00
13.00
PN1307 – 5R6M
5.6±20%
24
100
7.96
28.0
15.0
6.50
11.00
PN1307 – 6R8M
6.8±20%
24
100
7.96
26.0
17.0
6.00
10.50
PN1307 – 8R2M
8.2±20%
24
100
7.96
24.0
19.0
5.80
9.80
PN1307 – 100M
10.0±20%
22
100
2.52
22.0
21.0
5.60
9.20
PN1307 – 120M
12.0±20%
25
100
2.52
20.0
30.0
4.80
8.00
PN1307 – 150M
15.0±20%
28
100
2.52
17.0
34.0
4.50
7.50
PN1307 – 180M
18.0±20%
28
100
2.52
16.0
36.0
4.20
7.00
PN1307 – 220M
22.0±20%
40
100
2.52
15.0
47.0
3.60
6.50
PN1307 – 270M
27.0±20%
35
100
2.52
11.0
60.0
3.30
5.50
PN1307 – 330K
33.0±10%
35
100
2.52
10.0
65.0
3.10
5.00
PN1307 – 390K
39.0±10%
28
100
2.52
9.0
75.0
2.90
4.60
PN1307 – 470K
47.0±10%
24
100
2.52
7.5
82.0
2.70
4.20


Similar Part No. - PN0302-100M

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
PN0307 VBSEMI-PN0307 Datasheet
992Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - PN0302-100M

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com