Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN0302-8R2M Datasheet(PDF) 2 Page - PREMO CORPORATION S.L

Part # PN0302-8R2M
Description  SMD Power Inductors Unshielded
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PN0302-8R2M Datasheet(HTML) 2 Page - PREMO CORPORATION S.L

  PN0302-8R2M Datasheet HTML 1Page - PREMO CORPORATION S.L PN0302-8R2M Datasheet HTML 2Page - PREMO CORPORATION S.L PN0302-8R2M Datasheet HTML 3Page - PREMO CORPORATION S.L PN0302-8R2M Datasheet HTML 4Page - PREMO CORPORATION S.L PN0302-8R2M Datasheet HTML 5Page - PREMO CORPORATION S.L PN0302-8R2M Datasheet HTML 6Page - PREMO CORPORATION S.L PN0302-8R2M Datasheet HTML 7Page - PREMO CORPORATION S.L PN0302-8R2M Datasheet HTML 8Page - PREMO CORPORATION S.L PN0302-8R2M Datasheet HTML 9Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PN0315 , PN0302 , PN0403 , PN0502 ,
PN0602 , PN0603 , PN54 , PN75 ,
PN105 , PN1011 & PN1307
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
2
5. Electrical Characteristics
PN0315 (2.2µH – 100µH)
Test Freq.
RDC
(Ω)
DWG No.
Inductance
(µH)
Q
ref.
L
(KHz)
Q
(MHz)
SRF
(MHz)
typ.
typ.
max.
Irms
(mA)
max.
Isat
(mA)
typ.
PN0315 – 2R2M
2.2±20%
12
100
7.96
100
0.095
0.125
1200
1000
PN0315 – 4R7M
4.7±20%
10
100
7.96
80
0.165
0.215
1000
700
PN0315 – 100M
10.0±20%
12
100
2.52
55
0.360
0.450
650
500
PN0315 – 150M
15.0±20%
15
100
2.52
40
0.540
0.675
500
400
PN0315 – 220M
22.0±20%
20
100
2.52
35
0.850
1.060
420
330
PN0315 – 330K
33.0±10%
20
100
2.52
28
1.150
1.430
350
270
PN0315 – 470K
47.0±10%
15
100
2.52
23
1.550
1.950
300
220
PN0315 – 680K
68.0±10%
22
100
2.52
18
2.350
2.950
230
180
PN0315 – 101K
100.0±10%
40
100
0.796
15
3.500
4.400
200
160
PN0302 (1µH – 1200µH)
Test Freq.
DWG No.
Inductance
(µH)
Q
ref.
L
(KHz)
Q
(MHz)
SRF
(MHz)
typ.
RDC
(Ω)
max.
Irms
(A)
∆T=40ºC
max.
Isat
(A)
∆L/L0A=10%
typ.
PN0302 – 1R0M
1.0±20%
20
100
7.96
125.0
0.06
2.100
2.700
PN0302 – 1R2M
1.2±20%
22
100
7.96
100.0
0.07
2.000
2.500
PN0302 – 1R5M
1.5±20%
23
100
7.96
95.0
0.07
1.900
2.300
PN0302 – 1R8M
1.8±20%
23
100
7.96
85.0
0.08
1.800
2.000
PN0302 – 2R2M
2.2±20%
22
100
7.96
75.0
0.09
1.650
1.850
PN0302 – 2R7M
2.7±20%
22
100
7.96
72.0
0.10
1.500
1.700
PN0302 – 3R3M
3.3±20%
23
100
7.96
68.0
0.11
1.400
1.600
PN0302 – 3R9M
3.9±20%
24
100
7.96
50.0
0.12
1.300
1.500
PN0302 – 4R7M
4.7±20%
18
100
7.96
45.0
0.15
1.200
1.350
PN0302 – 5R6M
5.6±20%
18
100
7.96
42.0
0.16
1.100
1.300
PN0302 – 6R8M
6.8±20%
18
100
7.96
40.0
0.18
1.000
1.200
PN0302 – 8R2M
8.2±20%
16
100
7.96
35.0
0.20
0.900
1.050
PN0302 – 100M
10.0±20%
18
100
2.52
34.0
0.25
0.800
0.900
PN0302 – 120M
12.0±20%
15
100
2.52
33.0
0.28
0.750
0.850
PN0302 – 150M
15.0±20%
20
100
2.52
32.0
0.40
0.650
0.800
PN0302 – 180M
18.0±20%
18
100
2.52
28.0
0.46
0.580
0.750
PN0302 – 220M
22.0±20%
23
100
2.52
22.0
0.66
0.520
0.650
PN0302 – 270M
27.0±20%
23
100
2.52
20.0
0.75
0.480
0.550


Similar Part No. - PN0302-8R2M

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
PN0307 VBSEMI-PN0307 Datasheet
992Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - PN0302-8R2M

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com