Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN0805-330M Datasheet(PDF) 5 Page - PREMO CORPORATION S.L

Part # PN0805-330M
Description  SMD Power Inductors Unshielded
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PN0805-330M Datasheet(HTML) 5 Page - PREMO CORPORATION S.L

  PN0805-330M Datasheet HTML 1Page - PREMO CORPORATION S.L PN0805-330M Datasheet HTML 2Page - PREMO CORPORATION S.L PN0805-330M Datasheet HTML 3Page - PREMO CORPORATION S.L PN0805-330M Datasheet HTML 4Page - PREMO CORPORATION S.L PN0805-330M Datasheet HTML 5Page - PREMO CORPORATION S.L PN0805-330M Datasheet HTML 6Page - PREMO CORPORATION S.L PN0805-330M Datasheet HTML 7Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PN0805 , PN3316 & PN5022
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
5
7. Packaging Information
P
4mm
Leader
Components
Trailer
no component
no component
200 mm min.
400 mm min.
User direction of feed
(PN0805 à P = 12mm) (PN3316 à P = 16mm) (PN5022 à P = 20mm)
PN0805 & PN3316
Dimensions [mm]
Style
A
B
C
D
G
N
T
13 – 24
330
21±0.8
13±0.5
24
26+0
50-0
30.4
PN5022
Dimensions [mm]
Style
A
B
C
D
G
N
T
13 – 32
330
21±0.8
13±0.5
32
34+0
100-0
38.4
Inner : Reel
Outer : Carton
Series
Q’TY(pcs)
G.W.(gw)
Style
Q’TY(pcs)
G.W.(Kg)
Size(cm)
PN0805
800
880
13 – 24
3,200
4.5
40 x 40 x 24
PN3316
600
1,100
13 – 24
2,400
6.6
40 x 40 x 24
PN5022
250
1,250
13 – 32
1,000
6.8
40 x 40 x 24


Similar Part No. - PN0805-330M

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PN0302 PREMO-PN0302 Datasheet
435Kb / 17P
   SMD Power Inductors Unshielded
PN0302-100M PREMO-PN0302-100M Datasheet
435Kb / 17P
   SMD Power Inductors Unshielded
PN0302-101K PREMO-PN0302-101K Datasheet
435Kb / 17P
   SMD Power Inductors Unshielded
PN0302-102K PREMO-PN0302-102K Datasheet
435Kb / 17P
   SMD Power Inductors Unshielded
PN0302-120M PREMO-PN0302-120M Datasheet
435Kb / 17P
   SMD Power Inductors Unshielded
More results

Similar Description - PN0805-330M

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com