Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KGEA-BFCWX-A-0161J Datasheet(PDF) 2 Page - PREMO CORPORATION S.L

Part # KGEA-BFCWX-A-0161J
Description  Emitter Antenna 103x20x9mm Housing plastic base-potted and outside connector unsealed&sealed
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

KGEA-BFCWX-A-0161J Datasheet(HTML) 2 Page - PREMO CORPORATION S.L

  KGEA-BFCWX-A-0161J Datasheet HTML 1Page - PREMO CORPORATION S.L KGEA-BFCWX-A-0161J Datasheet HTML 2Page - PREMO CORPORATION S.L KGEA-BFCWX-A-0161J Datasheet HTML 3Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KGEA BFCWX
KGEA BFCWX
KGEA BFCWX
KGEA BFCWX
Emitter Antenna 103x20x9mm Housing
plastic base-potted and outside connector
unsealed&sealed
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas. Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: info@grupopremo.com
Web http://www.grupopremo.com
Emitter Antennas LF
Emitter Antennas LF
Emitter Antennas LF
Emitter Antennas LF
All rights reserved. Share, use or communication of the contents of this document not permitted without written authorisation.
2
3. Materials
Core: Ferrite Core
Wire: Enamelled and Selfbonding copper wire
Capacitor: NPO Polypropylene film
External housing: material PA66
Wall busing: material silicone.
Resin: material epoxy (part fills resin potting)
Cable: CSA high temperature automotive sector
Connector: Optional Unsealed & Sealed
Remark : Products comply with RoHS requirements
4. Applications and Reliability Tests
Typical Operating Frequency 125KHz ± 5% [-40ºC to 85ºC].
Storage Temperature -40 ºC → +85 ºC
Operating Temperature -40 ºC → +85 ºC
This part is according to AEC-Q200 Revision C.
5. Electrical Characteristics
KGEA
KGEA
KGEA
KGEA----BF
BF
BF
BFC
C
C
CWX
WX
WX
WX
Code
L (mH)
Q min
Freq (KHz)
SRF (Mhz)
Length
(mm)
Width
(mm)
Height
(mm)
KGEA-BFCWX-A-0161J
0.161
45
21.85
>1
KGEA-BFCWX-A-0422J
0.422
55
21.85
>1
KGEA-BFCWX-B-0108J
0.108
90
125
>3
KGEA-BFCWX-B-0240J
0.240
100
125
>3
KGEA-BFCWX-B-0345J
0.345
115
125
>3
KGEA-BFCWX-B-0500J
0.500
115
125
>3
KGEA-BFCWX-C-0207J
0.207
100
134,2
>3
KGEA-BFCWX-C-0426J
0.426
100
134,2
>3
103
20
9


Similar Part No. - KGEA-BFCWX-A-0161J

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
KGEA-BFCWX-B-0108J PREMO-KGEA-BFCWX-B-0108J Datasheet
72Kb / 1P
   Emitter Antenna housing plastic base-potted and outside connector unsealed & sealed.
KGEA-BFCWX-B-0345J PREMO-KGEA-BFCWX-B-0345J Datasheet
72Kb / 1P
   Emitter Antenna housing plastic base-potted and outside connector unsealed & sealed.
KGEA-BFCWX-B-0500J PREMO-KGEA-BFCWX-B-0500J Datasheet
72Kb / 1P
   Emitter Antenna housing plastic base-potted and outside connector unsealed & sealed.
KGEA-BFCWX-C-0207J PREMO-KGEA-BFCWX-C-0207J Datasheet
72Kb / 1P
   Emitter Antenna housing plastic base-potted and outside connector unsealed & sealed.
KGEA-BFCWX-C-0426J PREMO-KGEA-BFCWX-C-0426J Datasheet
72Kb / 1P
   Emitter Antenna housing plastic base-potted and outside connector unsealed & sealed.
More results

Similar Description - KGEA-BFCWX-A-0161J

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
KGEA-BFCWX PREMO-KGEA-BFCWX_14 Datasheet
72Kb / 1P
   Emitter Antenna housing plastic base-potted and outside connector unsealed & sealed.
KGEA-BFCAM PREMO-KGEA-BFCAM Datasheet
285Kb / 3P
   Emitter Antenna Low Profile 85x13x7mm Housing plastic base-potted and outside connector unsealed & sealed
KGEA-BFCR PREMO-KGEA-BFCR_14 Datasheet
68Kb / 1P
   Emitter antenna housing plastic base with resin and outside connector unsealed & sealed
KGEA-BFCR PREMO-KGEA-BFCR Datasheet
329Kb / 2P
   Emitter antenna housing plastic base with resing and outside connector unsealed & sealed
KGEA-BFCAM PREMO-KGEA-BFCAM_14 Datasheet
91Kb / 1P
   Keyless Go Emitter Antenna Low Prole Potted Unsealed & Sealed Connector
logo
List of Unclassifed Man...
JBXFD1G05MCSDSMR ETC2-JBXFD1G05MCSDSMR Datasheet
4Mb / 44P
   Sealed and Unsealed Push-Pull Connectors
logo
Bedford Opto Technology...
BOE100LH BOT-BOE100LH Datasheet
67Kb / 2P
   TO18 Plastic IR Emitter Leaded Housing
logo
DB Lectro Inc
JZC-33F DBLECTRO-JZC-33F Datasheet
356Kb / 3P
   Sealed & Unsealed types available
logo
HARTING Technology Grou...
09-30-048-0301 HARTING-09-30-048-0301 Datasheet
461Kb / 2P
   Han 48B Base with Plastic Cover housing
logo
PREMO CORPORATION S.L
SEA PREMO-SEA_14 Datasheet
77Kb / 1P
   SMD Small Emitter Antenna
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com