Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WBC-T0303CRAG-01-2004-KG Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # WBC-T0303CRAG-01-2004-KG
Description  Wire Bondable High Range Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

WBC-T0303CRAG-01-2004-KG Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  WBC-T0303CRAG-01-2004-KG Datasheet HTML 1Page - IRC - a TT electronics Company. WBC-T0303CRAG-01-2004-KG Datasheet HTML 2Page - IRC - a TT electronics Company. WBC-T0303CRAG-01-2004-KG Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IRC Advanced Film Division
© IRC Advanced Film Division • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Email: afdsales@irctt.com • Website: www.irctt.com
WBC-CR Series Issue April 2006
Wire Bondable
High Range Chip Resistors
Environmental Data
Test
Method
Max
∆R
Typical
∆R
Thermal Shock
MIL-STD-202
Method 107
Test condition F
±0.1%
±0.02%
High Temperature Exposure
MIL-STD-883
Method 1008
150°C, 1000 hours
±0.1%
±0.05%
Low Temperature Storage
-55°C, 1000 hours
±0.03%
±0.01%
Life
MIL-STD-202
Method 108
70°C, 1000 hours
±0.5%
±0.01%
Life at Elevated Temperature
MIL-STD-202
Method 108
125°C, 1000 hours
±0.5%
±0.05%
Prefix
WBC - RO2O2CR
A
S - 01 - 2004 - F
B
Style
R0202CR = Discrete Element
B0202CR = Discrete Element with Back Contact
T0303CR = Tapped Network
Bonding pads
A = Aluminum; G = Gold
Backside
G = Gold; S = Silicon
TCR/Inspection Code
Reference TCR/Inspection Code Table
Total Resistance (R)
4-Digit Resistance Code; Ex: 1014 = 1.01M
Ω; 2004 = 2.0MΩ
Absolute Tolerance Code
K = ±10%; J = ±5%; G = ±2%; F = 1%
Ratio Tolerance Code (T0303 Only)
J = ±5%; G = ±2%; F= ±1%; D = 0.5%
Packaging
Standard packaging is 2˝ x 2˝ chip tray. For additional information or to discuss your
specific requirements, please contact our Applications Team using the contact details below.
Ordering Data
WBC
WBC-CR Series Issue April 2006
WBC-CR Series Issue April 2006


Similar Part No. - WBC-T0303CRAG-01-2004-KG

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
WBC-T0303AG-01-1002-B IRCTT-WBC-T0303AG-01-1002-B Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
WBC-T0303AG-01-1002-C IRCTT-WBC-T0303AG-01-1002-C Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
WBC-T0303AG-01-1002-D IRCTT-WBC-T0303AG-01-1002-D Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
WBC-T0303AG-01-1002-F IRCTT-WBC-T0303AG-01-1002-F Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
WBC-T0303AG-01-1002-G IRCTT-WBC-T0303AG-01-1002-G Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
More results

Similar Description - WBC-T0303CRAG-01-2004-KG

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
WBC-R0202AG-01-1002-K IRCTT-WBC-R0202AG-01-1002-K Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
logo
TT Electronics.
WBC TTELEC-WBC_17 Datasheet
359Kb / 3P
   Wire Bondable Chip Resistors
logo
IRC - a TT electronics ...
WBC-M0303AG-01-2402-M IRCTT-WBC-M0303AG-01-2402-M Datasheet
524Kb / 3P
   Wire Bondable Multi-tap Chip Resistors
WBA-T0303GG-01-1002-KJ IRCTT-WBA-T0303GG-01-1002-KJ Datasheet
507Kb / 3P
   Wire Bondable Ceramic Resistors
logo
Vishay Siliconix
SAK1UF0124 VISHAY-SAK1UF0124 Datasheet
94Kb / 3P
   Current Sensing Bondable Chip Resistors
Revision: 06-Oct-08
logo
Riedon Powertron
CBR0402 RIEDON-CBR0402 Datasheet
188Kb / 2P
   High Temperature Bondable Thick Film Chip Resistors
logo
TT Electronics.
WBC-C0606AG-102-K TTELEC-WBC-C0606AG-102-K Datasheet
867Kb / 2P
   Wire Bondable Chip Capacitor
logo
IRC - a TT electronics ...
WBC-C0202AA-102-M IRCTT-WBC-C0202AA-102-M Datasheet
754Kb / 2P
   Wire Bondable Chip Capacitor
logo
Anaren Microwave
R1K131350R0G5F3 ANAREN-R1K131350R0G5F3 Datasheet
167Kb / 2P
   Wire Bondable
logo
TT Electronics.
WBC-RC TTELEC-WBC-RC Datasheet
524Kb / 3P
   Wire Bondable Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com