Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOT-SOT143LF-01-D002-F Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # SOT-SOT143LF-01-D002-F
Description  SOT143 Surface Mount Resistor Networks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

SOT-SOT143LF-01-D002-F Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  SOT-SOT143LF-01-D002-F Datasheet HTML 1Page - IRC - a TT electronics Company. SOT-SOT143LF-01-D002-F Datasheet HTML 2Page - IRC - a TT electronics Company. SOT-SOT143LF-01-D002-F Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PFC Series Issue January 2009 Sheet 3 of 3
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
SOT143 Surface Mount
Resistor Networks
Schematic Data
1
2
3
4
R1
Schematic D (bussed)
R2
R3
R2
1
2
4
3
Schematic C (isolated)
R3
1
2
4
3
Schematic B (series)
R2
R3
R1
1
2
4
3
Schematic A (series)
R2
R3
R1
Physical Data
0.115"±0.004"
0.004"
max
0.039" ±0.004"
0.017" min
0.020" max
0.022" ref.
0.003" min
0.007" max
0.022"
±0.002"
0.075" BSC
0.093"
±0.010"
0.051"
±0.004"
0.033"
±0.004"
1
2
3
4
0.0395" ref.
0.040" min
0.047" max.
0.075" ref.
0.087" ref.
0.057" ref.
0.031"
min.
0.025" ref.
1
2
3
4
RECOMMENDED PAD LAYOUT
Style
SOT143 = SOT143 with standard Sn/Pb termination
SOT143LF = SOT143 with 100% matte tin, Pb-free terminations
Absolute TCR Code
00 = ±250ppm/°C; 01 = ±100ppm/°C
02 = ±50ppm/°C; 03 = ±25ppm/°C
Schematic Code
A, B, C, D
Circuit Number
See Schematic/Circuit Detail Tables
Ordering Data
Prefix
SOT - SOT143 - 01 - A
002 - F
B
Ratio Tolerance Code
G = ±2%; F = ±1%; D = ±0.5%; C = ±0.25%; B = ±0.1%; A = ±0.05%
Absolute Tolerance Code
G = ±2%; F = ±1%; D = ±0.5%; C = ±0.25%; B = ±0.1%
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.


Similar Part No. - SOT-SOT143LF-01-D002-F

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SOT-143 ALPHA-SOT-143 Datasheet
442Kb / 2P
   Surface Mount Schottky Quad Mixer Diodes
logo
Skyworks Solutions Inc.
SOT-143 SKYWORKS-SOT-143 Datasheet
147Kb / 4P
   Surface Mount Schottky Quad Mixer Diodes
logo
Shenzhen Luguang Electr...
SOT-143 LUGUANG-SOT-143 Datasheet
144Kb / 3P
   Surface mount switching diode
SOT-143 LUGUANG-SOT-143 Datasheet
281Kb / 4P
   High-speed Double Diode
SOT-143 LUGUANG-SOT-143 Datasheet
2Mb / 4P
   Surface mount switching diode
More results

Similar Description - SOT-SOT143LF-01-D002-F

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
GUS-TS8A-00-1002-J IRCTT-GUS-TS8A-00-1002-J Datasheet
336Kb / 4P
   Surface Mount TSSOP Resistor Networks
GUS-SS4A-00-1002-J IRCTT-GUS-SS4A-00-1002-J Datasheet
300Kb / 4P
   Surface Mount SOIC Resistor Networks
logo
TT Electronics.
GUS-QS8BLF012001-G TTELEC-GUS-QS8BLF012001-G Datasheet
336Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
Welwyn Components Limit...
SOIC WELWYN-SOIC Datasheet
429Kb / 3P
   Surface Mount SOIC Resistor Networks
logo
IRC - a TT electronics ...
GUS-QS8A-00-1002-J IRCTT-GUS-QS8A-00-1002-J Datasheet
387Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
Bi technologies
627T BITECH-627T Datasheet
153Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
627T BITECH-627T Datasheet
61Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
logo
Welwyn Components Limit...
627T WELWYN-627T Datasheet
182Kb / 4P
   CITT V.35 Termination Surface Mount Resistor Networks
logo
IRC - a TT electronics ...
8900SPACE IRCTT-8900SPACE Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
logo
Bi technologies
627V100 BITECH-627V100 Datasheet
53Kb / 4P
   Designed For Pentium Power Supply Surface Mount Resistor Networks
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com