Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WBC-C0404AG-102-J Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # WBC-C0404AG-102-J
Description  Wire Bondable Chip Capacitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

WBC-C0404AG-102-J Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  WBC-C0404AG-102-J Datasheet HTML 1Page - IRC - a TT electronics Company. WBC-C0404AG-102-J Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire Bondable
Chip Capacitor
Silicon Dioxide/Silicon Nitride dielectric
Capacitance range from 10pF to 1000pF
Silicon substrate with gold or aluminum backing
WBC Capacitor Series
IRC’s wire-bondable chip capacitors are based on the successful
TaNCAP® line of RC networks on silicon. The new chip capacitors have
the advantage of excellent performance in extremely small sizes ranging from
20 to 60 mils square.
Capacitors are 100% electrically tested with mil screening to MIL-STD-883 also available.
For demanding hybrid circuit and/or chip and wire applications, specify IRC’s WBC capacitor series.
Physical Data
Manufacturing Capabilities Data
Style
Size
Capacitance Range
Voltage
C0202
0.020″± 0.001 sq.
(0.508mm ±0.025)
10pF to 51pF
40
C0303
0.030″± 0.001 sq.
(0.762mm ±0.025)
33pF to 100pF
55
C0404
0.040″± 0.001 sq.
(1.016mm ±0.025)
56pF to 220pF
50
C0505
0.055″± 0.001 sq.
(1.397mm ±0.025)
160pF to 360pF
20
C0606
0.060″± 0.001 sq.
(1.524mm ±0.025)
160pF to 1000pF
20
Top Bonding Pad
Top Bonding Pad
Back of chip
Back of chip
C0202
C0303
C0404
C0505
C0606
WBC Capacitor Series Issue January 2009 Sheet 1 of 2


Similar Part No. - WBC-C0404AG-102-J

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
WBC-C0404AG-102J TTELEC-WBC-C0404AG-102J Datasheet
867Kb / 2P
   Wire Bondable Chip Capacitor
WBC-C0404AG-102K TTELEC-WBC-C0404AG-102K Datasheet
867Kb / 2P
   Wire Bondable Chip Capacitor
WBC-C0404AG-102M TTELEC-WBC-C0404AG-102M Datasheet
867Kb / 2P
   Wire Bondable Chip Capacitor
More results

Similar Description - WBC-C0404AG-102-J

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
WBC-C0606AG-102-K TTELEC-WBC-C0606AG-102-K Datasheet
867Kb / 2P
   Wire Bondable Chip Capacitor
logo
IRC - a TT electronics ...
WBD-DSOT23V-470-M-470-M IRCTT-WBD-DSOT23V-470-M-470-M Datasheet
423Kb / 3P
   Wire Bondable Resistor/Capacitor Circuits
WBC-R0202AG-01-1002-K IRCTT-WBC-R0202AG-01-1002-K Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
logo
TT Electronics.
WBC TTELEC-WBC_17 Datasheet
359Kb / 3P
   Wire Bondable Chip Resistors
logo
Anaren Microwave
R1K131350R0G5F3 ANAREN-R1K131350R0G5F3 Datasheet
167Kb / 2P
   Wire Bondable
logo
IRC - a TT electronics ...
WBC-R0202CRAG-01-2004-KJ IRCTT-WBC-R0202CRAG-01-2004-KJ Datasheet
378Kb / 3P
   Wire Bondable High Range Chip Resistors
WBC-M0303AG-01-2402-M IRCTT-WBC-M0303AG-01-2402-M Datasheet
524Kb / 3P
   Wire Bondable Multi-tap Chip Resistors
logo
TT Electronics.
WBC-RC TTELEC-WBC-RC Datasheet
524Kb / 3P
   Wire Bondable Resistor
logo
Murata Manufacturing Co...
935142521410-F1T MURATA1-935142521410-F1T Datasheet
857Kb / 10P
   Wire Bondable Vertical Silicon Capacitor WBSC / WLSC 0202 1nF BV150
Rev.2.08
939132425510-W0A MURATA1-939132425510-W0A Datasheet
657Kb / 9P
   Broadband wire bondable / Embedding Silicon Capacitor BBEC 0201M 10nF BV11
Rev. 2.00
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com