Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WBC-M0303AG-01-2402-J Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # WBC-M0303AG-01-2402-J
Description  Wire Bondable Multi-tap Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

WBC-M0303AG-01-2402-J Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  WBC-M0303AG-01-2402-J Datasheet HTML 1Page - IRC - a TT electronics Company. WBC-M0303AG-01-2402-J Datasheet HTML 2Page - IRC - a TT electronics Company. WBC-M0303AG-01-2402-J Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire Bondable
Multi-tap Chip Resistors
High resistor density
MIL inspection available
Multi-tapped chip resistor
WBC Series
Physical Data
Absolute Tolerance
to ±5%
Absolute TCR
to ±25ppm/°C
Package Power Rating
(@ 70°C)
250mW
Rated Operating Voltage
(not to exceed
P x R )
100V
Operating Temperature
-55°C to +150°C
Noise
<-30dB
Substrate Material
Oxidized Silicon
(10KÅ SiO
2 minimum)
Substrate Thickness
0.010˝ ±0.001
(0.254mm ±0.025)
Bond Pad
Metallization
Aluminum
10KÅ minimum
Gold
15KÅ minimum
Backside
Silicon (gold available)
Passivation
Silicon Dioxide or
Silicon Nitride
Electrical Data
0.004˝ min Bond Pads
0.032˝ ±0.001
(0.813mm ±0.025)
Pad 1 chamfered
R
R
R
R
5R
5R
5R
5R
5R
R
5R
R
T = 40 R
1
13
5R
Pad 13
WBC Series Issue January 2009 Sheet 1 of 3


Similar Part No. - WBC-M0303AG-01-2402-J

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
WBC-B0202AG-01-1002-B IRCTT-WBC-B0202AG-01-1002-B Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
WBC-B0202AG-01-1002-C IRCTT-WBC-B0202AG-01-1002-C Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
WBC-B0202AG-01-1002-D IRCTT-WBC-B0202AG-01-1002-D Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
WBC-B0202AG-01-1002-F IRCTT-WBC-B0202AG-01-1002-F Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
WBC-B0202AG-01-1002-G IRCTT-WBC-B0202AG-01-1002-G Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
More results

Similar Description - WBC-M0303AG-01-2402-J

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
WBC-R0202AG-01-1002-K IRCTT-WBC-R0202AG-01-1002-K Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
logo
TT Electronics.
WBC TTELEC-WBC_17 Datasheet
359Kb / 3P
   Wire Bondable Chip Resistors
logo
Vishay Siliconix
MTT VISHAY-MTT Datasheet
101Kb / 3P
   Wire Bondable Thin Film Multi-Tap Resistor Arrays
Revision: 06-Apr-17
MTR VISHAY-MTR Datasheet
92Kb / 3P
   Wire Bondable Thin Film Multi-Tap Resistor Arrays
Revision: 18-Apr-13
logo
IRC - a TT electronics ...
WBC-R0202CRAG-01-2004-KJ IRCTT-WBC-R0202CRAG-01-2004-KJ Datasheet
378Kb / 3P
   Wire Bondable High Range Chip Resistors
WBA-T0303GG-01-1002-KJ IRCTT-WBA-T0303GG-01-1002-KJ Datasheet
507Kb / 3P
   Wire Bondable Ceramic Resistors
logo
Vishay Siliconix
SAK1UF0124 VISHAY-SAK1UF0124 Datasheet
94Kb / 3P
   Current Sensing Bondable Chip Resistors
Revision: 06-Oct-08
logo
TT Electronics.
WBC-C0606AG-102-K TTELEC-WBC-C0606AG-102-K Datasheet
867Kb / 2P
   Wire Bondable Chip Capacitor
logo
IRC - a TT electronics ...
WBC-C0202AA-102-M IRCTT-WBC-C0202AA-102-M Datasheet
754Kb / 2P
   Wire Bondable Chip Capacitor
logo
Anaren Microwave
R1K131350R0G5F3 ANAREN-R1K131350R0G5F3 Datasheet
167Kb / 2P
   Wire Bondable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com