Part Name
         Description
GUS-QS24MLF-330-M-470-K

 TaNCap T-Filter Network ( 2 Page)


IRCTT
100% 
Zoom Out Zoom In
   
 2 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
TaNCap® T-Filter
Network
Physical Data
Model
Body Type
# Pins
Reference IRC Datasheet
QS20x
QSOP
20
Surface Mount QSOP Termination Networks
QS24x
QSOP
24
SL20x
SOIC-W
20
Surface Mount SOIC Termination Networks
SL24x
SOIC-W
24
TS20x
TSSOP
20
Surface Mount TSSOP Termination Networks
TS24x
TSSOP
24
T-Filter Series Issue January 2009 Sheet 2 of 2
Sample Part Number
GUS - QS20T - 330 - K - 470 - M
Family
Model
QS20T, QS20TLF = 20 pin QSOP T Filter
QS24M, QS24MLF = 24 pin QSOP High Frequency T Filter
SL20T, SL20TLF = 20 pin 0.300” SOIC T Filter
SL24M, SL24MLF = 24 pin 0.300” High Frequency T Filter
TS20T, TS20TLF = 20 pin TSSOP T Filter
TS24T, TS24TLF = 24 pin TSSOP High Frequency T Filter
Note: LF suffix indicates 100% matte tin, Pb-free termination
Resistor Code
3-digit resistance code
Example: 330 = 33
Ω, 101 = 100Ω
Resistor Tolerance
K = ±10%, M = ±20%
Capacitor Code
3-digit capacitance code
Example: 470 = 47pF, 101 = 100pF
Capacitor Tolerance
K = ±10%, M = ±20%
Packaging Available
Tubes, Tape & Reel
Ordering Data
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.



Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl