Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GUS-TSCALF-00-1002-J Datasheet(PDF) 4 Page - IRC - a TT electronics Company.

Part # GUS-TSCALF-00-1002-J
Description  Surface Mount TSSOP Resistor Networks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

GUS-TSCALF-00-1002-J Datasheet(HTML) 4 Page - IRC - a TT electronics Company.

  GUS-TSCALF-00-1002-J Datasheet HTML 1Page - IRC - a TT electronics Company. GUS-TSCALF-00-1002-J Datasheet HTML 2Page - IRC - a TT electronics Company. GUS-TSCALF-00-1002-J Datasheet HTML 3Page - IRC - a TT electronics Company. GUS-TSCALF-00-1002-J Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Surface Mount TSSOP
Resistor Networks
Prefix
GUS - TS8A - 01 - 1002 - F
B
Style, Schematic and Termination
TS8A = 16-pin, 8 Isolated Resistors with standard Sn/Pb terminations
TS8ALF = 16-pin, 8 Isolated Resistors with 100% matte tin, Pb-free terminations
TS8B = 16-pin, 15 Bussed Resistors with standard Sn/Pb terminations
TS8BLF = 16-pin, 15 Bussed Resistors with 100% matte tin, Pb-free terminations
TS0A = 20-pin, 10 Isolated Resistors with standard Sn/Pb terminations
TS0ALF = 20-pin, 10 Isolated Resistors with 100% matte tin, Pb-free terminations
TS0B = 20-pin, 19 Bussed Resistors with standard Sn/Pb terminations
TS0BLF = 20-pin, 19 Bussed Resistors with 100% matte tin, Pb-free terminations
TSCA = 24-pin, 12 Isolated Resistors with standard Sn/Pb terminations
TSCALF = 24-pin, 12 Isolated Resistors with 100% matte tin, Pb-free terminations
TSCB = 24-pin, 23 Bussed Resistors with standard Sn/Pb terminations
TSCBLF = 24-pin, 23 Bussed Resistors with 100% matte tin, Pb-free terminations
Absolute TCR Code
00 = ±250 ppm/°C; 01 = ±100 ppm/°C; 02 = ±50 ppm/°C; 03 = ±25 ppm/°C
Resistance Code
4-Digit Resistance Code
Ex: 1002 = 10KΩ, 50R1 = 50.1Ω
Absolute Tolerance Code
J = ±5%; G = ±2%; F = ±1%; D = ±0.5%; C = ±0.25%; B = ±0.1%
Ratio Tolerance Code (optional)
G = ±2%; F = ±1%; D = ±0.5%; C = ±0.25%; B = ±0.1%; A = ±0.05%
Packaging
Specify tubes or tape & reel.
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
Ordering Data
TSSOP Series Issue January 2009 Sheet 4 of 4


Similar Part No. - GUS-TSCALF-00-1002-J

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
GUS-TS005-4462 IRCTT-GUS-TS005-4462 Datasheet
354Kb / 1P
   TS005 Series
GUS-TS20P-330-K-470-K IRCTT-GUS-TS20P-330-K-470-K Datasheet
175Kb / 2P
   TaNCap짰 AC Line Termination Network
GUS-TS20P-330-K-470-M IRCTT-GUS-TS20P-330-K-470-M Datasheet
175Kb / 2P
   TaNCap짰 AC Line Termination Network
GUS-TS20P-330-M-470-K IRCTT-GUS-TS20P-330-M-470-K Datasheet
175Kb / 2P
   TaNCap짰 AC Line Termination Network
GUS-TS20P-330-M-470-M IRCTT-GUS-TS20P-330-M-470-M Datasheet
175Kb / 2P
   TaNCap짰 AC Line Termination Network
More results

Similar Description - GUS-TSCALF-00-1002-J

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
GUS-SS4A-00-1002-J IRCTT-GUS-SS4A-00-1002-J Datasheet
300Kb / 4P
   Surface Mount SOIC Resistor Networks
logo
TT Electronics.
GUS-QS8BLF012001-G TTELEC-GUS-QS8BLF012001-G Datasheet
336Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
Welwyn Components Limit...
SOIC WELWYN-SOIC Datasheet
429Kb / 3P
   Surface Mount SOIC Resistor Networks
logo
IRC - a TT electronics ...
SOT-SOT143-00-A002-G IRCTT-SOT-SOT143-00-A002-G Datasheet
344Kb / 3P
   SOT143 Surface Mount Resistor Networks
GUS-QS8A-00-1002-J IRCTT-GUS-QS8A-00-1002-J Datasheet
387Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
Bi technologies
627T BITECH-627T Datasheet
153Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
627T BITECH-627T Datasheet
61Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
logo
Welwyn Components Limit...
627T WELWYN-627T Datasheet
182Kb / 4P
   CITT V.35 Termination Surface Mount Resistor Networks
logo
IRC - a TT electronics ...
8900SPACE IRCTT-8900SPACE Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
logo
Bi technologies
627V100 BITECH-627V100 Datasheet
53Kb / 4P
   Designed For Pentium Power Supply Surface Mount Resistor Networks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com