Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULRB12512R010FLFSLT Datasheet(PDF) 6 Page - IRC - a TT electronics Company.

Part # ULRB12512R010FLFSLT
Description  Metal Element Current Sense Resistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

ULRB12512R010FLFSLT Datasheet(HTML) 6 Page - IRC - a TT electronics Company.

  ULRB12512R010FLFSLT Datasheet HTML 1Page - IRC - a TT electronics Company. ULRB12512R010FLFSLT Datasheet HTML 2Page - IRC - a TT electronics Company. ULRB12512R010FLFSLT Datasheet HTML 3Page - IRC - a TT electronics Company. ULRB12512R010FLFSLT Datasheet HTML 4Page - IRC - a TT electronics Company. ULRB12512R010FLFSLT Datasheet HTML 5Page - IRC - a TT electronics Company. ULRB12512R010FLFSLT Datasheet HTML 6Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Wire and Film Technologies Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
ULR Issue July 2009 Sheet 6 of 6
IRC Type
Coating Color Code
G = Green, B = Black
Power Rating
(see specs table)
Package Size
Resistance Value (EIA 4-digit code)
Example: 0.010 = R010
Tolerance (EIA format)
F = 1%
J = 5%
RoHS - Compliance
LF = RoHS compliant Construction
Packaging
SLT = Standard Lead Tape
Ordering Data
Specify type, resistance, tolerance, ROHS compliance and packaging.
Example: Metal Element Current Sense Resistor, 1-watt, 10 mΩ resistor.
ULR
1
2512
R010
F
LF
SLT
Sample Part No.
Packaging Quantity
Series
Emboss Plastic Tape
2512
2,000
2010
2,000
1206
2,000
G
Product Marking
Part resistance is indicated by using two marking notation syles:
4-digit: R002 = 2 mΩ; R designates the decimal location in ohms.
3-digit: 1M5 = 1.5 mΩ; M designates the decimal location in milli-
ohm.


Similar Part No. - ULRB12512R010FLFSLT

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
ULR WELWYN-ULR Datasheet
146Kb / 3P
   Metal Strip Current Sense Resistors Surface Mount
logo
Illinois Capacitor, Inc...
ULR ILLINOISCAPACITOR-ULR Datasheet
259Kb / 3P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
logo
Welwyn Components Limit...
ULR1 WELWYN-ULR1 Datasheet
430Kb / 3P
   Metal Strip Current Sense Resistors Surface Mount
ULR2 WELWYN-ULR2 Datasheet
430Kb / 3P
   Metal Strip Current Sense Resistors Surface Mount
ULR25 WELWYN-ULR25 Datasheet
430Kb / 3P
   Metal Strip Current Sense Resistors Surface Mount
More results

Similar Description - ULRB12512R010FLFSLT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OAR3R015FLF ETC2-OAR3R015FLF Datasheet
570Kb / 4P
   Open Air Resistor Metal Element Current Sense
logo
Ohmite Mfg. Co.
MCS OHMITE-MCS Datasheet
491Kb / 2P
   Metal Element Current Sense
logo
TT Electronics.
OAR3R025FLF TTELEC-OAR3R025FLF Datasheet
635Kb / 4P
   Open Air Resistor Metal Element Current Sense OAR
logo
Ohmite Mfg. Co.
600HR050E OHMITE-600HR050E Datasheet
119Kb / 1P
   Two Terminal Metal Element Current Sense
60SERIES OHMITE-60SERIES Datasheet
273Kb / 1P
   Two Terminal Metal Element Current Sense
logo
KOA Speer Electronics, ...
TLR3ADTE3L00F KOA-TLR3ADTE3L00F Datasheet
289Kb / 2P
   Metal plate current sense resistor
logo
Bourns Electronic Solut...
CFN BOURNS-CFN Datasheet
464Kb / 5P
   Metal Foil, Current Sense Resistor
logo
KOA Speer Electronics, ...
TLR2BND KOA-TLR2BND Datasheet
97Kb / 2P
   metal plate current sense resistor
TLR2B KOA-TLR2B Datasheet
443Kb / 2P
   metal plate current sense resistor
TLR-2BW KOA-TLR-2BW Datasheet
442Kb / 2P
   metal plate current sense resistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com